データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC164D データシート(PDF) 1 Page - NXP Semiconductors

部品番号 74HC164D
部品情報  8-bit serial-in, parallel-out shift register
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC164D データシート(HTML) 1 Page - NXP Semiconductors

  74HC164D Datasheet HTML 1Page - NXP Semiconductors 74HC164D Datasheet HTML 2Page - NXP Semiconductors 74HC164D Datasheet HTML 3Page - NXP Semiconductors 74HC164D Datasheet HTML 4Page - NXP Semiconductors 74HC164D Datasheet HTML 5Page - NXP Semiconductors 74HC164D Datasheet HTML 6Page - NXP Semiconductors 74HC164D Datasheet HTML 7Page - NXP Semiconductors 74HC164D Datasheet HTML 8Page - NXP Semiconductors 74HC164D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1.
General description
The 74HC164; 74HCT164 are high-speed Si-gate CMOS devices and are pin compatible
with Low power Schottky TTL (LSTTL). They are specified in compliance with JEDEC
standard no. 7A.
The 74HC164; 74HCT164 are 8-bit edge-triggered shift registers with serial data entry
and an output from each of the eight stages. Data is entered serially through one of two
inputs (DSA or DSB); either input can be used as an active HIGH enable for data entry
through the other input. Both inputs must be connected together or an unused input must
be tied HIGH.
Data shifts one place to the right on each LOW-to-HIGH transition of the clock (CP) input
and enters into Q0, which is the logical AND of the two data inputs (DSA and DSB) that
existed one set-up time prior to the rising clock edge.
A LOW level on the master reset (MR) input overrides all other inputs and clears the
register asynchronously, forcing all outputs LOW.
2.
Features
Input levels:
For 74HC164: CMOS level
For 74HCT164: TTL level
Gated serial data inputs
Asynchronous master reset
Complies with JEDEC standard no. 7A
ESD protection:
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V.
Multiple package options
Specified from
−40 °C to +85 °C and −40 °C to +125 °C.
74HC164; 74HCT164
8-bit serial-in, parallel-out shift register
Rev. 04 — 2 February 2010
Product data sheet


同様の部品番号 - 74HC164D

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC164D PHILIPS-74HC164D Datasheet
131Kb / 24P
   8-bit serial-in, parallel-out shift register
Rev. 03-4 April 2005
74HC164D NXP-74HC164D Datasheet
146Kb / 20P
   8-bit serial-in, parallel-out shift register
Rev. 7-13 June 2013
logo
Nexperia B.V. All right...
74HC164D NEXPERIA-74HC164D Datasheet
286Kb / 17P
   8-bit serial-in, parallel-out shift register
logo
Toshiba Semiconductor
74HC164D TOSHIBA-74HC164D Datasheet
213Kb / 11P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-07-07 Rev.3.0
logo
Nexperia B.V. All right...
74HC164D-Q100 NEXPERIA-74HC164D-Q100 Datasheet
725Kb / 18P
   8-bit serial-in, parallel-out shift register
More results

同様の説明 - 74HC164D

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com