データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HCT9046A データシート(PDF) 2 Page - NXP Semiconductors

部品番号 74HCT9046A
部品情報  PLL with band gap controlled VCO
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT9046A データシート(HTML) 2 Page - NXP Semiconductors

  74HCT9046A Datasheet HTML 1Page - NXP Semiconductors 74HCT9046A Datasheet HTML 2Page - NXP Semiconductors 74HCT9046A Datasheet HTML 3Page - NXP Semiconductors 74HCT9046A Datasheet HTML 4Page - NXP Semiconductors 74HCT9046A Datasheet HTML 5Page - NXP Semiconductors 74HCT9046A Datasheet HTML 6Page - NXP Semiconductors 74HCT9046A Datasheet HTML 7Page - NXP Semiconductors 74HCT9046A Datasheet HTML 8Page - NXP Semiconductors 74HCT9046A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
74HCT9046A_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 15 September 2009
2 of 43
NXP Semiconductors
74HCT9046A
PLL with band gap controlled VCO
3.
Applications
I FM modulation and demodulation where a small center frequency tolerance is
essential
I Frequency synthesis and multiplication where a low jitter is required (e.g. video
picture-in-picture)
I Frequency discrimination
I Tone decoding
I Data synchronization and conditioning
I Voltage-to-frequency conversion
I Motor-speed control
4.
Ordering information
Table 1.
Ordering information
Type number
Package
Temperature range Name
Description
Version
74HCT9046AN
−40 °C to +125 °C
DIP16
plastic dual in-line package; 16 leads (300 mil)
SOT38-4
74HCT9046AD
−40 °C to +125 °C
SO16
plastic small outline package; 16 leads; body width
3.9 mm
SOT109-1
74HCT9046APW
−40 °C to +125 °C
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1


同様の部品番号 - 74HCT9046A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HCT9046A PHILIPS-74HCT9046A Datasheet
240Kb / 40P
   PLL with bandgap controlled VCO
1999 Jan 11
logo
Nexperia B.V. All right...
74HCT9046A NEXPERIA-74HCT9046A Datasheet
667Kb / 36P
   PLL with band gap controlled VCO
Rev. 9 - 20 March 2020
logo
NXP Semiconductors
74HCT9046AD PHILIPS-74HCT9046AD Datasheet
240Kb / 40P
   PLL with bandgap controlled VCO
1999 Jan 11
logo
Nexperia B.V. All right...
74HCT9046AD NEXPERIA-74HCT9046AD Datasheet
667Kb / 36P
   PLL with band gap controlled VCO
Rev. 9 - 20 March 2020
logo
NXP Semiconductors
74HCT9046AN PHILIPS-74HCT9046AN Datasheet
240Kb / 40P
   PLL with bandgap controlled VCO
1999 Jan 11
More results

同様の説明 - 74HCT9046A

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74HCT9046A NEXPERIA-74HCT9046A Datasheet
667Kb / 36P
   PLL with band gap controlled VCO
Rev. 9 - 20 March 2020
logo
NXP Semiconductors
74HCT9046A PHILIPS-74HCT9046A Datasheet
240Kb / 40P
   PLL with bandgap controlled VCO
1999 Jan 11
logo
Analog Devices
ADMV4420 AD-ADMV4420 Datasheet
1Mb / 61P
   K Band Downconverter with Integrated Fractional-N PLL and VCO
ADMV4540 AD-ADMV4540 Datasheet
4Mb / 54P
   K Band Quadrature Demodulator with Integrated Fractional-N PLL and VCO
ADMV4530 AD-ADMV4530 Datasheet
1Mb / 59P
   Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
logo
Texas Instruments
TRF3761 TI-TRF3761 Datasheet
443Kb / 18P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3762 TI-TRF3762 Datasheet
1Mb / 33P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
logo
Analog Devices
HMC837LP6CE AD-HMC837LP6CE Datasheet
777Kb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
logo
Semtech Corporation
SX1781 SEMTECH-SX1781 Datasheet
460Kb / 16P
   PLL Frequency Synthesizer with Integrated VCO
ACS1790T SEMTECH-ACS1790T Datasheet
1Mb / 48P
   PLL Frequency Synthesizer with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com