データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD00FA3WEFJ-E2 データシート(PDF) 11 Page - Rohm

部品番号 BD00FA3WEFJ-E2
部品情報  300mA Secondary Variable Output LDO Regulators for Local Power Supplies
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BD00FA3WEFJ-E2 データシート(HTML) 11 Page - Rohm

Back Button BD00FA3WEFJ-E2 Datasheet HTML 4Page - Rohm BD00FA3WEFJ-E2 Datasheet HTML 5Page - Rohm BD00FA3WEFJ-E2 Datasheet HTML 6Page - Rohm BD00FA3WEFJ-E2 Datasheet HTML 7Page - Rohm BD00FA3WEFJ-E2 Datasheet HTML 8Page - Rohm BD00FA3WEFJ-E2 Datasheet HTML 9Page - Rohm BD00FA3WEFJ-E2 Datasheet HTML 10Page - Rohm BD00FA3WEFJ-E2 Datasheet HTML 11Page - Rohm BD00FA3WEFJ-E2 Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
www.rohm.com
2010.04 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD00HA3WEFJ
Technical Note
11/11
Type Designations (Ordering Information)
B D
0
0
H
A
3
W
E
F
J
-
E
2
ROHM
Part Number
Output voltage
00 : Variable
Voltage
resistance
E:24V
F:20V
G:15V
H:10V
I:7V
Output cuurent
A1:0.1A
A3:0.3A
A5:0.5A
C0:1.0A
C5:1.5A
D0:2.0A
Shutdown switch
“W”:Built in
”:None
Package
EFJ :HTSOP-J8
Packaging
specifications
E2:Emboss tape reel
(Unit : mm)
HTSOP-J8
0.08 S
0.08 M
S
1.27
0.42
+0.05
-0.04
4
°
+6°
−4°
0.17
+0.05
-0.03
234
5
6
8
(MAX 5.25 include BURR)
7
1
0.545
(3.2)
4.9
±0.1
1PIN MARK
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand
2500pcs
E2
()
Direction of feed
Reel
1pin


同様の部品番号 - BD00FA3WEFJ-E2

メーカー部品番号データシート部品情報
logo
Rohm
BD00FA3WEFJ-E2 ROHM-BD00FA3WEFJ-E2 Datasheet
523Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00FA3WEFJ-E2 ROHM-BD00FA3WEFJ-E2 Datasheet
463Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00FA3WEFJ-E2 ROHM-BD00FA3WEFJ-E2 Datasheet
543Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00FA3WEFJ-E2 ROHM-BD00FA3WEFJ-E2 Datasheet
457Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00FA3WEFJ-E2 ROHM-BD00FA3WEFJ-E2 Datasheet
491Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
More results

同様の説明 - BD00FA3WEFJ-E2

メーカー部品番号データシート部品情報
logo
Rohm
BD00GA3WEFJ ROHM-BD00GA3WEFJ Datasheet
523Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HC5WEFJ ROHM-BD00HC5WEFJ Datasheet
492Kb / 12P
   1.5A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HA5WEFJ ROHM-BD00HA5WEFJ Datasheet
457Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA5WEFJ ROHM-BD00GA5WEFJ Datasheet
463Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HC0WEFJ ROHM-BD00HC0WEFJ Datasheet
491Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GC0WEFJ ROHM-BD00GC0WEFJ Datasheet
543Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BA3259HFP ROHM-BA3259HFP_09 Datasheet
383Kb / 10P
   Dual-output Secondary Fixed/Variable Output LDO Regulators for Local Power Supplies
BA3258HFP ROHM-BA3258HFP_09 Datasheet
357Kb / 9P
   Dual-output Secondary Fixed Output LDO Regulators for Local Power Supplies
BDXXKA5 ROHM-BDXXKA5 Datasheet
364Kb / 10P
   500mA Secondary LDO Regulators for Local Power Supplies
BAXXBC0 ROHM-BAXXBC0_10 Datasheet
392Kb / 10P
   1A Secondary LDO Regulators for Local Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com