データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BF1108 データシート(PDF) 2 Page - NXP Semiconductors

部品番号 BF1108
部品情報  Silicon RF switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF1108 データシート(HTML) 2 Page - NXP Semiconductors

  BF1108 Datasheet HTML 1Page - NXP Semiconductors BF1108 Datasheet HTML 2Page - NXP Semiconductors BF1108 Datasheet HTML 3Page - NXP Semiconductors BF1108 Datasheet HTML 4Page - NXP Semiconductors BF1108 Datasheet HTML 5Page - NXP Semiconductors BF1108 Datasheet HTML 6Page - NXP Semiconductors BF1108 Datasheet HTML 7Page - NXP Semiconductors BF1108 Datasheet HTML 8Page - NXP Semiconductors BF1108 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
BF1108_BF1108R_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 29 May 2008
2 of 10
NXP Semiconductors
BF1108; BF1108R
Silicon RF switches
2.
Pinning information
[1]
Drain and source are interchangeable.
3.
Ordering information
4.
Marking
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
BF1108 (SOT143B)
1
FET gate; diode anode
2
diode cathode
3
source
[1]
4
drain
[1]
BF1108R (SOT143R)
1
FET gate; diode anode
2
diode cathode
3
source
[1]
4
drain
[1]
2
1
3
4
001aai042
43
12
21
4
3
001aai043
34
21
Table 3.
Ordering information
Type number
Package
Name Description
Version
BF1108
-
plastic surface-mounted package; 4 leads
SOT143B
BF1108R
-
plastic surface-mounted package; reverse pinning;
4 leads
SOT143R
Table 4.
Marking
Type number
Marking code
BF1108
NGp
BF1108R
NHp


同様の部品番号 - BF1108

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BF1108 PHILIPS-BF1108 Datasheet
61Kb / 12P
   Silicon RF switches
1999 Nov 18
BF1108 NXP-BF1108 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF1108R PHILIPS-BF1108R Datasheet
61Kb / 12P
   Silicon RF switches
1999 Nov 18
BF1108R NXP-BF1108R Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF1108W NXP-BF1108W Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

同様の説明 - BF1108

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BF1108 PHILIPS-BF1108 Datasheet
61Kb / 12P
   Silicon RF switches
1999 Nov 18
logo
Quanzhou Jinmei Electro...
BF1108_2015 JMNIC-BF1108_2015 Datasheet
73Kb / 12P
   Silicon RF switches
BF1108 JMNIC-BF1108_15 Datasheet
73Kb / 12P
   Silicon RF switches
logo
Murata Manufacturing Co...
LMSP43AA-191 MURATA-LMSP43AA-191 Datasheet
181Kb / 1P
   RF Diode Switches
logo
Magnetrol International...
80-5212-322 MAGNETROL-80-5212-322 Datasheet
409Kb / 28P
   RF Point Level Switches
80-5212-302 MAGNETROL-80-5212-302 Datasheet
126Kb / 4P
   Kotron짰 RF Point Level Switches
logo
Maxim Integrated Produc...
IH5341 MAXIM-IH5341 Datasheet
337Kb / 4P
   Dual/Quad RF/Video Switches
19-0946; Rev 1a; 12/94
logo
New Jersey Semi-Conduct...
MBS4991 NJSEMI-MBS4991 Datasheet
80Kb / 2P
   Silicon Bidirectional Switches
logo
Hirose Electric
HCS2-150-F HIROSE-HCS2-150-F Datasheet
50Kb / 3P
   RF Coaxial Switches (DC to 15 GHz)
logo
Siemens Semiconductor G...
BXY44 SIEMENS-BXY44 Datasheet
135Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com