データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD12TD2WNVX-TL データシート(PDF) 11 Page - Rohm

部品番号 BD12TD2WNVX-TL
部品情報  Ultra Small Package CMOS LDO Regulators suitable for High-density Mounting
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BD12TD2WNVX-TL データシート(HTML) 11 Page - Rohm

Back Button BD12TD2WNVX-TL Datasheet HTML 7Page - Rohm BD12TD2WNVX-TL Datasheet HTML 8Page - Rohm BD12TD2WNVX-TL Datasheet HTML 9Page - Rohm BD12TD2WNVX-TL Datasheet HTML 10Page - Rohm BD12TD2WNVX-TL Datasheet HTML 11Page - Rohm BD12TD2WNVX-TL Datasheet HTML 12Page - Rohm BD12TD2WNVX-TL Datasheet HTML 13Page - Rohm BD12TD2WNVX-TL Datasheet HTML 14Page - Rohm BD12TD2WNVX-TL Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
Technical Note
11/40
BU□□TD2WNVX Series
www.rohm.com
2010.02 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Fig.67. Load Response
1.85
1.80
1.75
1.90
IOUT=50mA→0mA
VIN=2.8V
STBY=1.5V
COUT=0.47uF
Fig.68. Load Response
1.80
1.75
1.70
1.85
IOUT=0mA→100mA
Fig.69. Load Response
IOUT=100mA→0mA
VIN=2.8V
STBY=1.5V
COUT=0.47uF
1.85
1.80
1.75
1.90
●Reference data BU18TD2WNVX (Ta=25ºC unless otherwise specified.)
Fig.72. Load Response
1.80
1.70
1.60
1.90
50
100
0
IOUT=50mA→100mA
Fig.66. Load Response
1.80
1.75
1.70
1.85
50
100
0
IOUT=0mA→50mA
50
100
0
Fig.73. Load Response
IOUT=100mA→50mA
VIN=2.8V
STBY=1.5V
COUT=0.47uF
1.80
1.75
1.70
1.85
Fig.70. Load Response
1.80
1.70
1.60
1.90
100
200
0
IOUT=0mA→200mA
Fig.71. Load Response
IOUT=200mA→0mA
VIN=2.8V
STBY=1.5V
COUT=0.47uF
100
200
0
1.90
1.80
1.70
2.00
50
100
0
50
100
0
50
100
0


同様の部品番号 - BD12TD2WNVX-TL

メーカー部品番号データシート部品情報
logo
ITT Industries
BD12 ITT-BD12 Datasheet
170Kb / 2P
   Standard Profile DIP Switches
logo
C&K Components
BD12 CK-COMPONENTS-BD12 Datasheet
122Kb / 2P
   Standard Profile DIP Switches
BD12 CK-COMPONENTS-BD12 Datasheet
174Kb / 2P
   Standard Profile DIP Switches
BD12 CK-COMPONENTS-BD12 Datasheet
279Kb / 3P
   Standard Profile DIP Switches
1999
logo
Yantel Corporation
BD1200U510-1306 YANTEL-BD1200U510-1306 Datasheet
407Kb / 3P
   Ultra Low Profile 1306 Balun 50廓 to 100廓 Balanced
More results

同様の説明 - BD12TD2WNVX-TL

メーカー部品番号データシート部品情報
logo
Rohm
BHXXRB1WGUT ROHM-BHXXRB1WGUT_09 Datasheet
304Kb / 9P
   Ultra Small Package CMOS LDO Regulators
logo
Shanghai Leiditech Elec...
BZT52C56 LEIDITECH-BZT52C56 Datasheet
895Kb / 3P
   Small package size suitable for high-density applications
BZT52C3V3 LEIDITECH-BZT52C3V3 Datasheet
895Kb / 3P
   Small package size suitable for high-density applications
BZT52C62 LEIDITECH-BZT52C62 Datasheet
895Kb / 3P
   Small package size suitable for high-density applications
BZT52C82 LEIDITECH-BZT52C82 Datasheet
912Kb / 3P
   Small package size suitable for high-density applications
BZT52C5V6 LEIDITECH-BZT52C5V6 Datasheet
928Kb / 3P
   Small package size suitable for high-density applications
logo
Rohm
BU10JA2MNVX-C ROHM-BU10JA2MNVX-C Datasheet
1Mb / 21P
   Ultra-Small Package FULL CMOS LDO Regulator
logo
Torex Semiconductor
XC6213 TOREX-XC6213_1 Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
logo
Micropac Industries
61059 MICROPAC-61059 Datasheet
89Kb / 3P
   Suitable for high-density PC Board mounting
logo
Torex Semiconductor
XC6213 TOREX-XC6213_2 Datasheet
1,014Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Ultra Small Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com