データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL22317WFRTZ データシート(PDF) 10 Page - Intersil Corporation

部品番号 ISL22317WFRTZ
部品情報  Precision Single Digitally Controlled Potentiometer (XDCP??
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22317WFRTZ データシート(HTML) 10 Page - Intersil Corporation

Back Button ISL22317WFRTZ Datasheet HTML 6Page - Intersil Corporation ISL22317WFRTZ Datasheet HTML 7Page - Intersil Corporation ISL22317WFRTZ Datasheet HTML 8Page - Intersil Corporation ISL22317WFRTZ Datasheet HTML 9Page - Intersil Corporation ISL22317WFRTZ Datasheet HTML 10Page - Intersil Corporation ISL22317WFRTZ Datasheet HTML 11Page - Intersil Corporation ISL22317WFRTZ Datasheet HTML 12Page - Intersil Corporation ISL22317WFRTZ Datasheet HTML 13Page - Intersil Corporation ISL22317WFRTZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
FN6912.1
April 15, 2010
Pin Description
Potentiometers Pins
RH AND RL
The high (RH) and low (RL) terminals of the ISL22317 are
equivalent to the fixed terminals of a mechanical
potentiometer. RH and RL are referenced to the relative
position of the wiper and the voltage potential on the
terminals. With WR set to 127 decimal, the wiper will be
closest to RH. With the WR set to 0, the wiper is closest to
RL. The voltage potential on the RH terminal must be higher
than voltage potential on RL terminal.
RW
RW is the wiper terminal and is equivalent to the movable
terminal of a mechanical potentiometer. The position of the
wiper within the array is determined by the WR register.
REF_A, REF_B
REF_A and REF_B are pins to connect an external resistor.
If application is required to connect RL terminal to GND, then
the REF_B pin should also be connected to GND.
Warning! Do not connect REF_A to GND under any
circumstances. That may damage the ISL22317.
Bus Interface Pins
SERIAL DATA INPUT/OUTPUT (SDA)
The SDA is a bidirectional serial data input/output pin for I2C
interface. It receives device address, operation code, wiper
address and data from an I2C external master device at the
rising edge of the serial clock SCL, and it shifts out data after
each falling edge of the serial clock.
SDA requires an external pull-up resistor, since it is an open
drain input/output.
SERIAL CLOCK (SCL)
This input is the serial clock of the I2C serial interface.
DEVICE ADDRESS (A1)
The address input is used to set the A1 bit of the 7-bit I2C
interface slave address, see Table 4. A match in the slave
address serial data stream must match with the Address
input pins in order to initiate communication with the
FIGURE 17. TC FOR RHEOSTAT MODE (10k/50k/100k) IN ppm
[RREF 2ppm/°C]
FIGURE 18. TC FOR VOLTAGE DIVIDER MODE (10k/50k/100k)
IN ppm [RREF 10ppm/°C]
FIGURE 19. STANDBY ICC vs TEMPERATURE
FIGURE 20. WIPER RESISTANCE vs TAP POSITION WHEN
PRECISION IS OFF
Typical Performance Curves (Continued)
0
10
20
30
40
15
35
55
75
95
115
TAP POSITION (DECIMAL)
VCC = 5.5V
VCC = 2.7V
0
10
20
30
40
15
35
55
75
95
115
TAP POSITION (DECIMAL)
VCC = 5.5V
VCC = 2.7V
0
200
400
600
800
-40
0
40
80
120
TEMPERATURE (°C)
VCC = 5.5V
VCC = 2.7V
0
20
40
60
80
100
0
20406080
100
120
TAP POSITION (DECIMAL)
T = +125°C
T = +25°C
T = -40°C
VCC = 5.5V
ISL22317


同様の部品番号 - ISL22317WFRTZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL22317WFRTZ INTERSIL-ISL22317WFRTZ Datasheet
487Kb / 15P
   Precision Single Digitally Controlled Potentiometer (XDCP??
ISL22317WFRTZ INTERSIL-ISL22317WFRTZ Datasheet
600Kb / 15P
   Low Noise, Low Power, I2C??Bus, 128 Taps
April 15, 2010
logo
Renesas Technology Corp
ISL22317WFRTZ RENESAS-ISL22317WFRTZ Datasheet
848Kb / 15P
   Precision Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
More results

同様の説明 - ISL22317WFRTZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL22317 INTERSIL-ISL22317 Datasheet
487Kb / 15P
   Precision Single Digitally Controlled Potentiometer (XDCP??
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com