データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL21080DIH310Z-TK データシート(PDF) 7 Page - Intersil Corporation

部品番号 ISL21080DIH310Z-TK
部品情報  300nA NanoPower Voltage References
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21080DIH310Z-TK データシート(HTML) 7 Page - Intersil Corporation

Back Button ISL21080DIH310Z-TK Datasheet HTML 3Page - Intersil Corporation ISL21080DIH310Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21080DIH310Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21080DIH310Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21080DIH310Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21080DIH310Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21080DIH310Z-TK Datasheet HTML 9Page - Intersil Corporation ISL21080DIH310Z-TK Datasheet HTML 10Page - Intersil Corporation ISL21080DIH310Z-TK Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
FN6934.4
May 25, 2010
Electrical Specifications (ISL21080-33, VOUT = 3.3V) VIN = 5.0V, TA = -40°C to +85°C, IOUT = 0, unless otherwise
specified. Boldface limits apply over the operating temperature range, -40°C to
+85°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 12) TYP
MAX
(Note 12)
UNIT
VOUT
Output Voltage
3.3
V
VOA
VOUT Accuracy @ TA = +25°C (Notes 7, 8)
-0.2
+0.2
%
TC VOUT
Output Voltage Temperature Coefficient
(Note 9)
50
ppm/°C
VIN
Input Voltage Range
3.5
5.5
V
IIN
Supply Current
0.31
1.5
µA
ΔVOUT /ΔVIN Line Regulation
3.5 V < VIN < 5.5V
80
350
µV/V
ΔVOUT/ΔIOUT Load Regulation
Sourcing: 0mA ≤ IOUT ≤ 10mA
25
100
µV/mA
Sinking: -10mA ≤ IOUT ≤ 0mA
50
350
µV/mA
ISC
Short Circuit Current
TA = +25°C, VOUT tied to GND
50
mA
tR
Turn-on Settling Time
VOUT = ±0.1% with no load
4
ms
Ripple Rejection
f = 120Hz
-40
dB
eN
Output Voltage Noise
0.1Hz ≤ f ≤ 10Hz
30
µVP-P
VN
Broadband Voltage Noise
10Hz ≤ f ≤ 1kHz
52
µVRMS
Noise Density
f = 1kHz
1.1
µV/√Hz
ΔVOUT/ΔTA
Thermal Hysteresis (Note 10)
ΔTA = +165°C
100
ppm
ΔVOUT/Δt
Long Term Stability (Note 11)
TA = +25°C
50
ppm
Electrical Specifications (ISL21080-41 VOUT = 4.096V) VIN = 5.0V, TA = -40°C to +85°C, IOUT = 0, unless otherwise
specified. Boldface limits apply over the operating temperature range,
-40°C to +85°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 12)
TYP
MAX
(Note 12)
UNIT
VOUT
Output Voltage
4.096
V
VOA
VOUT Accuracy @ TA = +25°C (Notes 7, 8)
-0.2
+0.2
%
TC VOUT
Output Voltage Temperature
Coefficient (Note 9)
50
ppm/°C
VIN
Input Voltage Range
4.5
8.0
V
IIN
Supply Current
0.5
1.5
µA
ΔVOUT /ΔVIN Line Regulation
4.5 V < VIN < 8.0V
80
350
µV/V
ΔVOUT/ΔIOUT Load Regulation
Sourcing: 0mA ≤ IOUT ≤ 10mA
10
100
µV/mA
Sinking: -10mA ≤ IOUT ≤ 0mA
20
350
µV/mA
ISC
Short Circuit Current
TA = +25°C, VOUT tied to GND
80
mA
tR
Turn-on Settling Time
VOUT = ±0.1% with no load
4
ms
Ripple Rejection
f = 120Hz
-40
dB
eN
Output Voltage Noise
0.1Hz ≤ f ≤ 10Hz
30
µVP-P
VN
Broadband Voltage Noise
10Hz ≤ f ≤ 1kHz
52
µVRMS
Noise Density
f = 1kHz
1.1
µV/√Hz
ΔVOUT/ΔTA
Thermal Hysteresis (Note 10)
ΔTA = +165°C
100
ppm
ΔVOUT/Δt
Long Term Stability (Note 11)
TA = +25°C
50
ppm
ISL21080


同様の部品番号 - ISL21080DIH310Z-TK

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL21080DIH310Z-TK INTERSIL-ISL21080DIH310Z-TK Datasheet
658Kb / 17P
   300nA NanoPower Voltage References
ISL21080DIH310Z-TK INTERSIL-ISL21080DIH310Z-TK Datasheet
927Kb / 20P
   300nA NanoPower Voltage References
June 23, 2014
logo
Renesas Technology Corp
ISL21080DIH310Z-TK RENESAS-ISL21080DIH310Z-TK Datasheet
1Mb / 21P
   300nA NanoPower Voltage References
More results

同様の説明 - ISL21080DIH310Z-TK

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL21080 RENESAS-ISL21080 Datasheet
1Mb / 21P
   300nA NanoPower Voltage References
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080_09 Datasheet
658Kb / 17P
   300nA NanoPower Voltage References
ISL21080DIH309Z-TK INTERSIL-ISL21080DIH309Z-TK Datasheet
927Kb / 20P
   300nA NanoPower Voltage References
June 23, 2014
ISL21080 INTERSIL-ISL21080 Datasheet
474Kb / 10P
   300nA NanoPower Voltage References
logo
3PEAK INC.
TP2111 3PEAK-TP2111 Datasheet
801Kb / 18P
   Nanopower 300nA, 1.8V, Rail-to-Rail Input/Output Op-amps
logo
Touchstone Semiconducto...
TSM9117 TOUCHSTONE-TSM9117 Datasheet
913Kb / 17P
   1.6V Nanopower Comparators with/without Internal References
logo
Silicon Laboratories
TSM9117 SILABS-TSM9117 Datasheet
1Mb / 18P
   1.6V Nanopower Comparators with/without Internal References
logo
Advanced Monolithic Sys...
AMS04 ADMOS-AMS04 Datasheet
40Kb / 4P
   VOLTAGE REFERENCES
logo
Texas Instruments
REF1925 TI1-REF1925 Datasheet
2Mb / 31P
[Old version datasheet]   Voltage References
logo
Maxim Integrated Produc...
MAXM17225 MAXIM-MAXM17225 Datasheet
879Kb / 14P
   Tiny, 0.4V to 5.5V Input, 300nA IQ, nanoPower Boost Module with True Shutdown
19-101160; Rev 1; 8/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com