データシートサーチシステム |
|
DAC1003D160HW データシート(PDF) 9 Page - NXP Semiconductors |
|
DAC1003D160HW データシート(HTML) 9 Page - NXP Semiconductors |
9 / 19 page DAC1003D160_2 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 02 — 13 August 2008 9 of 19 NXP Semiconductors DAC1003D160 Dual 10 bits DAC, up to 160 MHz, 2 x interpolation [1] Guaranteed by design. In(o) output noise current - 120 - pA/ √Hz Eoffset offset error relative to full-scale - −0.3 - % EG gain error relative to full-scale −5.4 - +5.4 % ∆GIQ IQ gain mismatch between I and Q, relative to full-scale - ±0.2 - % SFDR spurious free dynamic range fclk = 80 MHz; B = Nyquist fo = 2.5 MHz at 0 dBFS - 80 - dBc fo = 5 MHz at 0 dBFS - 72 - dBc fo = 13 MHz at 0 dBFS - 64 - dBc α2H second harmonic level fo = 5 MHz - 73 - dBc fo = 13 MHz - 65 - dBc α3H third harmonic level fo = 5 MHz - 88 - dBc fo = 13 MHz - 86 - dBc IMD2 second-order intermodulation distortion fclk = 80 MHZ; fo 1 = 10 MHz; fo 2 = 12 MHz; B = Nyquist - 65 - dBc IMD3 third-order intermodulation distortion fclk = 80 MHz; fo 1 = 10 MHz; fo 2 = 12 MHz - 84 - dBc THD total harmonic distortion fclk = 80 MHz; B = Nyquist; Tamb =25 °C fo = 2.5 MHz - 75 - dBc fo = 5 MHz 68 71 - dBc NSD noise spectral density fclk =80MHz fo = 2.5 MHz - −155 - dBm/Hz fo = 5 MHz - −155 - dBm/Hz fo = 19 MHz - −153 - dBm/Hz S/N signal-to-noise ratio fclk = 80 Msample/s; B = Nyquist fo = 2.5 MHz - 80 - dBc fo = 5 MHz 70 80 - dBc fo = 19 MHz - 78 - dBc ACPR adjacent channel power ratio baseband; 5 MHz channel spacing; B = 3.84 MHz fo = 2.5 MHz - 60 - dBc fo = 20 MHz - 61 - dBc Table 5. Characteristics …continued VCCD =VCCA = 3.0 V to 3.6 V; AGND and DGND connected together; Tamb = −40 °C to +85 °C; typical values measured at VCCD =VCCA = 3.3 V, IO(fs) = 20 mA and Tamb =25 °C; dynamic parameters measured using output schematic given in Figure 10; unless otherwise specified. Symbol Parameter Conditions Min Typ Max Unit Table 6. Band gap Band gap disable (GAPD) Band gap input/output (GAPOUT) Internal band gap LOW output (VGAPOUT = 1.2 V) enable HIGH input disable |
同様の部品番号 - DAC1003D160HW |
|
同様の説明 - DAC1003D160HW |