データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM311PW データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM311PW
部品情報  DIFFERENTIAL COMPARATORS WITH STROBES
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM311PW データシート(HTML) 11 Page - Texas Instruments

Back Button LM311PW Datasheet HTML 7Page - Texas Instruments LM311PW Datasheet HTML 8Page - Texas Instruments LM311PW Datasheet HTML 9Page - Texas Instruments LM311PW Datasheet HTML 10Page - Texas Instruments LM311PW Datasheet HTML 11Page - Texas Instruments LM311PW Datasheet HTML 12Page - Texas Instruments LM311PW Datasheet HTML 13Page - Texas Instruments LM311PW Datasheet HTML 14Page - Texas Instruments LM311PW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LM111, LM211, LM311
DIFFERENTIAL COMPARATORS WITH STROBES
SLCS007H − SEPTEMBER 1973 − REVISED AUGUST 2003
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
Figure 11 through Figure 29 show various applications for the LM111, LM211, and LM311 comparators.
Figure 11. 100-kHz Free-Running Multivibrator
VCC+
39 k
Ω
1200 pF
20 k
Ω
1 k
Ω
10 k
Ω
20 k
Ω
Square Wave
Output
(fanout to two
Series 54 gates,
or equivalent)
NOTE: If offset balancing is not used,
the BALANCE and BAL/STRB
pins should be shorted together.
Figure 12. Offset Balancing
3 k
Ω
3 k
Ω
VCC+
BALANCE
BAL/
STRB
Figure 13. Strobing
1 k
Ω
BAL/STRB
TTL
Strobe
2N2222
NOTE: Do not connect strobe pin
directly to ground, because the
output is turned off whenever
current is pulled from the strobe
pin.
Figure 14. Zero-Crossing Detector
VCC+
Input
VCC−
20 k
Ω
Output


同様の部品番号 - LM311PW

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM311PW TI-LM311PW Datasheet
506Kb / 25P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM311PW TI1-LM311PW Datasheet
1Mb / 31P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM311PW TI1-LM311PW Datasheet
2Mb / 38P
[Old version datasheet]   Quad Differential Comparators
LM311PW TI1-LM311PW Datasheet
2Mb / 38P
[Old version datasheet]   LMx11 Quad Differential Comparators
LM311PWE4 TI1-LM311PWE4 Datasheet
1Mb / 31P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
More results

同様の説明 - LM311PW

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM111 TI-LM111 Datasheet
506Kb / 25P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM211P TI1-LM211P Datasheet
1Mb / 31P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM111 TI1-LM111_14 Datasheet
1Mb / 32P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LP211 TI-LP211_06 Datasheet
240Kb / 11P
[Old version datasheet]   LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
LP211 TI1-LP211_14 Datasheet
829Kb / 14P
[Old version datasheet]   LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
LM211-Q1 TI-LM211-Q1 Datasheet
339Kb / 18P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-Q1 TI1-LM211-Q1_14 Datasheet
354Kb / 21P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-EP TI1-LM211-EP_14 Datasheet
820Kb / 24P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-EP TI1-LM211-EP Datasheet
597Kb / 22P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-EP TI1-LM211-EP_16 Datasheet
820Kb / 23P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com