データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL16C752CIRHBR データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 TL16C752CIRHBR
部品情報  DUAL UART WITH 64-BYTE FIFO
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL16C752CIRHBR データシート(HTML) 11 Page - Texas Instruments

Back Button TL16C752CIRHBR Datasheet HTML 7Page - Texas Instruments TL16C752CIRHBR Datasheet HTML 8Page - Texas Instruments TL16C752CIRHBR Datasheet HTML 9Page - Texas Instruments TL16C752CIRHBR Datasheet HTML 10Page - Texas Instruments TL16C752CIRHBR Datasheet HTML 11Page - Texas Instruments TL16C752CIRHBR Datasheet HTML 12Page - Texas Instruments TL16C752CIRHBR Datasheet HTML 13Page - Texas Instruments TL16C752CIRHBR Datasheet HTML 14Page - Texas Instruments TL16C752CIRHBR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
TL16C752C
www.ti.com .................................................................................................................................................... SLLS646A – MARCH 2008 – REVISED AUGUST 2009
Table 2. Register Reset Functions(1)
RESET
REGISTER
RESET STATE
CONTROL
Interrupt enable register
RESET
All bits cleared
Interrupt identification register
RESET
Bit 0 is set. All other bits cleared.
FIFO control register
RESET
All bits cleared
Line control register
RESET
Reset to 00011101 (1D hex).
Modem control register
RESET
All bits cleared
Line status register
RESET
Bits 5 and 6 set. All other bits cleared.
Modem status register
RESET
Bits 0–3 cleared. Bits 4–7 input signals.
Enhanced feature register
RESET
All bits cleared
Receiver holding register
RESET
Pointer logic cleared
Transmitter holding register
RESET
Pointer logic cleared
Transmission control register
RESET
All bits cleared
Trigger level register
RESET
All bits cleared
Alternate function register
RESET
All bits (except AFR4) cleared; AFR4 set
(1)
Registers DLL, DLH, SPR, Xon1, Xon2, Xoff1, Xoff2 are not reset by the top-level reset signal RESET,
i.e., they hold their initialization values during reset.
Table 3 summarizes the state of outputs after reset.
Table 3. Signal Reset Functions
SIGNAL
RESET CONTROL
RESET STATE
TX
RESET
High
RTS
RESET
High
DTR
RESET
High
RXRDYA–B
RESET
High
TXRDYA–B
RESET
Low
Interrupts
The TL16C752C UART has interrupt generation and prioritization (six prioritized levels of interrupts) capability.
The interrupt enable register (IER) enables each of the six types of interrupts and the INT signal in response to
an interrupt generation. The IER also can disable the interrupt system by clearing bits 0
−3, 5−7. When an
interrupt is generated, the interrupt identification register(IIR) indicates that an interrupt is pending and provides
the type of interrupt through IIR[5
−0]. Table 4 summarizes the interrupt control functions.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TL16C752C


同様の部品番号 - TL16C752CIRHBR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL16C752CIRHBR TI-TL16C752CIRHBR Datasheet
1Mb / 48P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CIRHBR TI-TL16C752CIRHBR Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CIRHBRG4 TI-TL16C752CIRHBRG4 Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
More results

同様の説明 - TL16C752CIRHBR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL16C752D-Q1 TI1-TL16C752D-Q1 Datasheet
907Kb / 53P
[Old version datasheet]   Dual UART With 64-Byte FIFO
logo
NXP Semiconductors
SC16C752 PHILIPS-SC16C752 Datasheet
604Kb / 47P
   Dual UART with 64-byte FIFO
Rev. 04-20 June 2003
logo
Texas Instruments
TL16C752C TI-TL16C752C Datasheet
1Mb / 48P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752C TI-TL16C752C_1 Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752D TI1-TL16C752D Datasheet
1Mb / 56P
[Old version datasheet]   TL16C752D Dual UART With 64-Byte FIFO
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C754BPNR TI-TL16C754BPNR Datasheet
671Kb / 40P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
TL16C752 TI-TL16C752 Datasheet
402Kb / 33P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752B TI-TL16C752B Datasheet
503Kb / 36P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com