データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74320-5000 データシート(PDF) 1 Page - MolexKits

部品番号 74320-5000
部品情報  Includes HDMI, HDMI to DVI-D, MicroCross DVI-D and DVI-I, DisplayPort, IEEE1394-1395, USB Type A and B, USB OTG (On-the-Go) mini-B, Micro USB-B
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEXKITS [MolexKits]
ホームページ  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

74320-5000 データシート(HTML) 1 Page - MolexKits

  74320-5000 Datasheet HTML 1Page - MolexKits 74320-5000 Datasheet HTML 2Page - MolexKits 74320-5000 Datasheet HTML 3Page - MolexKits 74320-5000 Datasheet HTML 4Page - MolexKits 74320-5000 Datasheet HTML 5Page - MolexKits 74320-5000 Datasheet HTML 6Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0143
Speeds:
(2.5 GHz), 480 Mbps, 4.95, 5, 9.9 Gbps
Deluxe Audio Video Data Application Kit
Connector Type:
Receptacles and Plugs, Cables
Upright, Right Angle and Vertical
Voltage:
Current Rating:
0.5, 1, 1.5, 1.8 and 3 Amps
30, 40, 100, 150, 750 Volts
Mounting
Orientation:
General Information
Wire-to-Board
Description:
Product Family(s):
Specifications
(Molex Parts within this kit) - EU RoHS Compliant
Design
Configuration:
Part Number:
Manufacturer:
Country of Origin:
76650-0143
Molex / Waldom
Certificates:
Includes HDMI, HDMI to DVI-D, MicroCross DVI-D and DVI-I, DisplayPort,
IEEE1394-1395, USB Type A and B, USB OTG (On-the-Go) mini-B, Micro USB-B
Product Families. Pitches range: 0.05mm (.002)" - 2.0mm (.079)"
MicroCross™ DVI, HDMI^, DisplayPort*, USB, mini-B™ USB OTG, and
Micro-USB
Kit assembled in U.S.A.
Title:
0.5mm (.020"), 0.65mm (.0256"), 1.00mm (.039")
Pitch:
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 1 of 6


同様の部品番号 - 74320-5000

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
74320-5000 MOLEX8-74320-5000 Datasheet
231Kb / 4P
   MicroCross??DVI-D Digital Visual Interface, PCB Receptacle, Panel Mount, ThroughHole, Vertical, 0.76關m (30關") Gold (Au), Lead Free, Screw Hole, 4-40 Thread, 24
logo
MolexKits
74320-5000 MOLEXKITS-74320-5000 Datasheet
80Kb / 6P
   Deluxe Audio Video Data Application Kit
More results

同様の説明 - 74320-5000

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0887328600 MOLEX1-0887328600 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0, 1.0m USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0, 1.0m
0887328900 MOLEX1-0887328900 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0, 2.0m
0887328912 MOLEX1-0887328912_18 Datasheet
32Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 1.1, 2.0m
0887328510 MOLEX1-0887328510 Datasheet
32Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 1.1,0.80m Length, White
0887328500 MOLEX1-0887328500 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0,0.80m Length, White
0887328800 MOLEX1-0887328800 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0,1.80m Length, White
0887328802 MOLEX1-0887328802_18 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0,1.80m Length, Black
0887328502 MOLEX1-0887328502_18 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0,0.80m Length, Black
0887328702 MOLEX1-0887328702_18 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0,1.50m Length, Black
0887328610 MOLEX1-0887328610 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 1.1, 1.0m Length, White
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com