データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

D04377-000 データシート(PDF) 2 Page - Tyco Electronics

部品番号 D04377-000
部品情報  7mm Series Metal Oxide Varistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

D04377-000 データシート(HTML) 2 Page - Tyco Electronics

  D04377-000 Datasheet HTML 1Page - Tyco Electronics D04377-000 Datasheet HTML 2Page - Tyco Electronics D04377-000 Datasheet HTML 3Page - Tyco Electronics D04377-000 Datasheet HTML 4Page - Tyco Electronics D04377-000 Datasheet HTML 5Page - Tyco Electronics D04377-000 Datasheet HTML 6Page - Tyco Electronics D04377-000 Datasheet HTML 7Page - Tyco Electronics D04377-000 Datasheet HTML 8Page - Tyco Electronics D04377-000 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ROV07, ROV07H
7mm Series Metal Oxide Varistors
Raychem
Overvoltage Devices
www.tycopowercomponents.com
Document: SCD 25481
Status: Released
Rev. A June 30, 2003
Tyco Electronics Corporation 308 Constitution Drive, Menlo Park, CA 94025 Tel: (800) 227-4856 Fax: (800) 227-4866
2 of 10
PART NUMBERING
ROV 07 – 241 K -S -2
Raychem ROV series
Packaging
: Bulk
Disk Diameter
-2 : Tape & Reel
7mm
-AP : Ammo Pack
Surge series
Lead Type
- : Standard Series
: Kinked Lead
H : High Surge Series
-S : Straight Lead
Varistor Voltage
Tolerance
241 = 24 x 10^1 = 240V
K : ±10%
L : ±15%
M : ±20%
471K
VDE
GENERAL CHARACTERISTICS
Storage temperature:
-40°C … +125°C
Maximum operating temperature:
-40°C … +125°C
Maximum working surface temperature:
+115°C
Temperature coefficient of voltage:
0 … +0.05% / °C max.
Insulation resistance of coating (@ 500 VDC):
Over 1000MΩ
Maximum response time:
25ns
Lead Material:
22 AWG Sn/Pb Plated Copper
AGENCY RECOGNITION
Device Ratings and Characteristics Tables contain specific recognition information for each individual part. The table below details
marking symbols for each agency recognition type.
UL1449
(2nd Edition)
UL1414
CSA
VDE
DEVICE MARKING
Raychem Logo
471 K
Voltage Designator
Tolerance (± 10%)
- Lot Identification
- Agency Marking


同様の部品番号 - D04377-000

メーカー部品番号データシート部品情報
logo
Tyco Electronics
D04036-000 MACOM-D04036-000 Datasheet
540Kb / 10P
   Metal Oxide Varistors Overvoltage Protection Device
logo
List of Unclassifed Man...
D04072080G-00 ETC2-D04072080G-00 Datasheet
695Kb / 14P
   SPECIFICATION FOR APPROVAL
D04072110G-00 ETC2-D04072110G-00 Datasheet
657Kb / 14P
   SPECIFICATION FOR APPROVAL
logo
Newhaven Display Intern...
D0420SD-42-2001FN NEWHAVEN-D0420SD-42-2001FN Datasheet
1Mb / 7P
   Vacuum Fluorescent Display Specification
D0420SD-53-4001F NEWHAVEN-D0420SD-53-4001F Datasheet
769Kb / 7P
   Vacuum Fluorescent Display Specification
More results

同様の説明 - D04377-000

メーカー部品番号データシート部品情報
logo
Tyco Electronics
A1624 MACOM-A1624 Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
A1624 MACOM-A1624 Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
ROV07-471K-S MACOM-ROV07-471K-S Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com