データシートサーチシステム |
|
LF13-WBR-6S データシート(PDF) 5 Page - Hirose Electric |
|
LF13-WBR-6S データシート(HTML) 5 Page - Hirose Electric |
5 / 11 page 5 LF Series ●Miniature Waterproof Shielded Connectors ■Applicable tools ■Solder termination fixture Contact configuration Shell size LF07 LF10 LF13 Number of contacts Withstanding voltage Current rating Insulation resistance Contact resistance Solder pot inner diameter 3 1250V AC 5A 1000Mø 15mø 1.15mm 6 300V AC 2A 0.8mm Alignment guide B +0.05 0 ■Panel Cutout ■Contact position arrangement and specifications 1 3 2 1 2 3 4 5 6 Note 1: The contact configuration as viewed from the female contact connector mating side. Note 2: The ▼ symbol indicates polarizing key position. Note 3: Withstanding voltages are test voltage values. Part number Description CL No. LF series Applicable cable dia. HR10A-TC-02 LF-TC-01 Manual cable clamp crimp Note: Applicable cable dia. is only 5mm for LF series. 150-0041-2 150-0234-6 5 (Note) 7.3 · 8.7 CL No. Part number Applicable connectors 150-0232-0 150-0233-3 150-0235-9 150-0236-1 150-0237-4 150-0238-7 LF07BP-T01 LF07BJ-T01 LF10BP-T01 LF10BJ-T01 LF13BP-T01 LF13BJ-T01 LF07WBP-6S,6P,3S,3P LF07WBJ-6S,6P,3S,3P LF10WBP-4S,4P,12S,12P LF10WBJ-4S,4P,12S,12P LF13WBP-20S,20P,11S,11P LF13WBJ-20S,20P,11S,11P Shell size A B Panel thickness unit (mm) LF07 LF10 LF13 Ø9.05 Ø11.05 Ø14.05 8.1 10.2 13.1 0.5 to 2 0.7 to 2 0.7 to 2 4 1250V AC 10A 1000Mø 5mø 1.7mm 1 2 3 4 1 2 3 4 5 6 7 8 9 10 11 12 A B 2 5 6 1 3 7 4 D C 3 2 1 8 7 6 9 10 4 5 17 16 20 13 12 11 14 15 18 19 12 300V AC 2A 1000Mø 15mø 0.8mm 11 20 AC300V 2A 1000Mø 4mø 0.8mm Unit:mm 4 Ø1.7 4 5mø 7 Ø0.8 7 15mø 1000Mø 7 2A 7 AC300V 4 AC1250V 4 10A The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. |
同様の部品番号 - LF13-WBR-6S |
|
同様の説明 - LF13-WBR-6S |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |