データシートサーチシステム |
|
W.FL-2LP-04N2T-A データシート(PDF) 6 Page - Hirose Electric |
|
W.FL-2LP-04N2T-A データシート(HTML) 6 Page - Hirose Electric |
6 / 6 page 5-23,OSAKI 5-CHOME,SHINAGAWA-KU,TOKYO 141-8587,JAPAN PHONE: 81-3-3491-5300, FAX: 81-3-3495-5230 http://www.hirose.com http://www.hirose-connectors.com ® 6 W.FL SeriesqUltra Small Surface Mount Coaxial Connectors – 1.4mm Mated Height The contents of this catalog are current as of date of 02/2009. Contents are subject to change without notice for the purpose of improvements. 3. Operating environment and storage conditions (1) Operating environment The connectors are not designed to operate in the following environments: • Exposed to a excessive amounts of fine particles and dust • Regions and places having a high density of sulfur dioxide, hydrogen sulfide, nitrogen dioxide or other corrosive gasses. • Environments having large rapid variations in temperature. (2) Storage conditions - Receptacle Store in the Hirose Electric packaging. Temperature: -10 to +40ç, Humidity: 85% max. Use within 6 months of delivery. Receptacles for which the storage period has elapsed must be tested for solderability to the PC board mounting surface. 1. Plug sPrecautions 2. Receptacle (1) Recommended reflow temperature profile q The temperature of the printed circuit board surface temperature at the points of contact with the terminals. w Reflow soldering should be performed at a printed circuit surface temperature of 250°C max. e In individual applications the actual temperature may vary, depending on the solder paste type, volume / thickness and board size / thickness. Consuly your solder paste and equipment manufacturer for specific recommendations. Soldering iron temperature: 350°C, Soldering time: for 5 seconds max. (2) Manual soldering (3) Recommended metal mask thickness 0.1 mm to 0.12 mm (4) Reflow cycles 2 times 80 100 120 140 160 180 200 220 240 260 [ç] Preheat (130 to 180ç) 230ç 220ç 50 seconds max. 120 seconds max. 60 seconds max. Time 250 ç max. for 10 seconds (1) Mating / unmating (2) Pull forces on the cable after connectors are mated (3) Precautions • Unmating Insert both ends of the extraction tool under the plug (from the direction opposite to the Cable termination), as shown and pull-up in the direction perpendicular to the mounting surface of the receptacle. qRecomended the use of the extraction tool for unmating. Any attempt of unmating by pulling on the cable may result in damage and affect the mechanical / electrical performance. • Mating Do not attempt to insert on an extreme angle. Do not twist connectors excessively during mating / unmating. W.FL-LP-040 Cable Assembly 2N max ∞ ∞ W.FL-R-SMT-1 Receptacle W.FL Cable Assembly W.FL-R-SMT-1 W.FL-LP-N plug extraction tool After the connectors are mating, do not apply a load to the cable in excess of the values indicated in the diagram. The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. |
同様の部品番号 - W.FL-2LP-04N2T-A |
|
同様の説明 - W.FL-2LP-04N2T-A |