データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LF07-WBJ-20S データシート(PDF) 1 Page - Hirose Electric

部品番号 LF07-WBJ-20S
部品情報  Miniature Waterproof Shielded Connectors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HIROSE [Hirose Electric]
ホームページ  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

LF07-WBJ-20S データシート(HTML) 1 Page - Hirose Electric

  LF07-WBJ-20S Datasheet HTML 1Page - Hirose Electric LF07-WBJ-20S Datasheet HTML 2Page - Hirose Electric LF07-WBJ-20S Datasheet HTML 3Page - Hirose Electric LF07-WBJ-20S Datasheet HTML 4Page - Hirose Electric LF07-WBJ-20S Datasheet HTML 5Page - Hirose Electric LF07-WBJ-20S Datasheet HTML 6Page - Hirose Electric LF07-WBJ-20S Datasheet HTML 7Page - Hirose Electric LF07-WBJ-20S Datasheet HTML 8Page - Hirose Electric LF07-WBJ-20S Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Miniature Waterproof Shielded Connectors
LF Series
■Features
1. Ease of shielded termination and connector
assembly
All components are self-aligning and do not require complex
assembly tooling. The shield of the cable is connected with the
metal housing of the connector using simple shielding clamp,
supplied with the connector.
2. Water and dust protected
IP67 protection rating. Complete protection against dust
penetration and against water penetration when mated
assembly is submerged at the depth of 1.8 meter for 48 hours.
3. Bayonet lock
Short turn bayonet lock assures secure vibration resistant
mating of the connectors.
4. High current rating capacity
5. RoHS compliant
All components and materials comply with the requirements of
the EU Directive 2002/95/EC.
■Applications
Sensors, robots, injection molding machines, NC, factory
automation equipment, surveying instruments, measuring
instruments, medical equipment, surveillance cameras and
base stations.
2008.5
NEW
Mating:
Insert the plug, and then turn the locking collar clockwise,
as indicated by the coupling direction marking.
Plug
Locking collar
Receptacle
Un-mating:
Turn the locking collar counter-clockwise
than pull off the plug.
Coupling direction marking
Coupling direction marking
36.4
Receptacle
Plug
8.9 mm max. (3 pos.)
Mated dimensions
Short turn bayonet lock
Built-in shield
connection spring
Cable shielding connection clamp
Cable
Shielding Connection - Plug
Number of contacts
3
4
6, 12 and 20
11
Current rating
5A max.
10A max.
2A max.
10A max.
2A max.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


同様の部品番号 - LF07-WBJ-20S

メーカー部品番号データシート部品情報
logo
Hirose Electric
LF07BJ-T01 HIROSE-LF07BJ-T01 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
LF07BP-T01 HIROSE-LF07BP-T01 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
LF07WBJ-3P HIROSE-LF07WBJ-3P Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
LF07WBJ-3S HIROSE-LF07WBJ-3S Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
LF07WBJ-6P HIROSE-LF07WBJ-6P Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
More results

同様の説明 - LF07-WBJ-20S

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LF07WBP-6S ETC2-LF07WBP-6S Datasheet
474Kb / 16P
   Miniature Waterproof Shielded Connectors
logo
Hirose Electric
LF HIROSE-LF_18 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
HR30 HIROSE-HR30 Datasheet
833Kb / 16P
   Miniature Waterproof Plastic Connectors
HR30-6PA-6SC HIROSE-HR30-6PA-6SC Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
logo
List of Unclassifed Man...
HR30-7P-12SC ETC2-HR30-7P-12SC Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Hirose Electric
HR30-6PA-6SC HIROSE-HR30-6PA-6SC_1 Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
logo
Hirose Electric
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
logo
ITT Industries
CCM04-5137 ITT-CCM04-5137 Datasheet
340Kb / 5P
   Miniature Connectors
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com