データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA9955HL データシート(PDF) 6 Page - NXP Semiconductors

部品番号 TDA9955HL
部品情報  Triple 8-bit analog-to-digital video converter for HDTV
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9955HL データシート(HTML) 6 Page - NXP Semiconductors

Back Button TDA9955HL Datasheet HTML 2Page - NXP Semiconductors TDA9955HL Datasheet HTML 3Page - NXP Semiconductors TDA9955HL Datasheet HTML 4Page - NXP Semiconductors TDA9955HL Datasheet HTML 5Page - NXP Semiconductors TDA9955HL Datasheet HTML 6Page - NXP Semiconductors TDA9955HL Datasheet HTML 7Page - NXP Semiconductors TDA9955HL Datasheet HTML 8Page - NXP Semiconductors TDA9955HL Datasheet HTML 9Page - NXP Semiconductors TDA9955HL Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
TDA9955HL_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 17 March 2008
6 of 52
NXP Semiconductors
TDA9955HL
Triple 8-bit analog-to-digital video converter for HDTV
[1]
P = power supply; G = ground; I = input and O = output.
VSYNC1
61
I
vertical SYNC input 1
VSYNC2
62
I
vertical SYNC input 2
MCLK
63
I
synchronization timing measurement clock
CLAMP
64
I
clamp input (external mode)
COAST
65
I
coast (PLL) input (external mode)
CKEXT
66
I
external clock input (external mode)
A0
67
I
I2C-bus address select bit 0
VDDI(3V3)
68
P
digital supply for the input (3.3 V)
SCL
69
I
I2C-bus clock
SDA
70
I
I2C-bus data
VSSA
71
G
analog ground
VDDC(1V8)
72
P
digital supply for core (1.8 V)
VSSC
73
G
digital ground of the core (1.8 V)
VDDO(3V3)
74
P
supply voltage for the video port output (3.3 V)
VSSO
75
G
ground for video port output
VPA0
76
O
video port A output bit 0
VPA1
77
O
video port A output bit 1
VPA2
78
O
video port A output bit 2
VPA3
79
O
video port A output bit 3
VDDO(3V3)
80
P
supply voltage for the video port output (3.3 V)
VSSO
81
G
ground for video port output
VPA4
82
O
video port A output bit 4
VPA5
83
O
video port A output bit 5
VPA6
84
O
video port A output bit 6
VPA7
85
O
video port A output bit 7
VDDO(3V3)
86
P
supply voltage for the video port output (3.3 V)
VSSO
87
G
ground for video port output
VPB0
88
O
video port output bit 0
VPB1
89
O
video port output bit 1
VPB2
90
O
video port output bit 2
VPB3
91
O
video port output bit 3
VDDO(3V3)
92
P
supply voltage for the video port output (3.3 V)
VSSO
93
G
ground for video port output
VPB4
94
O
video port output bit 4
VPB5
95
O
video port output bit 5
VPB6
96
O
video port output bit 6
VPB7
97
O
video port output bit 7
VDDO(3V3)
98
P
supply voltage for the video port output (3.3 V)
VSSO
99
G
ground for video port output
VPC0
100
O
video port C output bit 0
Table 2.
Pin description …continued
Symbol
Pin
Type[1] Description


同様の部品番号 - TDA9955HL

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA9950 NXP-TDA9950 Datasheet
425Kb / 22P
   CEC/I2C-bus translator
Rev. 02-22 October 2009
TDA9950TT NXP-TDA9950TT Datasheet
425Kb / 22P
   CEC/I2C-bus translator
Rev. 02-22 October 2009
TDA9951 PHILIPS-TDA9951 Datasheet
199Kb / 41P
   CEC/I2C-bus translator
Rev. 01-7 August 2008
TDA9952 PHILIPS-TDA9952 Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
TDA9952HL PHILIPS-TDA9952HL Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
More results

同様の説明 - TDA9955HL

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8772 PHILIPS-TDA8772 Datasheet
101Kb / 20P
   Triple 8-bit video digital-to-analog converter
1997 Mar 06
TDF8771A PHILIPS-TDF8771A Datasheet
97Kb / 20P
   Triple 8-bit video Digital-to-Analog Converter (DAC)
2003 Apr 29
TDA8771A PHILIPS-TDA8771A Datasheet
116Kb / 20P
   Triple 8-bit video Digital-to-Analog Converter DAC
1996 Jan 25
logo
Analog Devices
MATV-0820 AD-MATV-0820_15 Datasheet
1Mb / 4P
   8-bit video analog to digital converter
MATV-0816 AD-MATV-0816_15 Datasheet
1Mb / 4P
   8-Bit Video Analog-to-Digital Converter
logo
NXP Semiconductors
TDA8702 PHILIPS-TDA8702 Datasheet
120Kb / 19P
   8-bit video digital-to-analog converter
1996 Aug 23
logo
Siemens Semiconductor G...
SDA9205-2 SIEMENS-SDA9205-2 Datasheet
567Kb / 31P
   Triple 8-Bit Analog-to-Digital-Converter
logo
Samsung semiconductor
KB2516 SAMSUNG-KB2516 Datasheet
250Kb / 30P
   TRIPLE 8-BIT ANALOG-TO-DIGITAL CONVERTER
logo
NXP Semiconductors
TDA8775 PHILIPS-TDA8775 Datasheet
134Kb / 16P
   Triple 10-bit video Digital-to-Analog Converter DAC
1996 Aug 14
logo
Exar Corporation
MP8780 EXAR-MP8780 Datasheet
1,008Kb / 11P
   CMOS 8 BIT VIDEO ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com