データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA9955HL データシート(PDF) 1 Page - NXP Semiconductors

部品番号 TDA9955HL
部品情報  Triple 8-bit analog-to-digital video converter for HDTV
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9955HL データシート(HTML) 1 Page - NXP Semiconductors

  TDA9955HL Datasheet HTML 1Page - NXP Semiconductors TDA9955HL Datasheet HTML 2Page - NXP Semiconductors TDA9955HL Datasheet HTML 3Page - NXP Semiconductors TDA9955HL Datasheet HTML 4Page - NXP Semiconductors TDA9955HL Datasheet HTML 5Page - NXP Semiconductors TDA9955HL Datasheet HTML 6Page - NXP Semiconductors TDA9955HL Datasheet HTML 7Page - NXP Semiconductors TDA9955HL Datasheet HTML 8Page - NXP Semiconductors TDA9955HL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
1.
General description
The TDA9955HL is a triple 8-bit video converter interface.
The TDA9955HL converts an RGB analog signal into a RGB or YUV (YCBCR) digital
signal or converts a YUV (YPBPR) analog signal into a YUV (YCBCR) or RGB digital signal
with a sampling rate up to 170 MHz.
The TDA9955HL supports analog TV resolutions from 480i (720
× 480i at 60 Hz) to
High-Definition TV (HDTV) (up to 1920
× 1080p at 60 Hz) and analog PC resolutions from
VGA (640
× 480p at 60 Hz) to UXGA (1600 × 1200p at 60 Hz).
The YUV digital output signal can be 4 :4:4 or 4:2:2 ITU-R BT.656 standard or
semi-planar format following the ITU-R BT.601 standard.
All settings are controlled via the I2C-bus.
2.
Features
I Triple 8-bit Analog-to-Digital Converter (ADC)
I Three independent analog video sources, up to 170 MHz selectable via the I2C-bus
I Analog composite sync slicer and recognition integrated
I Frame and field detection for interlaced video signal
I Video analog voltage input from 0.45 V to 0.9 V (p-p) to produce a full-scale ADC input
of 1.0 V (p-p)
I Three clamps for programming a 8-bit clamping code from 0 to +191 in steps of 1 LSB
for RGB and YUV signals
I Three video amplifiers controlled via I2C-bus to reach the full-scale resolution
I Amplifier bandwidth of 100 MHz
I Low gain variation with temperature
I I2C-bus controlled Phase-Locked Loop (PLL) to generate the ADCs, formatter and
output clocks which can be locked into a line frequency from 15 kHz to 95 kHz
I Integrated PLL divider
I Programmable clock phase adjustment cells
I Matrix and offsets available for conversion of RGB or YUV signal coming from analog
video sources into YUV or RGB
I Output format RGB4:4:4, YUV4:4:4, YUV4:2:2 ITU-R BT.656 or YUV4:2:2
semi-planar standard on output bus
I Integrated downsampling-by-two with selectable filters on CB and CR channels in the
4:2:2 mode
I IC controlled via the I2C-bus, 5 V tolerant and bit rate up to 400 kbit/s
TDA9955HL
Triple 8-bit analog-to-digital video converter for HDTV
Rev. 01 — 17 March 2008
Product data sheet


同様の部品番号 - TDA9955HL

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA9950 NXP-TDA9950 Datasheet
425Kb / 22P
   CEC/I2C-bus translator
Rev. 02-22 October 2009
TDA9950TT NXP-TDA9950TT Datasheet
425Kb / 22P
   CEC/I2C-bus translator
Rev. 02-22 October 2009
TDA9951 PHILIPS-TDA9951 Datasheet
199Kb / 41P
   CEC/I2C-bus translator
Rev. 01-7 August 2008
TDA9952 PHILIPS-TDA9952 Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
TDA9952HL PHILIPS-TDA9952HL Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
More results

同様の説明 - TDA9955HL

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8772 PHILIPS-TDA8772 Datasheet
101Kb / 20P
   Triple 8-bit video digital-to-analog converter
1997 Mar 06
TDF8771A PHILIPS-TDF8771A Datasheet
97Kb / 20P
   Triple 8-bit video Digital-to-Analog Converter (DAC)
2003 Apr 29
TDA8771A PHILIPS-TDA8771A Datasheet
116Kb / 20P
   Triple 8-bit video Digital-to-Analog Converter DAC
1996 Jan 25
logo
Analog Devices
MATV-0820 AD-MATV-0820_15 Datasheet
1Mb / 4P
   8-bit video analog to digital converter
MATV-0816 AD-MATV-0816_15 Datasheet
1Mb / 4P
   8-Bit Video Analog-to-Digital Converter
logo
NXP Semiconductors
TDA8702 PHILIPS-TDA8702 Datasheet
120Kb / 19P
   8-bit video digital-to-analog converter
1996 Aug 23
logo
Siemens Semiconductor G...
SDA9205-2 SIEMENS-SDA9205-2 Datasheet
567Kb / 31P
   Triple 8-Bit Analog-to-Digital-Converter
logo
Samsung semiconductor
KB2516 SAMSUNG-KB2516 Datasheet
250Kb / 30P
   TRIPLE 8-BIT ANALOG-TO-DIGITAL CONVERTER
logo
NXP Semiconductors
TDA8775 PHILIPS-TDA8775 Datasheet
134Kb / 16P
   Triple 10-bit video Digital-to-Analog Converter DAC
1996 Aug 14
logo
Exar Corporation
MP8780 EXAR-MP8780 Datasheet
1,008Kb / 11P
   CMOS 8 BIT VIDEO ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com