データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC13224V データシート(PDF) 10 Page - Freescale Semiconductor, Inc

部品番号 MC13224V
部品情報  Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13224V データシート(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC13224V_09 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13224V_09 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13224V_09 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13224V_09 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13224V_09 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC13224V_09 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC13224V_09 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC13224V_09 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC13224V_09 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
MC13224V Technical Data, Rev. 1.2
10
Freescale Semiconductor
2.6.2
Power Management
The MC13224V power management is controlled through the Clock and Reset Module (CRM). The CRM
is a dedicated module to handle MCU clock, reset, and power management functions which includes
control of the power regulators. All these functions have impact on attaining lowest power.
2.6.2.1
CRM Features
The CRM features include:
Control of system reset
Control clock gating for power savings
Sleep mode (Hibernate and Doze) management
— Degree of chip power down
— Retention of programmed parameters
— Programmable retention of RAM contents
— Clock management
Wake-up management
— Graceful power-up
— Clock management
— Wake-up via programmable timer or external interrupts.
Wake-up timer
— Hibernate mode - based on onboard 2 kHz oscillator or optional 32.768 kHz crystal oscillator
— Doze mode - based on main reference oscillator, typically 24 MHz
Controls reference clocks based on default 24 MHz crystal oscillator or optional 13-26 MHz
oscillator with PLL (external filter) for 24 MHz frequency synthesis.
MCU watchdog timer (COP)
Software initiated reset
Management control of onboard linear regulators and optional buck regulator
2.6.2.2
CRM Operation
The CRM has primary control of the entire system:
Reset and power up — After release of the hardware RESETB signal, the CRM will perform a
power up sequence of the MCU. The linear regulators and clock sources are managed for a graceful
start-up of the MCU and its resources. The radio is not powered until needed
Normal operation of MCU — The clock management of the MCU and its resources are controlled
by the CRM. The processor clock is programmable from low frequencies up to the maximum
reference frequency (13-26 MHz optional w/24 MHz standard) to allow the application to trade-off
processing speed versus power savings
Sleep modes and recovery — There are two sleep modes of Hibernate and Doze. The primary
difference is that Doze mode keeps the reference oscillator running. Both modes can retain critical


同様の部品番号 - MC13224V_09

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC13224VR2 FREESCALE-MC13224VR2 Datasheet
364Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224VR2 FREESCALE-MC13224VR2 Datasheet
363Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224VR2 FREESCALE-MC13224VR2 Datasheet
413Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
logo
NXP Semiconductors
MC13224VR2 NXP-MC13224VR2 Datasheet
603Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
Rev. 1.3 10/2010
More results

同様の説明 - MC13224V_09

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC1322X FREESCALE-MC1322X Datasheet
413Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224VR2 FREESCALE-MC13224VR2 Datasheet
363Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
logo
NXP Semiconductors
MC1322X NXP-MC1322X Datasheet
603Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
Rev. 1.3 10/2010
logo
Freescale Semiconductor...
MC13224V FREESCALE-MC13224V Datasheet
364Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13211 FREESCALE-MC13211_08 Datasheet
871Kb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X_09 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X Datasheet
870Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC1321X NXP-MC1321X Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
logo
Freescale Semiconductor...
MC13211 FREESCALE-MC13211 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1323X FREESCALE-MC1323X_1 Datasheet
514Kb / 38P
   Low Cost SoC Remote Control Platform for the 2.4 GHz IEEE짰 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com