データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28227 データシート(PDF) 7 Page - Intersil Corporation

部品番号 ISL28227
部品情報  Precision Single and Dual Low Noise Operational Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28227 データシート(HTML) 7 Page - Intersil Corporation

Back Button ISL28227 Datasheet HTML 3Page - Intersil Corporation ISL28227 Datasheet HTML 4Page - Intersil Corporation ISL28227 Datasheet HTML 5Page - Intersil Corporation ISL28227 Datasheet HTML 6Page - Intersil Corporation ISL28227 Datasheet HTML 7Page - Intersil Corporation ISL28227 Datasheet HTML 8Page - Intersil Corporation ISL28227 Datasheet HTML 9Page - Intersil Corporation ISL28227 Datasheet HTML 10Page - Intersil Corporation ISL28227 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
ISL28127, ISL28227
7
FN6633.3
March 18, 2010
Typical Performance Curves V
S = ±15V, VCM = 0V, RL = Open, unless otherwise
specified.
FIGURE 1. INPUT NOISE VOLTAGE 0.1Hz to 10Hz
FIGURE 2. INPUT NOISE VOLTAGE SPECTRAL
DENSITY
FIGURE 3. INPUT NOISE CURRENT SPECTRAL
DENSITY
FIGURE 4. PSRR vs FREQUENCY, VS = ±5V, ±15V
FIGURE 5. CMRR vs FREQUENCY, VS = ±2.25, ±5V,
±15V
FIGURE 6. VOS vs TEMPERATURE vs VSUPPLY
TIME (s)
-60
-40
-20
0
20
60
80
100
0123456
789
10
40
-80
-100
V+ = 38V
RL = 10k
Rg = 10, Rf = 100k
AV = 10,000
CL = 3.5pF
FREQUENCY (Hz)
1
10
100
0.1
1
10
100
1k
10k
100k
VS = ±19V
AV = 1
FREQUENCY (Hz)
1
10
100
0.1
1
10
100
1k
10k
100k
0.1
VS = ±19V
AV = 1
0
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
10
20
40
60
80
100
120
-10
10
30
50
70
90
110
130
RL = INF
AV = +1
VS = 1VP-P
CL = 5.25pF
PSRR+ and PSRR- VS = ±15V
PSRR+ and PSRR- VS = ±5V
0
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
10
20
40
60
80
100
120
-10
10
30
50
70
90
110
130
RL = INF
AV = +1
VCM = 1VP-P
CL = 5.25pF
VS = ±15V
VS = ±2.25V
VS = ±5V
TEMPERATURE (°C)
-20
-15
-10
-5
0
5
10
15
20
25
-40 -20
0
20
40
60
80 100 120 140 160
MEDIAN
36 UNITS
VS = ±21V
VS = ±5V
VS = ±15V
VS = ±3V


同様の部品番号 - ISL28227

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28227 INTERSIL-ISL28227 Datasheet
1Mb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28227 INTERSIL-ISL28227 Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28227 INTERSIL-ISL28227 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL28227 INTERSIL-ISL28227 Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
logo
Renesas Technology Corp
ISL28227 RENESAS-ISL28227 Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
More results

同様の説明 - ISL28227

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107_09 Datasheet
1Mb / 22P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107 INTERSIL-ISL28107_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28127 RENESAS-ISL28127 Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107 Datasheet
957Kb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127 Datasheet
1Mb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127_1012 INTERSIL-ISL28127_1012 Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127FBZ INTERSIL-ISL28127FBZ Datasheet
1Mb / 27P
   Precision Single and Dual Low Noise Operational Amplifiers
September 10, 2015
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com