データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM1501-7R データシート(PDF) 4 Page - Power-One

部品番号 DM1501-7R
部品情報  50 Watt DC-DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWER-ONE [Power-One]
ホームページ  http://www.power-one.com
Logo POWER-ONE - Power-One

DM1501-7R データシート(HTML) 4 Page - Power-One

  DM1501-7R Datasheet HTML 1Page - Power-One DM1501-7R Datasheet HTML 2Page - Power-One DM1501-7R Datasheet HTML 3Page - Power-One DM1501-7R Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
www.power-one.com
Mechanical data
Tolerances
±0.3 mm (0.012") unless otherwise indicated.
European
Projection
Cassette Style
M Series
Accessories
Front panels 19” (Schroff/Intermas)
Mating H11 connectors with screw, solder, fast-on or press-fit terminals
Connector retention facilities and code key system for connector coding
Flexible PCB for connecting the converter via an H11 connector, if mounted on a PCB
Chassis or wall mounting plates for frontal access
Universal mounting brackets for chassis or DIN-rail mounting
111.2 (3U) (4.38")
2
5
8
11 14 17
20 23 26 29 32
38.7 (1.52")
Measuring point for
case temperature
T
C
M 3; depth = 4 mm
(chassis mount)
IoL
Test sockets (option A)
Potentiometer(s) (option P)
OK
Inhibit i
Potentiometer (option D)
or potentiometer (option V)
103
22 (0.87")


同様の部品番号 - DM1501-7R

メーカー部品番号データシート部品情報
logo
Sharma Electro Componen...
DM15 SHARMA-DM15 Datasheet
253Kb / 1P
   Mica Capacitors
DM15CA102JO3-RHAR02 SHARMA-DM15CA102JO3-RHAR02 Datasheet
640Kb / 18P
   MICA CAPACITORS
DM15CA102JO3-RHR02 SHARMA-DM15CA102JO3-RHR02 Datasheet
640Kb / 18P
   MICA CAPACITORS
DM15CA102JO3-RHTR02 SHARMA-DM15CA102JO3-RHTR02 Datasheet
640Kb / 18P
   MICA CAPACITORS
DM15CA102KO3-RHAR02 SHARMA-DM15CA102KO3-RHAR02 Datasheet
640Kb / 18P
   MICA CAPACITORS
More results

同様の説明 - DM1501-7R

メーカー部品番号データシート部品情報
logo
Power-One
12H1001-2R POWER-ONE-12H1001-2R Datasheet
141Kb / 4P
   50 Watt DC-DC Converters
logo
Wall Industries,Inc.
DHW50 WALL-DHW50 Datasheet
1Mb / 13P
   50 Watt DC/DC Power Converters
DH50 WALL-DH50 Datasheet
2Mb / 11P
   50 Watt DC/DC Power Converters
logo
Power-One
LH1001-2R POWER-ONE-LH1001-2R Datasheet
63Kb / 4P
   50 Watt AC-DC Converters
logo
Tumbler Technologies + ...
PD65-10 TRUMPOWER-PD65-10 Datasheet
218Kb / 3P
   50-65 WATT DC TO DC CONVERTERS
PD65 TRUMPOWER-PD65 Datasheet
218Kb / 3P
   50-65 WATT DC TO DC CONVERTERS
logo
Power-One
LM1001-7R POWER-ONE-LM1001-7R Datasheet
66Kb / 4P
   50 Watt AC-DC Converters
LM1001-7R POWER-ONE-LM1001-7R_06 Datasheet
83Kb / 4P
   50-Watt AC-DC Cassette Converters
logo
List of Unclassifed Man...
WR12T05-12 ETC1-WR12T05-12 Datasheet
51Kb / 4P
   50 to 60 Watt Wide input DC/DC converters
logo
Power-One
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
   7 Watt DC-DC Converters
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com