データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU16006KV データシート(PDF) 2 Page - Rohm

部品番号 BU16006KV
部品情報  HDMI Switch ICs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BU16006KV データシート(HTML) 2 Page - Rohm

  BU16006KV Datasheet HTML 1Page - Rohm BU16006KV Datasheet HTML 2Page - Rohm BU16006KV Datasheet HTML 3Page - Rohm BU16006KV Datasheet HTML 4Page - Rohm BU16006KV Datasheet HTML 5Page - Rohm BU16006KV Datasheet HTML 6Page - Rohm BU16006KV Datasheet HTML 7Page - Rohm BU16006KV Datasheet HTML 8Page - Rohm BU16006KV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Technical Note
2/19
BU16006KV, BU16018KV, BU16024KV, BU16027KV
www.rohm.com
2010.05 - Rev.E
© 2010 ROHM Co., Ltd. All rights reserved.
●Absolute Maximum Rating
Over operating free-air temperature range (unless otherwise noted)
Item
Limits
Unit
BU16006KV
BU16018KV
BU16024KV
BU16027KV
Power supply voltage(Vcc)
-0.3~+4.5
-0.3~+4.5
-0.3~+4.5
-0.3~+4.5
V
DDC, HPD_SINK input voltage
-0.3~+5.6
-0.3~+5.6
-0.3~+5.6
-0.3~+5.6
V
Differential input voltage
+2.5~+4.0
+2.5~+4.0
+2.5~+4.0
+2.5~+4.0
V
Control pin input voltage
-0.3~+4.0
-0.3~+4.0
-0.3~+4.0
-0.3~+4.0
V
Power dissipation
1000(*1)
1200(*2)
950(*3)
1000(*1)
mW
Strage temperture range
-55~+125
-55~+125
-55~+125
-55~+125
(*1-3) 70mm×70mm×1.6mm glass epoxy board mount.(Reverse Cu occupation rate:15mm×15mm)
(*1) When it’s used by than Ta=25℃, it’s reduced by 10.0mW/℃.
(*2) When it’s used by than Ta=25℃, it’s reduced by 12.5mW/℃.
(*3) When it’s used by than Ta=25℃, it’s reduced by 9.5mW/℃.
●Recommended Operating Conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply voltage
3
3.3
3.6
V
TA
Free-air temperature
0
-
70
TMDS Differential Pins
VIC
Input common mode voltage, see Figure 2.
VCC–0.6
-
VCC+0.01
V
VID(pp)
Receiver peak-to-peak differential input voltage, see Figure 2.
150
-
1560
mVp-p
RVSADJ
Resistor for TMDS compliant voltage swing range
4.60
4.64
4.68
k
AVCC
TMDS Output termination voltage, see Figure 1.
3
3.3
3.6
V
RT
Termination resistance, see Figure 1.
45
50
55
Signaling rate
-
-
2.25
Gbps
Control Pins
VIH
LVTTL High-level input voltage
2
-
VCC
V
VIL
LVTTL Low-level input voltage
GND
-
0.8
V
HPD_SINK
VIH
High-level input voltage
2.4
-
5.5
V
VIL
Low-level input voltage
GND
-
0.8
V
RX (SDA[n],SCL[n])
VIH
High-level input voltage
2.4
-
5.5
V
VIL
Low-level input voltage
GND
-
0.8
V
TX (SCL_SINK, SDA_SINK)
VIH
High-level input voltage
1.5
-
5.5
V
VIL
Low-level input voltage
GND
-
0.35
V


同様の部品番号 - BU16006KV

メーカー部品番号データシート部品情報
logo
Rohm
BU16006KV ROHM-BU16006KV Datasheet
596Kb / 19P
   2 for input 1 output switch with Termination sense correspondence (Sync with HPD_SINK)
BU16006KV ROHM-BU16006KV Datasheet
658Kb / 20P
   3 for input 1 output switch with Termination sense correspondence
BU16006KV ROHM-BU16006KV Datasheet
485Kb / 18P
   1 for input 1 output buffer with Termination sense correspondence
BU16006KV ROHM-BU16006KV Datasheet
651Kb / 20P
   3 for input 1 output switch with Termination sense non correspondence
More results

同様の説明 - BU16006KV

メーカー部品番号データシート部品情報
logo
Silicon image
SII9185 SILICONIMAGE-SII9185 Datasheet
240Kb / 2P
   VastLane??HDMI Switch
logo
Sanken electric
SPF5012 SANKEN-SPF5012 Datasheet
48Kb / 1P
   Low-side Switch ICs
logo
Rohm
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
   Capacitive Switch Controller ICs
BD2061AFJ ROHM-BD2061AFJ_13 Datasheet
488Kb / 25P
   High Side Switch ICs
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
   Capacitive Switch Controller ICs
logo
Sanken electric
SPF5009 SANKEN-SPF5009 Datasheet
49Kb / 1P
   Low-side Switch ICs
logo
Toshiba Semiconductor
TC9273N TOSHIBA-TC9273N Datasheet
391Kb / 13P
   ANALOG SWITCH ARRAY ICs
logo
Sanken electric
SPF5002A SANKEN-SPF5002A Datasheet
52Kb / 2P
   Low-side Switch ICs
logo
Rohm
BU21079F ROHM-BU21079F Datasheet
922Kb / 37P
   Capacitive Switch Controller ICs
logo
Texas Instruments
TMDS261B TI1-TMDS261B Datasheet
11Mb / 48P
[Old version datasheet]   TWO-PORT HDMI SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com