データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P-U77-AX61M-X081 データシート(PDF) 3 Page - Amphenol Corporation

部品番号 P-U77-AX61M-X081
部品情報  1XN SFP GAGE ASSY WITH SPRING FINGER GASKET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMPHENOL [Amphenol Corporation]
ホームページ  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-U77-AX61M-X081 データシート(HTML) 3 Page - Amphenol Corporation

  P-U77-AX61M-X081 Datasheet HTML 1Page - Amphenol Corporation P-U77-AX61M-X081 Datasheet HTML 2Page - Amphenol Corporation P-U77-AX61M-X081 Datasheet HTML 3Page - Amphenol Corporation P-U77-AX61M-X081 Datasheet HTML 4Page - Amphenol Corporation P-U77-AX61M-X081 Datasheet HTML 5Page - Amphenol Corporation P-U77-AX61M-X081 Datasheet HTML 6Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
A.G
MAR14/09
D
C
B
A
A
B
C
D
Amphenol Canada Corp.
REF.
SCALE
SIZE
PROJECT
DWG. NO.
A3
SHEET
MAR26/09
3 OF 6
WITH SPRING FINGER GASKET
DATE
APPROVALS
DRAWN
CHECKED
QA APPD
IE APP'D
REV.
A
TOLERANCES ARE:
P-U77-AX61M-X081
1XN SFP+ GAGE ASSY
DESIGNED
DWG APP'D
ECN/E-R
DECIMALS
ANGLES
DIMENSIONS ARE IN MILLIMETERS
UNLESS OTHERWISE SPECIFIED
1
0.25
MATERIAL AND FINISH
SEE NOTE 1
DO NOT SCALE DRAWING
1
2
3
4
5
6
8
8
7
6
5
4
32
1
REVISIONS
REV.
DESCRIPTION
DATE
APPROVED
PROPOSAL
MAR26/09
OR USED FOR MANUFACTURING PURPOSES WITHOUT PERMISSION FROM AMPHENOL CANADA CORP.
TITLE
1:1
A
7
CODE IDENT. NO.
03554
ChigowX
J.SI
X.X 0.38
X.XX
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE
MAR26/09
DIM "C"±0.10
A
A
SECTION A-A
GUIDE PINS PER SPEC.
SCALE 2 : 1
CL OF CONNECTOR
PCB
10.40±0.10
±0.10
MAX
35.40
1.57
(10.15)
(OPENING BELOW PCB)
0.25
3.50
38.90±0.30
DIM "D" MIN
RECOMMENDED BEZEL DESIGN
PART NUMBER
DIM"C"
DIM"D"
U77-A261M-X081
29.70
31.00
U77-A461M-X081
58.20
59.50
U77-A661M-X081
86.70
88.00


同様の部品番号 - P-U77-AX61M-X081

メーカー部品番号データシート部品情報
logo
Amphenol Corporation
P-U77-AX61M-X071 AMPHENOL-P-U77-AX61M-X071 Datasheet
695Kb / 10P
   COPPER ALLOY
More results

同様の説明 - P-U77-AX61M-X081

メーカー部品番号データシート部品情報
logo
Amphenol Corporation
P-U77-AX41M-X081 AMPHENOL-P-U77-AX41M-X081 Datasheet
240Kb / 6P
   1XN SFP CAGE ASSEMBLY WITH ELASTOMERIC GASKET
P-U86-DX627-X0XX1 AMPHENOL-P-U86-DX627-X0XX1 Datasheet
466Kb / 6P
   2XN SFP EXPRESSPORT COMBO WITH LIGHT PIPE (SPRING FINGER GASKET)
P-U86-D1627-X0XX1 AMPHENOL-P-U86-D1627-X0XX1 Datasheet
185Kb / 4P
   2X1 SFP ULTRA-PORT COMBO WITH LIGHT PIPE (SPRING FINGER GASKET)
P-U77-CX41M-X081 AMPHENOL-P-U77-CX41M-X081 Datasheet
673Kb / 11P
   1XN SFP CAGE ELASTOMER EMI GASKET, WITH LIGHT PIPE
logo
Molex Electronics Ltd.
74754-0101 MOLEX-74754-0101 Datasheet
50Kb / 3P
   SFP Plus (SFP) Cage, Single Port, Spring Finger Bezel Gasket, 3.05mm Press Fit Pins
0747540103 MOLEX1-0747540103 Datasheet
43Kb / 1P
   SFP Cage, Single Port, Spring Finger Bezel Gasket, 3.38mm Solder Post Pins
0747540101 MOLEX1-0747540101 Datasheet
43Kb / 1P
   SFP Cage, Single Port, Spring Finger Bezel Gasket, 3.05mm Press Fit Pins
0747540106 MOLEX1-0747540106 Datasheet
42Kb / 1P
   SFP Cage, Single Port, Spring Finger Bezel Gasket 3.60mm Solder Post Pins For PCI
0747540044 MOLEX1-0747540044 Datasheet
44Kb / 1P
   SFP Cage, 1-by-4 Ganged, Spring Finger Bezel Gasket, 3.05mm Press Fit Pins
0747540104 MOLEX1-0747540104 Datasheet
42Kb / 1P
   SFP Cage, Single Port, Spring Finger Bezel Gasket, 3.05mm Press Fit Pins for PCI
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com