データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM320DM355-EP データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 SM320DM355-EP
部品情報  Digital Media System-on-Chip(DMSoC)
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SM320DM355-EP データシート(HTML) 9 Page - Texas Instruments

Back Button SM320DM355-EP Datasheet HTML 5Page - Texas Instruments SM320DM355-EP Datasheet HTML 6Page - Texas Instruments SM320DM355-EP Datasheet HTML 7Page - Texas Instruments SM320DM355-EP Datasheet HTML 8Page - Texas Instruments SM320DM355-EP Datasheet HTML 9Page - Texas Instruments SM320DM355-EP Datasheet HTML 10Page - Texas Instruments SM320DM355-EP Datasheet HTML 11Page - Texas Instruments SM320DM355-EP Datasheet HTML 12Page - Texas Instruments SM320DM355-EP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 156 page
background image
SM320DM355-EP
Digital Media System-on-Chip (DMSoC)
www.ti.com
SPRS575 – JULY 2009
Table 2-3. DM355 ARM Configuration Bus Access to Peripherals (continued)
Address
Accessibility
UART1
0x01C2 0400
0x01C2 07FF
1K
Timer4/5
0x01C2 0800
0x01C2 0BFF
1K
Real-time out
0x01C2 0C00
0x01C2 0FFF
1K
I2C
0x01C2 1000
0x01C2 13FF
1K
Timer0/1
0x01C2 1400
0x01C2 17FF
1K
Timer2/3
0x01C2 1800
0x01C2 1BFF
1K
WatchDog Timer
0x01C2 1C00
0x01C2 1FFF
1K
PWM0
0x01C2 2000
0x01C2 23FF
1K
PWM1
0x01C2 2400
0x01C2 27FF
1K
PWM2
0x01C2 2800
0x01C2 2BFF
1K
PWM3
0x01C2 2C00
0x01C2 2FFF
1K
System Module
0x01C4 0000
0x01C4 07FF
2K
PLL Controller 0
0x01C4 0800
0x01C4 0BFF
1K
PLL Controller 1
0x01C4 0C00
0x01C4 0FFF
1K
Power/Sleep Controller
0x01C4 1000
0x01C4 1FFF
4K
Reserved
0x01C4 2000
0x01C4 7FFF
24K
ARM Interrupt Controller
0x01C4 8000
0x01C4 83FF
1K
Reserved
0x01C4 8400
0x01C6 3FFF
111K
USB OTG 2.0 Regs / RAM
0x01C6 4000
0x01C6 5FFF
8K
SPI0
0x01C6 6000
0x01C6 67FF
2K
SPI1
0x01C6 6800
0x01C6 6FFF
2K
GPIO
0x01C6 7000
0x01C6 77FF
2K
SPI2
0x01C6 7800
0x01C6 FFFF
2K
VPSS Subsystem
0x01C7 0000
0x01C7 FFFF
64K
VPSS Clock Control
0x01C7 0000
0x01C7 007F
128
Hardware 3A
0x01C7 0080
0x01C7 00FF
128
Image Pipe (IPIPE) Interface
0x01C7 0100
0x01C7 01FF
256
On Screen Display
0x01C7 0200
0x01C7 02FF
256
Reserved
0x01C7 0300
0x01C7 03FF
256
Video Encoder
0x01C7 0400
0x01C7 05FF
512
CCD Controller
0x01C7 0600
0x01C7 07FF
256
VPSS Buffer Logic
0x01C7 0800
0x01C7 08FF
256
Reserved
0x01C7 0900
0x01C7 09FF
256
Image Pipe (IPIPE)
0x01C7 1000
0x01C7 3FFF
12K
Reserved
0x01C7 4000
0x01CD FFFF
432K
Multimedia / SD 1
0x01E0 0000
0x01E0 1FFF
8K
ASP0
0x01E0 2000
0x01E0 3FFF
8K
ASP1
0x01E0 4000
0x01E0 5FFF
8K
UART2
0x01E0 6000
0x01E0 63FF
1K
Reserved
0x01E0 6400
0x01E0 FFFF
39K
ASYNC EMIF Control
0x01E1 0000
0x01E1 0FFF
4K
Multimedia / SD 0
0x01E1 1000
0x01E1 FFFF
60K
Reserved
0x01E2 0000
0x01FF FFFF
1792K
ASYNC EMIF Data (CE0)
0x0200 0000
0x03FF FFFF
32M
ASYNC EMIF Data (CE1)
0x0400 0000
0x05FF FFFF
32M
Reserved
0x0600 0000
0x09FF FFFF
64M
Reserved
0x0A00 0000
0x0BFF FFFF
32M
Submit Documentation Feedback
Device Overview
9


同様の部品番号 - SM320DM355-EP

メーカー部品番号データシート部品情報
logo
Texas Instruments
SM320DM642-EP TI-SM320DM642-EP Datasheet
1Mb / 170P
[Old version datasheet]   Video/Imaging Fixed Point Digital Signal Processor
SM320DM642-EP TI-SM320DM642-EP Datasheet
1Mb / 170P
[Old version datasheet]   Video/Imaging Fixed Point Digital Signal Processor
SM320DM642-EP TI-SM320DM642-EP_10 Datasheet
1Mb / 170P
[Old version datasheet]   Video/Imaging Fixed Point Digital Signal Processor
SM320DM642-HIREL TI1-SM320DM642-HIREL Datasheet
1Mb / 170P
[Old version datasheet]   SM320DM642-HiRel Video/Imaging Fixed Point Digital Signal Processor
SM320DM642AGDKI7EP TI-SM320DM642AGDKI7EP Datasheet
1Mb / 170P
[Old version datasheet]   Video/Imaging Fixed Point Digital Signal Processor
More results

同様の説明 - SM320DM355-EP

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMS320DM355 TI-TMS320DM355_09 Datasheet
1Mb / 159P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355_07 Datasheet
1Mb / 158P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI1-TMS320DM335_15 Datasheet
1Mb / 160P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM369ZCED TI-TMS320DM369ZCED Datasheet
98Kb / 8P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM368ZCEDF TI1-TMS320DM368ZCEDF Datasheet
1Mb / 208P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM365 TI1-TMS320DM365_17 Datasheet
1Mb / 210P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM368 TI1-TMS320DM368_17 Datasheet
1Mb / 208P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI-TMS320DM335 Datasheet
1Mb / 156P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355_08 Datasheet
1Mb / 154P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI-TMS320DM335_09 Datasheet
1Mb / 155P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com