データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL1963A-15DCYR データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 TL1963A-15DCYR
部品情報  1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL1963A-15DCYR データシート(HTML) 11 Page - Texas Instruments

Back Button TL1963A-15DCYR Datasheet HTML 7Page - Texas Instruments TL1963A-15DCYR Datasheet HTML 8Page - Texas Instruments TL1963A-15DCYR Datasheet HTML 9Page - Texas Instruments TL1963A-15DCYR Datasheet HTML 10Page - Texas Instruments TL1963A-15DCYR Datasheet HTML 11Page - Texas Instruments TL1963A-15DCYR Datasheet HTML 12Page - Texas Instruments TL1963A-15DCYR Datasheet HTML 13Page - Texas Instruments TL1963A-15DCYR Datasheet HTML 14Page - Texas Instruments TL1963A-15DCYR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
-2
0
2
4
6
8
10
12
0
2
4
6
8
10
Output Voltage – V
TJ = 25°C
VIN = 0 V
Current flows into OUT pin
VOUT Adjustable
VOUT = VADJ
VOUT Fixed 3.3 V
VOUT = VFB
TL1963A (Adjustable)
V
= V
OUT
ADJ
TL1963A-3.3
V
= V
OUT
FB
0
200
400
600
800
1000
-50
-25
0
25
50
75
100
125
TA – Free-Air Temperature – °C
VIN = 0 V
VOUT Adjustable
VOUT = 1.21 V
VOUT Fixed 3.3V
VOUT = 3.3 V
TL1963A (Adjustable)
V
= 1.21 V
OUT
TL1963A-3.3
V
= 3.3 V
OUT
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
-50
-25
0
25
50
75
100
125
TA – Free-Air Temperature – °C
VOUT Adjustable
VOUT Fixed 3.3 V
IOUT = 1.5 A
VOUT Fixed 2.5 V
VOUT Fixed 1.8 V
TL1963A (Adjustable)
TL1963A-3.3
TL1963A-2.5
TL1963A-1.8
0
10
20
30
40
50
60
70
80
10
100
1000
10000
100000
100000
Frequency – Hz
VIN = 2.7 V
CIN = 0
COUT = 10 µF
IOUT = 750 mA
VRipple = 0.05 Vpp
10
100
1k
10k
100k
1M
V = 2.7 V
C = 0
C
= 10 µF (ceramic)
I
= 750 mA
V
= 0.05 V
T = 25°C
IN
IN
OUT
OUT
Ripple
PP
A
TL1963A-xx
www.ti.com........................................................................................................................................................ SLVS719E – JUNE 2008 – REVISED AUGUST 2009
TYPICAL CHARACTERISTICS (continued)
REVERSE OUTPUT CURRENT
REVERSE OUTPUT CURRENT
vs
vs
OUTPUT VOLTAGE
TEMPERATURE
Figure 21.
Figure 22.
RIPPLE REJECTION
LOAD REGULATION
vs
vs
FREQUENCY
TEMPERATURE
Figure 23.
Figure 24.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11


同様の部品番号 - TL1963A-15DCYR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL1963A-15DCYR TI-TL1963A-15DCYR Datasheet
834Kb / 28P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-15DCYR TI1-TL1963A-15DCYR Datasheet
2Mb / 39P
[Old version datasheet]   1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
More results

同様の説明 - TL1963A-15DCYR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL1963A-XX TI-TL1963A-XX_10 Datasheet
834Kb / 28P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A TI1-TL1963A_16 Datasheet
2Mb / 39P
[Old version datasheet]   1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TL1963A-Q1 TI1-TL1963A-Q1 Datasheet
612Kb / 23P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-XX TI-TL1963A-XX Datasheet
805Kb / 26P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS7A4501M TI1-TPS7A4501M Datasheet
406Kb / 21P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATOR
TL1963A TI-TL1963A_15 Datasheet
2Mb / 39P
[Old version datasheet]   TL1963A-xx 1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TPS73801 TI1-TPS73801 Datasheet
711Kb / 21P
[Old version datasheet]   1.0-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS7A4501 TI1-TPS7A4501_17 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
logo
ON Semiconductor
NCP57152DSADJR4G ONSEMI-NCP57152DSADJR4G Datasheet
292Kb / 11P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
logo
Texas Instruments
TPS73801 TI-TPS73801_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS73801 1.0-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com