データシートサーチシステム |
|
TL1963A-18DCQT データシート(PDF) 11 Page - Texas Instruments |
|
|
TL1963A-18DCQT データシート(HTML) 11 Page - Texas Instruments |
11 / 27 page -2 0 2 4 6 8 10 12 0 2 4 6 8 10 Output Voltage – V TJ = 25°C VIN = 0 V Current flows into OUT pin VOUT Adjustable VOUT = VADJ VOUT Fixed 3.3 V VOUT = VFB TL1963A (Adjustable) V = V OUT ADJ TL1963A-3.3 V = V OUT FB 0 200 400 600 800 1000 -50 -25 0 25 50 75 100 125 TA – Free-Air Temperature – °C VIN = 0 V VOUT Adjustable VOUT = 1.21 V VOUT Fixed 3.3V VOUT = 3.3 V TL1963A (Adjustable) V = 1.21 V OUT TL1963A-3.3 V = 3.3 V OUT -35 -30 -25 -20 -15 -10 -5 0 5 10 15 20 -50 -25 0 25 50 75 100 125 TA – Free-Air Temperature – °C VOUT Adjustable VOUT Fixed 3.3 V IOUT = 1.5 A VOUT Fixed 2.5 V VOUT Fixed 1.8 V TL1963A (Adjustable) TL1963A-3.3 TL1963A-2.5 TL1963A-1.8 0 10 20 30 40 50 60 70 80 10 100 1000 10000 100000 100000 Frequency – Hz VIN = 2.7 V CIN = 0 COUT = 10 µF IOUT = 750 mA VRipple = 0.05 Vpp 10 100 1k 10k 100k 1M V = 2.7 V C = 0 C = 10 µF (ceramic) I = 750 mA V = 0.05 V T = 25°C IN IN OUT OUT Ripple PP A TL1963A-xx www.ti.com........................................................................................................................................................ SLVS719E – JUNE 2008 – REVISED AUGUST 2009 TYPICAL CHARACTERISTICS (continued) REVERSE OUTPUT CURRENT REVERSE OUTPUT CURRENT vs vs OUTPUT VOLTAGE TEMPERATURE Figure 21. Figure 22. RIPPLE REJECTION LOAD REGULATION vs vs FREQUENCY TEMPERATURE Figure 23. Figure 24. Copyright © 2008–2009, Texas Instruments Incorporated Submit Documentation Feedback 11 |
同様の部品番号 - TL1963A-18DCQT |
|
同様の説明 - TL1963A-18DCQT |