データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3004S-10A1SMT データシート(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

部品番号 TS3004S-10A1SMT
部品情報  Modular Jacks
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  YAMAICHI [Yamaichi Electronics Co., Ltd.]
ホームページ  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

TS3004S-10A1SMT データシート(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  TS3004S-10A1SMT Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. TS3004S-10A1SMT Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd. TS3004S-10A1SMT Datasheet HTML 3Page - Yamaichi Electronics Co., Ltd. TS3004S-10A1SMT Datasheet HTML 4Page - Yamaichi Electronics Co., Ltd. TS3004S-10A1SMT Datasheet HTML 5Page - Yamaichi Electronics Co., Ltd. TS3004S-10A1SMT Datasheet HTML 6Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Sockets and Connectors
Trading Division
TS Series
Modular Jacks (PCB Mounted, Unshielded)
TS2K**
PCB-Layout (Top View)
TS2K**-C
PCB-Layout (Top View)
TS2K4*
4
13.72
11.18
7.62
3.81
TS2K6*
6
15.75
13.21
10.16
6.35
TS2K8*
8
17.78
15.24
11.43
8.89
Part No.
No. of
Positons
AB
Part No.
No. of
Positions
AB
C
C
TS2K4*-C
4
13.72
11.48
7.62
TS2K6*-C
6
15.75
13.21
10.16
TS2K8*-C
8
17.78
15.24
11.43
TS2K10*-C
10
17.78
15.24
11.43
* Depopulation of contacts possible
TS4*
4
10.00
10.00
3.06
TS6*
6
12.20
12.00
5.10
TS8*
8
15.10
15.00
7.14
TS10*
10
15.10
15.00
9.18
Part No.
No. of
Postions
AB
C
TS**
* Depopulation of contacts possible
PCB-Layout (Top View)
* Depopulation of contacts possible
D
Materials and Finish
Standard material: Glass filled polyester (UL94V-0)
Standard color:
Black
Soldering Temp.:
240°C / 5 sec.
Contact:
Thickness 0.35mm Alloy C5210,
Gold plating over Nickel (contact area)
Tin Plating over Nckel (solder area)
Materials and Finish
Standard material: Glass filled polyester (UL94V-0)
Standard color:
Black
Soldering Temp.:
215°C / 5 sec.
Contact:
Thickness 0.35mm Alloy C5210,
Gold plating over Nickel (contact area)
Tin Plating over nickel (solder area)
RoHS
RoHS
RoHS


同様の部品番号 - TS3004S-10A1SMT

メーカー部品番号データシート部品情報
logo
Touchstone Semiconducto...
TS3004 TOUCHSTONE-TS3004 Datasheet
835Kb / 11P
   A 1.55V to 5.25V, 1.9uA, 3.3us to 233s Silicon Timer
logo
Silicon Laboratories
TS3004 SILABS-TS3004 Datasheet
935Kb / 3P
   LOWEST SUPPLY CURRENT FOR BATTERY-POWERED APPLICATIONS
TS3004 SILABS-TS3004 Datasheet
1Mb / 12P
   Single Resistor Sets Output Frequency
logo
Semtech Corporation
TS30041 SEMTECH-TS30041 Datasheet
1Mb / 18P
   High E! ciency 1A/2A Current-Mode Synchronous Buck Converter, 1MHz
Rev 2.2 July 27, 2016
TS30041-M000QFNR SEMTECH-TS30041-M000QFNR Datasheet
1Mb / 18P
   High E! ciency 1A/2A Current-Mode Synchronous Buck Converter, 1MHz
Rev 2.2 July 27, 2016
More results

同様の説明 - TS3004S-10A1SMT

メーカー部品番号データシート部品情報
logo
Adam Technologies, Inc.
MTJ-88321 ADAM-TECH-MTJ-88321 Datasheet
4Mb / 27P
   MODULAR JACKS
logo
TE Connectivity Ltd
RJ11-2X TEC-RJ11-2X Datasheet
265Kb / 6P
   Unfiltered Modular Jacks
logo
Coilcraft lnc.
PCRJ11-1 COILCRAFT-PCRJ11-1 Datasheet
157Kb / 2P
   Filtered Modular Jacks
logo
Tyco Electronics
RJ11-2X MACOM-RJ11-2X_11 Datasheet
265Kb / 6P
   Unfiltered Modular Jacks
5569256-1 MACOM-5569256-1 Datasheet
173Kb / 3P
   Stacked Modular Jacks
logo
Adam Technologies, Inc.
MTJ64021 ADAM-TECH-MTJ64021 Datasheet
151Kb / 1P
   MODULAR TELEPHONE JACKS
logo
TE Connectivity Ltd
X TEC-X_V01 Datasheet
265Kb / 6P
   Unfiltered Modular Jacks
logo
Adam Technologies, Inc.
MTJG-12-88JX1-FSG-PG ADAM-TECH-MTJG-12-88JX1-FSG-PG Datasheet
157Kb / 1P
   MODULAR TELEPHONE JACKS GANGED & STACKED JACKS
MTJP-616L ADAM-TECH-MTJP-616L Datasheet
268Kb / 3P
   MODULAR TELEPHONE JACKS WIRE LEADED JACKS
logo
Tyco Electronics
5558503-1 MACOM-5558503-1 Datasheet
166Kb / 3P
   Multi-Port Modular Jacks
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com