データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AHC245N データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AHC245N
部品情報  OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC245N データシート(HTML) 4 Page - Texas Instruments

  SN74AHC245N Datasheet HTML 1Page - Texas Instruments SN74AHC245N Datasheet HTML 2Page - Texas Instruments SN74AHC245N Datasheet HTML 3Page - Texas Instruments SN74AHC245N Datasheet HTML 4Page - Texas Instruments SN74AHC245N Datasheet HTML 5Page - Texas Instruments SN74AHC245N Datasheet HTML 6Page - Texas Instruments SN74AHC245N Datasheet HTML 7Page - Texas Instruments SN74AHC245N Datasheet HTML 8Page - Texas Instruments SN74AHC245N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SN54AHC245, SN74AHC245
OCTAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCLS230I – OCTOBER 1995 – REVISED JULY 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHC245
SN74AHC245
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
AorB
BorA
CL =15 pF
5.8**
8.4**
1**
10**
1
10
ns
tPHL
A or B
B or A
CL = 15 pF
5.8**
8.4**
1**
10**
1
10
ns
tPZH
OE
AorB
CL =15 pF
8.5**
13.2**
1**
15.5**
1
15.5
ns
tPZL
OE
A or B
CL = 15 pF
8.5**
13.2**
1**
15.5**
1
15.5
ns
tPHZ
OE
AorB
CL =15 pF
8.9**
12.5**
1**
15.5**
1
15.5
ns
tPLZ
OE
A or B
CL = 15 pF
8.9**
12.5**
1**
15.5**
1
15.5
ns
tPLH
AorB
BorA
CL =50 pF
8.3
11.9
1
13.5
1
13.5
ns
tPHL
A or B
B or A
CL = 50 pF
8.3
11.9
1
13.5
1
13.5
ns
tPZH
OE
AorB
CL =50 pF
11
16.7
1
19
1
19
ns
tPZL
OE
A or B
CL = 50 pF
11
16.7
1
19
1
19
ns
tPHZ
OE
AorB
CL =50 pF
11.5
15.8
1
18
1
18
ns
tPLZ
OE
A or B
CL = 50 pF
11.5
15.8
1
18
1
18
ns
tsk(o)
CL = 50 pF
1.5***
1.5
ns
** On products compliant to MIL-PRF-38535, this parameter is not production tested.
*** On products compliant to MIL-PRF-38535, this parameter does not apply.
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHC245
SN74AHC245
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
AorB
BorA
CL =15 pF
4*
5.5*
1*
6.5*
1
6.5
ns
tPHL
A or B
B or A
CL = 15 pF
4*
5.5*
1*
6.5*
1
6.5
ns
tPZH
OE
AorB
CL =15 pF
5.8*
8.5*
1*
10*
1
10
ns
tPZL
OE
A or B
CL = 15 pF
5.8*
8.5*
1*
10*
1
10
ns
tPHZ
OE
AorB
CL =15 pF
5.6*
7.8*
1*
9.2*
1
9.2
ns
tPLZ
OE
A or B
CL = 15 pF
5.6*
7.8*
1*
9.2*
1
9.2
ns
tPLH
AorB
BorA
CL =50 pF
5.5
7.5
1
8.5
1
8.5
ns
tPHL
A or B
B or A
CL = 50 pF
5.5
7.5
1
8.5
1
8.5
ns
tPZH
OE
AorB
CL =50 pF
7.3
10.6
1
12
1
12
ns
tPZL
OE
A or B
CL = 50 pF
7.3
10.6
1
12
1
12
ns
tPHZ
OE
AorB
CL =50 pF
7
9.7
1
11
1
11
ns
tPLZ
OE
A or B
CL = 50 pF
7
9.7
1
11
1
11
ns
tsk(o)
CL = 50 pF
1**
1
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
** On products compliant to MIL-PRF-38535, this parameter does not apply.


同様の部品番号 - SN74AHC245N

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AHC245N TI-SN74AHC245N Datasheet
573Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74AHC245N TI-SN74AHC245N Datasheet
395Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74AHC245N TI1-SN74AHC245N Datasheet
2Mb / 32P
[Old version datasheet]   SNx4AHC245 Octal Bus Transceivers With 3-State Outputs
SN74AHC245N TI-SN74AHC245N Datasheet
2Mb / 36P
[Old version datasheet]   SNx4AHC245 Octal Bus Transceivers With 3-State Outputs
REVISED DECEMBER 2022
SN74AHC245N TI-SN74AHC245N Datasheet
3Mb / 39P
[Old version datasheet]   SNx4AHC245 Octal Bus Transceivers With 3-State Outputs
REVISED APRIL 2023
More results

同様の説明 - SN74AHC245N

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT640 TI-SN54ABT640 Datasheet
107Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AC245 TI-SN54AC245 Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
   Octal Bus Transceivers With 3 State Outputs
logo
Renesas Technology Corp
HD74HCT245 RENESAS-HD74HCT245_15 Datasheet
130Kb / 9P
   Octal Bus Transceivers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com