データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS1W-CLK21-V1 データシート(PDF) 8 Page - Omron Electronics LLC

部品番号 CS1W-CLK21-V1
部品情報  SYSMAC CS-series Controller Link Units
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OMRON [Omron Electronics LLC]
ホームページ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-CLK21-V1 データシート(HTML) 8 Page - Omron Electronics LLC

Back Button CS1W-CLK21-V1 Datasheet HTML 4Page - Omron Electronics LLC CS1W-CLK21-V1 Datasheet HTML 5Page - Omron Electronics LLC CS1W-CLK21-V1 Datasheet HTML 6Page - Omron Electronics LLC CS1W-CLK21-V1 Datasheet HTML 7Page - Omron Electronics LLC CS1W-CLK21-V1 Datasheet HTML 8Page - Omron Electronics LLC CS1W-CLK21-V1 Datasheet HTML 9Page - Omron Electronics LLC CS1W-CLK21-V1 Datasheet HTML 10Page - Omron Electronics LLC CS1W-CLK21-V1 Datasheet HTML 11Page - Omron Electronics LLC CS1W-CLK21-V1 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
CS1W-CLK
Individual Specifications
Controller Link Units
Controller Link Support Boards (for PCI Bus)
Install FinsGateway version 3 if the operating system is Windows NT 4.0 (Service pack 3 or higher), Windows ME, or Windows 98SE. In that case,
however, the new functions of Controller Link Support Boards for the PCI Bus cannot be used (i.e., automatic data link creation with 1:N allocation,
changing data link tables with active data links, 62-node setting for wired models, and maximum of 4000 send words).
Repeater Units
Repeater Units are used to expand the Controller Link network for wired models. For Wired-to-optical Repeater Units, always use a set of two (1:1).
Optical Ring Controller Link Units and Boards cannot be connected to the optical cable section between Repeater Units.
Item
Specifications
Model
CS1W-CLK23
CS1W-CLK21-V1
CS1W-CLK13
CS1W-CLK12-V1
CS1W-CLK53
CS1W-CLK52-V1
Supported PLC
All CS-series CPU Units
Number of mountable Units
Unit version 1.2 or later: 8 Units max., Pre-Ver. 1.2: 4 Units max.
Installation site
Install onto a CPU Backplane or CS-series Expansion Backplane (classified as a CPU Bus Unit).
Storage location for network parameters
and manually set data tables
CPU Bus Unit Area (in the CPU Unit parameter area)
Storage location for routing tables
CPU Unit parameter area
Weight
220 g
300 g
(excluding mounting bracket)
300 g
(excluding mounting bracket)
Current
consumption
5 V in PLC
0.33 A
0.52 A
0.65 A
26 V in PLC
−−
External 24 V
0.20 A
0.26 A
Item
Specifications
Models
3G8F7-CLK23-E
3G8F7-CLK21-EV1
3G8F7-CLK13-E
3G8F7-CLK12-EV1
3G8F7-CLK53-E
3G8F7-CLK52-EV1
Applicable computers
IBM PC/AT or compatible
• CPU: Intel Celeron 400 MHz or better
• Main memory: 128 MB minimum
• One or more PCI bus slots (PCI bus revision 2.0 or higher, power supply: 5 V)
• Available hard disk space: 70 MB min.
• CD-ROM drive: One required for installation
• Display: VGA (640 × 480 (pixels) min.)
(Other conditions conform to the OS.)
Compatible OS
• FinsGateway Version 2003
Windows XP Professional
Windows XP Home Edition
Windows 2000 Professional
• FinsGateway Version 3
Windows XP Professional
Windows XP Home Edition
Windows 2000 Professional
Windows NT 4.0 (Service Pack 3 or higher)
Windows ME
Windows 98SE
Weight
104 g
120 g
(excluding mounting bracket)
124 g
(excluding mounting bracket)
Current
consumption
5 V in PLC
0.35 A
0.54 A
0.60 A
External 24 V
0.35 A
0.35 A
Item
Specifications
Model
CS1W-RPT01
CS1W-RPT02
CS1W-RPT03
Supported Units and Boards
All wired Controller Link Units and Boards
Note: If a maximum of 62 nodes is used, models that support 62 nodes must be used.
Transmission path
Wire-to-wire
Wire-to-optical (H-PCF)
Wire-to-optical (GI)
Transmission path format
Multi-drop
Tree
1:1
1:1
Installation
Repeater Units are not mounted to the PLC. They are mounted separately with screws or on a DIN
Track.
Weight
126 g
113 g
(excluding mounting bracket)
116 g
(excluding mounting bracket)
Allowable power supply voltage range
20.4 to 26.4 VDC (24 VDC
−15 V to +10%)
Current consumption
0.06 A at 24 VDC
0.06 A at 24 VDC
0.07 A at 24 VDC
Inrush current
2.5 A max. (24 VDC with rise time of 5 ms)


同様の部品番号 - CS1W-CLK21-V1

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
CS1W-CLK23 OMRON-CS1W-CLK23 Datasheet
8Mb / 70P
   Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
More results

同様の説明 - CS1W-CLK21-V1

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
CJ1W-CLK OMRON-CJ1W-CLK Datasheet
929Kb / 11P
   SYSMAC CJ-series Controller Link Units
CS1W-EIP21 OMRON-CS1W-EIP21 Datasheet
543Kb / 8P
   SYSMAC CS-series EtherNet/IP Unit
CJ1M OMRON-CJ1M Datasheet
526Kb / 12P
   SYSMAC CJ-series CJ1M CPU Units
CJ2M-CPU35 OMRON-CJ2M-CPU35 Datasheet
850Kb / 17P
   SYSMAC CJ-series CJ2M CPU Units
CJ1M-CPU13-ETN OMRON-CJ1M-CPU13-ETN Datasheet
452Kb / 15P
   SYSMAC CJ-series CJ1M CPU Units (with Ethernet function)
CJ2M-CPU35_1007 OMRON-CJ2M-CPU35_1007 Datasheet
4Mb / 30P
   SYSMAC CJ-series CJ2M CPU Units, Pulse I/O Modules
CJ1W-MCH72 OMRON-CJ1W-MCH72 Datasheet
3Mb / 374P
   Programmable Controller SYSMAC CJ-series CJ1W-MCH72
logo
List of Unclassifed Man...
C200H-AD001 ETC1-C200H-AD001 Datasheet
287Kb / 61P
   SYSMAC C200H-AD001/DA001 Analog I/O Units
logo
Omron Electronics LLC
CJ1W-EIP21 OMRON-CJ1W-EIP21 Datasheet
581Kb / 8P
   SYSMAC CJ-series EtherNet/IP Unit
logo
ATMEL Corporation
TSS461E ATMEL-TSS461E Datasheet
817Kb / 57P
   VAN Data Link Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com