データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CB-1042B-30 データシート(PDF) 2 Page - Tyco Electronics

部品番号 CB-1042B-30
部品情報  CB series CMOS IC Time Delay Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

CB-1042B-30 データシート(HTML) 2 Page - Tyco Electronics

  CB-1042B-30 Datasheet HTML 1Page - Tyco Electronics CB-1042B-30 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1229
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
P&B
Catalog 1308242
Issued 3-03
Wiring Diagrams - Bottom Views (pins numbered clockwise from keyway)
* If control switch is closed when power is applied, relay will immediately energize. A 50 millisecond minimum switch closure is required. IMPORTANT: A dry circuit switch is recommended. A
“dry circuit” switch is one rated to reliably switch currents of less than 50mA. Use of a switch rated for other than dry circuit may result in failure of the time delay relay to function properly.
** Note: Input polarity for DC operation. For most reliable operation on AC, connect high side to “+” and low side to “–”.
Outline Dimensions
Ordering Information – Authorized distributors are more likely to stock boldface items listed below.
Delay on Operate Models
Voltage
Time
Adjustment
Wiring Dia.
Part Number
24VAC
0.1 to 10 Sec.
Knob
1
CB-1041B-30
1.8 to 180 Sec
CB-1042B-30
0.1 to 1 Sec.
CB-1001B-70
0.1 to 5 Sec.
CB-1002B-70
0.1 to 10 Sec.
CB-1003B-70
120VAC
0.6 to 60 Sec.
Knob
1
CB-1004B-70
1.8 to 180 Sec.
CB-1005B-70
1 to 10 Min.
CB-1006B-70
10 to 100 Min.
CB-1007B-70
12VDC
0.1 to 10 Sec.
Knob
1
CB-1047D-20
0.1 to 1 Sec.
CB-1026D-30
24VDC
0.1 to 10 Sec.
Knob
1
CB-1028D-30
0.6 to 60 Sec.
CB-1029D-30
1.8 to 180 Sec.
CB-1030D-30
Delay on Release Models
Voltage
Time
Adjustment
Wiring Dia.
Part Number
24VAC
0.1 to 10 Sec.
Knob
3
CB-1045B-38
1.8 to 180 Sec
CB-1046B-38
0.1 to 10 Sec.
3
CB-1021B-78
120VAC
0.1 to 10 Sec.
Knob
5
CB-1022B-78
0.6 to 60 Sec.
3
CB-1023B-78
1.8 to 180 Sec.
3
CB-1024B-78
24VDC
0.1 to 10 Sec.
Knob
3
CB-1038D-38
1.8 to 180 Sec.
CB-1039D-38
Interval on Models
Voltage
Time
Adjustment
Wiring Dia.
Part Number
24VAC
0.1 to 10 Sec.
Knob
1
CB-1043B-39
0.1 to 5 Sec.
1
CB-1011B-79
120VAC
0.1 to 10 Sec.
Knob
1
CB-1014B-79
1 to 10 Min.
1
CB-1018B-79
24VDC
0.1 to 5 Sec.
Knob
1
CB-1034D-39
1.8 to 180 Sec.
CB-1036D-39
.60
(15.2)
.56
(14.2)
2.937 MAX.
(74.6)
2.406 MAX.
(61.1)
1.781 MAX.
(45.2)
+
_
INPUT (DC POLARITY
INDICATED)**
Fig. 1
8 Pin
+
CONTINUOUS
SUPPLY
INPUT
(DC POLARITY INDICATED)**
EXTERNAL
CONTROL
SWITCH*
Fig. 3
11 Pin
+
CONTINUOUS
SUPPLY
INPUT
(DC POLARITY INDICATED)**
EXTERNAL
CONTROL
SWITCH*
Fig. 5
8 Pin
_
_


同様の部品番号 - CB-1042B-30

メーカー部品番号データシート部品情報
logo
Moxa Inc.
CB-108 MOXA-CB-108 Datasheet
300Kb / 3P
   8-port RS-232 PC/104-Plus modules
CB-108-T MOXA-CB-108-T Datasheet
300Kb / 3P
   8-port RS-232 PC/104-Plus modules
More results

同様の説明 - CB-1042B-30

メーカー部品番号データシート部品情報
logo
Tyco Electronics
CGB-38-70005M MACOM-CGB-38-70005M Datasheet
46Kb / 2P
   CMOS IC Time Delay Relay
2-1393136-3 MACOM-2-1393136-3 Datasheet
56Kb / 2P
   CMOS IC Time Delay Relay
2-1393136-8 MACOM-2-1393136-8 Datasheet
50Kb / 2P
   CMOS IC Time Delay Relay
2-1393136-4 MACOM-2-1393136-4 Datasheet
50Kb / 2P
   CMOS IC Time Delay Relay
CDB-38-70001 MACOM-CDB-38-70001 Datasheet
50Kb / 2P
   CMOS IC Time Delay Relay
2-1393136-5 MACOM-2-1393136-5 Datasheet
50Kb / 2P
   CMOS IC Time Delay Relay
2-1393136-1 MACOM-2-1393136-1 Datasheet
50Kb / 2P
   CMOS IC Time Delay Relay
2-1393136-9 MACOM-2-1393136-9 Datasheet
50Kb / 2P
   CMOS IC Time Delay Relay
CGB-38-70010M MACOM-CGB-38-70010M Datasheet
46Kb / 2P
   CG series CMOS IC Time Delay Relay
CKB-38-30010 MACOM-CKB-38-30010 Datasheet
48Kb / 2P
   Mid-Priced CMOS IC Time Delay Relay
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com