データシートサーチシステム |
|
TS5A2053DCTRG4 データシート(PDF) 10 Page - Texas Instruments |
|
TS5A2053DCTRG4 データシート(HTML) 10 Page - Texas Instruments |
10 / 26 page TS5A2053 SINGLECHANNEL 10 W SPDT ANALOG SWITCH WITH ENABLE SCDS183A – JANUARY 2005 – REVISED APRIL 2006 www.ti.com 10 Electrical Characteristics for 1.8-V Supply(1) (continued) V+ = 1.65 V to 1.95 V, TA = −40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP MAX UNIT Dynamic Turn-on time tON VCOM = 1.3 V, CL = 35 pF, 25 °C 1.8 V 10.2 11.8 14.5 ns Turn-on time tON VCOM = 1.3 V, RL = 300 Ω, CL = 35 pF, See Figure 17 Full 1.65 V to 1.95 V 8.4 15.5 ns Turn-off time tOFF VCOM = 1.3 V, CL = 35 pF, 25 °C 1.8 V 2.9 4.3 6.5 ns Turn-off time tOFF VCOM = 1.3 V, RL = 300 Ω, CL = 35 pF, See Figure 17 Full 1.65 V to 1.95 V 2.2 7 ns Charge injection QC VGEN = 0, RGEN = 0 CL = 0.1 nF, See Figure 21 25 °C 1.8 V 0.5 pC NO, NC OFF capacitance CNO(OFF), CNC(OFF) VNO or VNC = V+ or GND, Switch OFF, See Figure 16 25 °C 1.8 V 6.5 pF COM OFF capacitance CCOM(OFF) VCOM = V+ or GND, Switch OFF, See Figure 16 25 °C 1.8 V 10 pF NO, NC ON capacitance CNO(ON), CNC(ON) VNO or VNC = V+ or GND, Switch ON, See Figure 16 25 °C 1.8 V 19 pF COM ON capacitance CCOM(ON) VCOM = V+ or GND, Switch ON, See Figure 16 25 °C 1.8 V 14 pF Digital input capacitance CI VI = V+ or GND, See Figure 16 25 °C 1.8 V 3 pF Bandwidth BW RL = 50 Ω, Switch ON, See Figure 18 25 °C 1.8 V 320 MHz OFF isolation OISO RL = 50 Ω, f = 10 MHz, Switch OFF, See Figure 19 25 °C 1.8 V −64 dB Crosstalk XTALK RL = 50 Ω, f = 10 MHz, Switch ON, See Figure 20 25 °C 1.8 V −68 dB Total harmonic distortion THD RL = 10 kΩ, CL = 50 pF, f = 20 Hz to 20 kHz, See Figure 22 25 °C 1.8 V 2.6 % Supply Positive supply I+ VI = V+ or GND, Switch ON or OFF 25 °C 1.95 V 0.1 1 A Positive supply current I+ VI = V+ or GND, Switch ON or OFF Full 1.95 V 5 µA (1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum |
同様の部品番号 - TS5A2053DCTRG4 |
|
同様の説明 - TS5A2053DCTRG4 |