データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

5VK7M データシート(PDF) 1 Page - Tyco Electronics

部品番号 5VK7M
部品情報  General Purpose RFI Power Line Filters-Ideal for High Impedance Load
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

5VK7M データシート(HTML) 1 Page - Tyco Electronics

  5VK7M Datasheet HTML 1Page - Tyco Electronics 5VK7M Datasheet HTML 2Page - Tyco Electronics 5VK7M Datasheet HTML 3Page - Tyco Electronics 5VK7M Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Purpose RFI Power Line Filters — Ideal for High Impedance Load
The K series RFI power line filters are general purpose
common-mode and differential-mode filters. They are
effective in the control of line-to-line as well as line-to-
ground RFI interference. The K series RFI filters are
particularly suited in applications where pulsed, continuous
and/or intermittent RFI interference is present. The EK
models meet the very low leakage current requirements of
VDE portable equipment, and (120 Volt) UL544 non-patient
medical equipment.
Specifications
Maximum leakage current,each line-to-ground
VK Models
EK Models
@ 120 VAC 60 Hz:
.5 mA
.21 mA
@ 250 VAC 50 Hz:
1.0 mA
.36 mA
Hipot rating (one minute):
line-to-ground
2250 VDC
line-to-line
1450 VDC
Operating frequency:
50/60 Hz
Rated voltage (max.):
250 VAC
Minimum insertion loss in dB:
Line-to-ground in 50 ohm circuit
Current
Frequency-MHz
Rating
.15
.5
1
5
10
30
VK Models
1A, 3A
15
30
38
50
50
50
2A, 5A, 10A
6
19
28
42
45
50
20A, 30A, 40A
6
19
28
42
45
50
60A
6
22
28
32
39
35
EK Models
1A, 3A
15
29
35
45
45
50
2A, 5A, 10A, 20A 8
19
25
38
40
45
Line-to-line in 50 ohm circuit
Current
Frequency-MHz
Rating
.15
.5
1
5
10
30
VK, EK Models
1A, 3A
48
55
50
35
2A, 5A, 10A
30
50
30
30
20A
6
6
30
50
30
30
VK Models
30A, 40A
2
40
60
65
57
55
60A
13
49
67
57
53
53
EK Models
30A
6
6
30
50
30
30
.
74
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
K Series
K Series
CORCOM Product Guide
UL Recognized
CSA Certified
VDE Approved
Electrical Schematics
Resistor location for reference only.
VK1/EK1
VK7/EK7
VK6
VK3/EK3
LINE
LOAD
LINE
LOAD
30VK6C Model (Inductor in Ground Line)
LINE
LOAD
60VK6 Model


同様の部品番号 - 5VK7M

メーカー部品番号データシート部品情報
logo
Tyco Electronics
5VK7M MACOM-5VK7M Datasheet
295Kb / 5P
   General Purpose RFI Power Line Filters ??Ideal for High Impedance Load
logo
TE Connectivity Ltd
5VK7M TEC-5VK7M Datasheet
295Kb / 5P
   General Purpose RFI Power Line Filters ??Ideal for High Impedance Load
More results

同様の説明 - 5VK7M

メーカー部品番号データシート部品情報
logo
Tyco Electronics
1VK1 MACOM-1VK1_11 Datasheet
295Kb / 5P
   General Purpose RFI Power Line Filters ??Ideal for High Impedance Load
logo
TE Connectivity Ltd
1VK1 TEC-1VK1 Datasheet
295Kb / 5P
   General Purpose RFI Power Line Filters ??Ideal for High Impedance Load
logo
List of Unclassifed Man...
1VB1 ETC1-1VB1 Datasheet
72Kb / 2P
   General Purpose RFI Power Line Filters General Purpose for High Impedance Loads at Low Cost
logo
Tyco Electronics
1VB1 MACOM-1VB1 Datasheet
224Kb / 3P
   General Purpose RFI Filters for High Impedance Loads at Low Current
logo
PREMO CORPORATION S.L
FA PREMO-FA Datasheet
140Kb / 1P
   RFI Power Line Filters
logo
Tyco Electronics
15DCF6 MACOM-15DCF6_11 Datasheet
242Kb / 6P
   RFI Power Line Filters for DC Applications
logo
TE Connectivity Ltd
DCB6 TEC-DCB6 Datasheet
242Kb / 6P
   RFI Power Line Filters for DC Applications
logo
Tyco Electronics
15DCB6 MACOM-15DCB6 Datasheet
163Kb / 4P
   RFI Power Line Filters for DC Applications
15DCF6 MACOM-15DCF6_1 Datasheet
169Kb / 4P
   RFI Power Line Filters for DC Applications
logo
TE Connectivity Ltd
10EHT TEC-10EHT Datasheet
215Kb / 3P
   High Performance RFI Power Line Filters for Medical Equipment
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com