データシートサーチシステム |
|
74HC138DTR2G データシート(PDF) 1 Page - ON Semiconductor |
|
74HC138DTR2G データシート(HTML) 1 Page - ON Semiconductor |
1 / 9 page © Semiconductor Components Industries, LLC, 2007 March, 2007 − Rev. 1 1 Publication Order Number: 74HC138/D 74HC138 1−of−8 Decoder/ Demultiplexer High−Performance Silicon−Gate CMOS The 74HC138 is identical in pinout to the LS138. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LSTTL outputs. The HC138 decodes a three−bit Address to one−of−eight active−low outputs. This device features three Chip Select inputs, two active−low and one active−high to facilitate the demultiplexing, cascading, and chip−selecting functions. The demultiplexing function is accomplished by using the Address inputs to select the desired device output; one of the Chip Selects is used as a data input while the other Chip Selects are held in their active states. Features • Output Drive Capability: 10 LSTTL Loads • Outputs Directly Interface to CMOS, NMOS and TTL • Operating Voltage Range: 2.0 to 6.0 V • Low Input Current: 1.0 mA • High Noise Immunity Characteristic of CMOS Devices • In Compliance with the Requirements Defined by JEDEC Standard No. 7A • ESD Performance: HBM > 2000 V; Machine Model > 200 V • Chip Complexity: 100 FETs or 29 Equivalent Gates • These are Pb−Free Devices http://onsemi.com MARKING DIAGRAMS SOIC−16 D SUFFIX CASE 751B TSSOP−16 DT SUFFIX CASE 948F 1 16 1 16 1 16 HC138G AWLYWW HC 138 ALYW G G 1 16 HC138 = Device Code A = Assembly Location L, WL = Wafer Lot Y = Year W, WW = Work Week G or G = Pb−Free Package See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet. ORDERING INFORMATION (Note: Microdot may be in either location) |
同様の部品番号 - 74HC138DTR2G |
|
同様の説明 - 74HC138DTR2G |