データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM1030ARQZ-RL7 データシート(PDF) 1 Page - ON Semiconductor

部品番号 ADM1030ARQZ-RL7
部品情報  Intelligent Temperature Monitor and PWM Fan Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1030ARQZ-RL7 データシート(HTML) 1 Page - ON Semiconductor

  ADM1030ARQZ-RL7 Datasheet HTML 1Page - ON Semiconductor ADM1030ARQZ-RL7 Datasheet HTML 2Page - ON Semiconductor ADM1030ARQZ-RL7 Datasheet HTML 3Page - ON Semiconductor ADM1030ARQZ-RL7 Datasheet HTML 4Page - ON Semiconductor ADM1030ARQZ-RL7 Datasheet HTML 5Page - ON Semiconductor ADM1030ARQZ-RL7 Datasheet HTML 6Page - ON Semiconductor ADM1030ARQZ-RL7 Datasheet HTML 7Page - ON Semiconductor ADM1030ARQZ-RL7 Datasheet HTML 8Page - ON Semiconductor ADM1030ARQZ-RL7 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
a
ADM1030*
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
REV. A
Intelligent Temperature
Monitor and PWM Fan Controller
FUNCTIONAL BLOCK DIAGRAM
SERIAL BUS
INTERFACE
INTERRUPT
STATUS
REGISTER
VALUE AND LIMIT
REGISTERS
OFFSET
REGISTERS
CONFIGURATION
REGISTER
LIMIT
COMPARATOR
2.5V
BANDGAP
REFERENCE
ANALOG
MULTIPLEXER
BANDGAP
TEMPERATURE
SENSOR
SLAVE
ADDRESS
REGISTER
ADD
SDA
SCL
GND
ADM1030
FAN
CHARACTERISTICS
REGISTER
FAN SPEED
CONFIG
REGISTER
TMIN/TRANGE
REGISTER
FAN
SPEED
COUNTER
ADDRESS
POINTER
REGISTER
PWM
CONTROLLER
TACH SIGNAL
CONDITIONING
NC
INT
THERM
FAN_FAULT
NC
NC
NC
PWM_OUT
TACH/AIN
D+
D–
VCC
ADC
NC = NO CONNECT
FEATURES
Optimized for Pentium® III: Allows Reduced Guardbanding
Software and Automatic Fan Speed Control
Automatic Fan Speed Control Allows Control Independent
of CPU Intervention after Initial Setup
Control Loop Minimizes Acoustic Noise and Battery
Consumption
Remote Temperature Measurement Accurate to 1�C
Using Remote Diode
0.125�C Resolution on Remote Temperature Channel
Local Temperature Sensor with 0.25�C Resolution
Pulsewidth Modulation Fan Control (PWM)
Programmable PWM Frequency
Programmable PWM Duty Cycle
Tach Fan Speed Measurement
Analog Input To Measure Fan Speed of 2-Wire Fans
(Using Sense Resistor)
2-Wire System Management Bus (SMBus) with ARA
Support
Overtemperature THERM Output Pin
Programmable INT Output Pin
Configurable Offset for All Temperature Channels
3 V to 5.5 V Supply Range
Shutdown Mode to Minimize Power Consumption
APPLICATIONS
Notebook PCs, Network Servers and Personal Computers
Telecommunications Equipment
PRODUCT DESCRIPTION
The ADM1030 is an ACPI-compliant two-channel digital ther-
mometer and under/over temperature alarm, for use in computers
and thermal management systems. Optimized for the Pentium
III, the higher 1 C accuracy offered allows systems designers to
safely reduce temperature guardbanding and increase system
performance. A Pulsewidth Modulated (PWM) Fan Control out-
put controls the speed of a cooling fan by varying output duty
cycle. Duty cycle values between 33%–100% allow smooth
control of the fan. The speed of the fan can be monitored via a
TACH input for a fan with a tach output. The TACH input can
be programmed as an analog input, allowing the speed of a 2-wire
fan to be determined via a sense resistor. The device will also
detect a stalled fan. A dedicated Fan Speed Control Loop pro-
vides control even without the intervention of CPU software. It
also ensures that if the CPU or system locks up, the fan can still
be controlled based on temperature measurements, and the fan
speed adjusted to correct any changes in system temperature.
Fan Speed may also be controlled using existing ACPI software.
One input (two pins) is dedicated to a remote temperature-
sensing diode with an accuracy of
±1 C, and a local temperature
sensor allows ambient temperature to be monitored. The device
has a programmable INT output to indicate error conditions.
There is a dedicated FAN_FAULT output to signal fan failure.
The THERM pin is a fail-safe output for over-temperature
conditions that can be used to throttle a CPU clock.
*Patents pending.
©2008 SCILLC. All rights reserved.
Publication Order Number:
February 2008 - Rev. 2
ADM1030/D


同様の部品番号 - ADM1030ARQZ-RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1030ARQ AD-ADM1030ARQ Datasheet
278Kb / 28P
   Intelligent Temperature Monitor and PWM Fan Controller
REV. 0
More results

同様の説明 - ADM1030ARQZ-RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1030 AD-ADM1030 Datasheet
278Kb / 28P
   Intelligent Temperature Monitor and PWM Fan Controller
REV. 0
logo
Texas Instruments
AMC6821SDBQG4 TI-AMC6821SDBQG4 Datasheet
1Mb / 56P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
AMC6821 TI-AMC6821 Datasheet
1,023Kb / 54P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
AMC6821-Q1 TI1-AMC6821-Q1 Datasheet
1Mb / 54P
[Old version datasheet]   INTELLIGENT TEMPERATURE MONITOR AND PWM FAN CONTROLLER
logo
ON Semiconductor
ADM1031 ONSEMI-ADM1031 Datasheet
305Kb / 30P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
May, 2010 ??Rev. 4
logo
Analog Devices
ADM1031 AD-ADM1031 Datasheet
289Kb / 32P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
REV. 0
EVAL-ADM1030 AD-EVAL-ADM1030 Datasheet
534Kb / 14P
   Evaluation Board for ACPI Temperature Monitor and PWM Fan Controller
REV. PrA 10/2000
ADM1029 AD-ADM1029 Datasheet
332Kb / 48P
   Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
REV. 0
logo
ON Semiconductor
ADM1029 ONSEMI-ADM1029 Datasheet
1Mb / 50P
   Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
January 2009 - Rev. 1
logo
Maxim Integrated Produc...
MAX6641 MAXIM-MAX6641 Datasheet
474Kb / 17P
   SMBus-Compatible Temperature Monitor with Automatic PWM Fan-Speed Controller
Rev 1; 4/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com