データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA19978A データシート(PDF) 11 Page - NXP Semiconductors

部品番号 TDA19978A
部品情報  Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA19978A データシート(HTML) 11 Page - NXP Semiconductors

Back Button TDA19978A Datasheet HTML 7Page - NXP Semiconductors TDA19978A Datasheet HTML 8Page - NXP Semiconductors TDA19978A Datasheet HTML 9Page - NXP Semiconductors TDA19978A Datasheet HTML 10Page - NXP Semiconductors TDA19978A Datasheet HTML 11Page - NXP Semiconductors TDA19978A Datasheet HTML 12Page - NXP Semiconductors TDA19978A Datasheet HTML 13Page - NXP Semiconductors TDA19978A Datasheet HTML 14Page - NXP Semiconductors TDA19978A Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
TDA19978A_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 16 April 2010
11 of 38
NXP Semiconductors
TDA19978A
Quad HDMI 1.3a receiver with digital processing
8.10 Packet extraction
Information sent during the Data Island periods are extracted from the HDMI data stream.
Audio clock regeneration, general control and InfoFrames can be read using the I2C-bus
while audio samples are sent to the audio FIFO.
The TDA19978A can receive the new HDMI 1.3a packets, general control and color
gamut metadata info packets.
In audio applications, the TDA19978A manages HBR packets for high bit rate
compressed audio streams (IEC 61937), One Bit Audio samples and DST packets for
One Bit Audio and SACD with DSD and DST audio streams.
The TDA19978A includes a two channel status decoder supporting multi-channel
reception for Audio Sample Packets. This enables the user to obtain channel status
information from the IEC 60958/IEC 61937 stream such as:
The audio stream type (non-linear as IEC 61937 or L-PCM as IEC 60958)
Copyright protection
Sampling frequency
Refer to IEC 60958/IEC 61937 specifications for more details.
An update of each InfoFrame or the channel status content is indicated by a register bit
and the HIGH-to-LOW transition on output pin VAI. This makes CPU polling unnecessary.
8.11 Audio PLL
The TDA19978A generates a 128/256/512
× f
s system clock enabling the use of simple
audio DACs without an integrated PLL, such as the UDA1334BTS. The programming of
the audio PLL can be either automatic, using the audio clock regeneration parameters
found in the Data Islands or set manually using the I2C-bus.
All standard audio sampling frequencies 32 kHz, 44.1 kHz, 88.2 kHz, 176.4 kHz, 48 kHz,
96 kHz and 192 kHz are accepted by the device.
8.12 Audio formatter
Audio samples can be output in either S/PDIF, I2S-bus formats or DSD (SACD). In I2S-bus
or S/PDIF modes, up to eight audio channels can be controlled using the audio port pins
(AP0 to AP5). In DSD mode (SACD), up to six audio channels can be controlled using the
these pins. The audio port mapping depends on the channel allocation (see Table 4,
Table 5 and Table 6 for detailed information). In the following tables, all ports are LV-TTL
compatible


同様の部品番号 - TDA19978A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA19978B NXP-TDA19978B Datasheet
283Kb / 38P
   Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Rev. 02-10 May 2010
TDA19978BHV NXP-TDA19978BHV Datasheet
283Kb / 38P
   Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Rev. 02-10 May 2010
More results

同様の説明 - TDA19978A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA19978B NXP-TDA19978B Datasheet
283Kb / 38P
   Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Rev. 02-10 May 2010
TDA19977A NXP-TDA19977A Datasheet
1Mb / 40P
   Triple input HDMI 1.4a compliant receiver interface with equalizer
Rev. 3-19 November 2010
logo
Tripp Lite. All Rights ...
P14206NMICRO TRIPPLITE-P14206NMICRO Datasheet
474Kb / 2P
   Micro HDMI to HDMI Adapter for Ultrabook-Laptop-Desktop PC - 1920x1200-1080p,
B126-1P0-MINI TRIPPLITE-B126-1P0-MINI Datasheet
178Kb / 3P
   HDMI over Cat5e/Cat6 Passive Extender, Low-Profile Remote Receiver for Video and Audio, 1080p @60Hz up to 50-ft.
B126-1P0-WP-1 TRIPPLITE-B126-1P0-WP-1 Datasheet
157Kb / 3P
   HDMI over Cat5/Cat6 Passive Extender, Wallplate Remote Receiver for Video and Audio, 1080p @60Hz up to 50-ft., TAA
P13106N TRIPPLITE-P13106N Datasheet
486Kb / 2P
   HDMI to VGA with Audio Converter Adapter for Ultrabook-Laptop-Desktop PC - 1920x1200-1080p
logo
Texas Instruments
LM4308 TI-LM4308 Datasheet
1Mb / 33P
[Old version datasheet]   18-bit i80 CPU Display Interface, Supports up to 640 x 480 VGA Formats
logo
IOGEAR
GWAVRC IOGEAR-GWAVRC Datasheet
146Kb / 2P
   Wireless Mobile and PC to HDTV Screen Sharing Receiver
logo
Chrontel, Inc.
CH7104B CHRONTEL-CH7104B Datasheet
200Kb / 7P
   CH7104B HDMI to HDTV/VGA Converter
Rev 1.5 2021-5-20
logo
Tripp Lite. All Rights ...
B126-1P0 TRIPPLITE-B126-1P0 Datasheet
166Kb / 3P
   HDMI over Cat5/Cat6 Passive Extender, Box-Style Remote Receiver for Video and Audio, 1080p @60Hz up to 50-ft., TAA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com