データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC488BRL1 データシート(PDF) 1 Page - ON Semiconductor

部品番号 BC488BRL1
部品情報  High Current Transistors PNP Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC488BRL1 データシート(HTML) 1 Page - ON Semiconductor

  BC488BRL1 Datasheet HTML 1Page - ON Semiconductor BC488BRL1 Datasheet HTML 2Page - ON Semiconductor BC488BRL1 Datasheet HTML 3Page - ON Semiconductor BC488BRL1 Datasheet HTML 4Page - ON Semiconductor BC488BRL1 Datasheet HTML 5Page - ON Semiconductor BC488BRL1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2005
September, 2005 − Rev. 1
1
Publication Order Number:
BC488B/D
BC488B
High Current Transistors
PNP Silicon
Features
Pb−Free Package is Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector - Emitter Voltage
VCEO
−60
Vdc
Collector - Base Voltage
VCBO
−60
Vdc
Emitter-Base Voltage
VEBO
−4.0
Vdc
Collector Current − Continuous
IC
−1.0
Adc
Total Device Dissipation
@ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Device Dissipation
@ TC = 25°C
Derate above 25
°C
PD
1.5
12
W
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
−55 to +150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance,
Junction−to−Ambient
RqJA
200
°C/W
Thermal Resistance,
Junction−to−Case
RqJC
83.3
°C/W
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
BC488BRL1
TO−92
2000/Tape & Reel
COLLECTOR
1
2
BASE
3
EMITTER
BC488B = Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
MARKING DIAGRAM
BC
488B
AYWW
G
G
BC488BRL1G
TO−92
(Pb−Free)
2000/Tape & Reel
http://onsemi.com
TO−92
CASE 29
STYLE 17
3
2
1


同様の部品番号 - BC488BRL1

メーカー部品番号データシート部品情報
logo
Micro Electronics
BC488 MICRO-ELECTRONICS-BC488 Datasheet
139Kb / 1P
   PNP SILICON PLANAR EPITAXIAL TRANSISTOR
More results

同様の説明 - BC488BRL1

メーカー部品番号データシート部品情報
logo
ON Semiconductor
BC490 ONSEMI-BC490 Datasheet
249Kb / 6P
   High Current Transistors(PNP Silicon)
1996
BC636 ONSEMI-BC636 Datasheet
86Kb / 4P
   High Current Transistors(PNP Silicon)
June, 2000 ??Rev. 1
logo
Guangdong Kexin Industr...
FZT953 KEXIN-FZT953 Datasheet
38Kb / 2P
   PNP Silicon Planar High Current Transistors
FZT951 KEXIN-FZT951 Datasheet
38Kb / 2P
   PNP Silicon Planar High Current Transistors
logo
ON Semiconductor
MPSW51 ONSEMI-MPSW51 Datasheet
100Kb / 4P
   One Watt High Current Transistors PNP Silicon
March, 2006 ??Rev. 3
logo
Zetex Semiconductors
FZT948 ZETEX-FZT948 Datasheet
216Kb / 5P
   PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
FZT957 ZETEX-FZT957 Datasheet
101Kb / 5P
   PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
FZT955 ZETEX-FZT955 Datasheet
115Kb / 5P
   PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Siemens Semiconductor G...
BC636 SIEMENS-BC636 Datasheet
126Kb / 5P
   PNP Silicon AF Transistors (High current gain High collector current)
BC876 SIEMENS-BC876 Datasheet
170Kb / 4P
   PNP Silicon Darlington Transistors (High current gain High collector current)
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com