データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT102 データシート(PDF) 2 Page - ON Semiconductor

部品番号 CAT102
部品情報  Precision, Adjustable Shunt Regulator (600 mV Reference)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT102 データシート(HTML) 2 Page - ON Semiconductor

  CAT102 Datasheet HTML 1Page - ON Semiconductor CAT102 Datasheet HTML 2Page - ON Semiconductor CAT102 Datasheet HTML 3Page - ON Semiconductor CAT102 Datasheet HTML 4Page - ON Semiconductor CAT102 Datasheet HTML 5Page - ON Semiconductor CAT102 Datasheet HTML 6Page - ON Semiconductor CAT102 Datasheet HTML 7Page - ON Semiconductor CAT102 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CAT102
Doc. No. MD-4007 Rev. P
2
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS
(1)
Parameters
Ratings
Units
VIN Voltage
20
V
OUT Voltage
20
V
FB Voltage
20
V
VIN, OUT, FB Current
50
mA
Operating Junction Temperature (10 seconds)
150
ºC
Lead Soldering Temperature (10 seconds)
260
ºC
Storage Temperature Range
-65 to +150
ºC
ELECTRICAL CHARACTERISTICS
Electrical characteristics are guaranteed over the full operating temperature range of -40°C to +85°C unless
otherwise specified. Ambient temperature must be de-rated based upon power dissipation and package thermal
characteristics.
1 Unless otherwise stated, test conditions are V
IN = 3 V, FB = OUT, IOUT = 1 mA.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN
Supply Voltage Range
2.2
18
V
IIN
Quiescent Supply Current
VOUT =1 V
90
500
µA
TJ = 25ºC
594
600
606
VFB
FB Threshold Reference Voltage
-40ºC < TJ < 85ºC
592
608
mV
Line Regulation
VIN = 2.2 V to VIN =18 V
VOUT = 0.6 V
0.5
1
mV
Load Regulation
IOUT = 1 mA to 10 mA
VOUT = 0.6 V
3
8
mV
IFB
FB Input Current
-500
500
nA
PSRR
(3)
Reference Power Supply
Rejection
Frequency = 300 kHz
35
65
dB
AV
Error Amplifier Open Loop Gain
IOUT = 2 mA, VOUT = 1 V
60
80
dB
BW
(3)
Unity Gain Frequency
IOUT = 2 mA, VOUT = 1 V
1
2
MHz
VOUT
Output Saturation voltage
IOUT = 20 mA, VFB = HIGH
130
250
mV
TRANSC
(3)
Output Transconductance
IOUT = 1 mA to 20 mA
2.5
mA/mV
ILEAK
Output Leakage Current
VOUT = 16 V, VFB = 0
0.5
2
µA
IOUT(MAX)
Maximum Output Current
VOUT = 0.3 V
20
mA
Notes:
(1) These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for prolongued time periods
may affect device reliability. All voltages are with respect to ground.
(2) Thermal Characteristics (ΘJA) of TSOT-23 5-lead: 255°C/W
(3) This parameter is controlled by design and verified during product evaluation. It is not production tested.


同様の部品番号 - CAT102

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT102 CATALYST-CAT102 Datasheet
81Kb / 9P
   Precision, Adjustable Shunt Regulator (600mV Reference)
CAT102 CATALYST-CAT102 Datasheet
867Kb / 28P
   Catalyst Semiconductor
CAT102 CATALYST-CAT102 Datasheet
176Kb / 9P
   Precision, Adjustable Shunt Regulator
CAT102 CATALYST-CAT102 Datasheet
160Kb / 8P
   Precision, Adjustable Shunt Regulator (600mV Reference)
CAT1021 CATALYST-CAT1021 Datasheet
149Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
More results

同様の説明 - CAT102

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT102 CATALYST-CAT102 Datasheet
81Kb / 9P
   Precision, Adjustable Shunt Regulator (600mV Reference)
CAT102 CATALYST-CAT102_07 Datasheet
160Kb / 8P
   Precision, Adjustable Shunt Regulator (600mV Reference)
logo
Calogic, LLC
CL2431 CALOGIC-CL2431 Datasheet
64Kb / 6P
   Precision Adjustable Shunt Reference
CL431 CALOGIC-CL431 Datasheet
65Kb / 6P
   Precision Adjustable Shunt Reference
CL1431 CALOGIC-CL1431 Datasheet
78Kb / 6P
   Precision Adjustable Shunt Reference
logo
List of Unclassifed Man...
AS2431 ETC1-AS2431 Datasheet
40Kb / 7P
   Precision Adjustable Shunt Reference
AS1431 ETC-AS1431 Datasheet
81Kb / 8P
   Precision Adjustable Shunt Reference
logo
ADDtek Corp
AMC431 ADDTEK-AMC431 Datasheet
121Kb / 10P
   PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
logo
ACE Technology Co., LTD...
ACE432N ACE-ACE432N Datasheet
1Mb / 11P
   Precision adjustable shunt voltage reference
VER 1.4
ACE432A ACE-ACE432A Datasheet
214Kb / 10P
   Precision adjustable shunt voltage reference
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com