データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT102 データシート(PDF) 4 Page - ON Semiconductor

部品番号 CAT102
部品情報  Precision, Adjustable Shunt Regulator (600 mV Reference)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT102 データシート(HTML) 4 Page - ON Semiconductor

  CAT102 Datasheet HTML 1Page - ON Semiconductor CAT102 Datasheet HTML 2Page - ON Semiconductor CAT102 Datasheet HTML 3Page - ON Semiconductor CAT102 Datasheet HTML 4Page - ON Semiconductor CAT102 Datasheet HTML 5Page - ON Semiconductor CAT102 Datasheet HTML 6Page - ON Semiconductor CAT102 Datasheet HTML 7Page - ON Semiconductor CAT102 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CAT102
Doc. No. MD-4007 Rev. P
4
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
APPLICATIONS INFORMATION
The CAT102 adjustable shunt regulator features
isolated supply inputs and outputs, ideal for isolated
power-supply applications using an optocoupler in
the feedback path. The CAT102 sinks 20 mA with
VOUT at 0.3 V. The wide input supply range allows
the device to operate from 2.2 V to 18 V. The
CAT102 compares the FB input to a precision
600mV reference. If the FB input is low, the OUT pin
sinks no current. If FB rises above 600 mV, the OUT
pin sinks up to 20 mA.
Figure 1 shows the CAT102 configured as a shunt
regulator. To generate an output voltage of 0.6 V,
the FB pin has to be directly connected to the OUT
pin. A 1.0 µF capacitor from OUT to GND is
recommended when the output voltage is 0.6 V. A
resistor-divider connected from OUT to GND is used
to produce a higher output voltage as set by the
following equation:
VOUT = (1 + R1/R2) x 0.6 V
The current limit can be adjusted by using a resistor R3
connected between the IN and OUT pins. For example,
a 3.3 V supply VIN is associated with R3 = 135 Ω, and a
10 V supply works best with R3 = 470 Ω. The CAT102
shunt regulator is limited to low-current applications with
the OUT pin capable of sinking up to 20 mA max.
Figure 1. Application circuits for 0.6 V output and 1.2 V output voltages
CAT102
IN
GND
C1
VIN
3.3V
0.6V/20mA
VOUT
0.1µF
C2
1µF
OUT
FB
R3
3
1
5
2
3
1
5
2
CAT102
IN
GND
C1
VIN
3.3V
1.2V/20mA
VOUT = (1 + R1/R2) x 0.6V
0.1µF
C2
1µF
OUT
FB
R1
10kΩ
10kΩ
R2
R3


同様の部品番号 - CAT102

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT102 CATALYST-CAT102 Datasheet
81Kb / 9P
   Precision, Adjustable Shunt Regulator (600mV Reference)
CAT102 CATALYST-CAT102 Datasheet
867Kb / 28P
   Catalyst Semiconductor
CAT102 CATALYST-CAT102 Datasheet
176Kb / 9P
   Precision, Adjustable Shunt Regulator
CAT102 CATALYST-CAT102 Datasheet
160Kb / 8P
   Precision, Adjustable Shunt Regulator (600mV Reference)
CAT1021 CATALYST-CAT1021 Datasheet
149Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
More results

同様の説明 - CAT102

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT102 CATALYST-CAT102 Datasheet
81Kb / 9P
   Precision, Adjustable Shunt Regulator (600mV Reference)
CAT102 CATALYST-CAT102_07 Datasheet
160Kb / 8P
   Precision, Adjustable Shunt Regulator (600mV Reference)
logo
Calogic, LLC
CL2431 CALOGIC-CL2431 Datasheet
64Kb / 6P
   Precision Adjustable Shunt Reference
CL431 CALOGIC-CL431 Datasheet
65Kb / 6P
   Precision Adjustable Shunt Reference
CL1431 CALOGIC-CL1431 Datasheet
78Kb / 6P
   Precision Adjustable Shunt Reference
logo
List of Unclassifed Man...
AS2431 ETC1-AS2431 Datasheet
40Kb / 7P
   Precision Adjustable Shunt Reference
AS1431 ETC-AS1431 Datasheet
81Kb / 8P
   Precision Adjustable Shunt Reference
logo
ADDtek Corp
AMC431 ADDTEK-AMC431 Datasheet
121Kb / 10P
   PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
logo
ACE Technology Co., LTD...
ACE432N ACE-ACE432N Datasheet
1Mb / 11P
   Precision adjustable shunt voltage reference
VER 1.4
ACE432A ACE-ACE432A Datasheet
214Kb / 10P
   Precision adjustable shunt voltage reference
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com