データシートサーチシステム |
|
CAT1022 データシート(PDF) 6 Page - ON Semiconductor |
|
CAT1022 データシート(HTML) 6 Page - ON Semiconductor |
6 / 21 page CAT1021, CAT1022, CAT1023 Doc. No. MD-3009 Rev. P 6 © 2009 SCILLC. All rights reserved. Characteristics subject to change without notice RESET CIRCUIT AC CHARACTERISTICS Symbol Parameter Test Conditions Min Typ Max Units tPURST Power-Up Reset Timeout Note 2 130 200 270 ms tRDP VTH to RESET output Delay Note 3 5 µs tGLITCH VCC Glitch Reject Pulse Width Note 4, 5 30 ns MR Glitch Manual Reset Glitch Immunity Note 1 100 ns tMRW MR Pulse Width Note 1 5 µs tMRD MR Input to RESET Output Delay Note 1 1 µs tWD Watchdog Timeout Note 1 1.0 1.6 2.1 sec POWER-UP TIMING (5), (6) Symbol Parameter Test Conditions Min Typ Max Units tPUR Power-Up to Read Operation 270 ms tPUW Power-Up to Write Operation 270 ms AC TEST CONDITIONS Parameter Test Conditions Input Pulse Voltages 0.2 x VCC to 0.8 x VCC Input Rise and Fall times 10 ns Input Reference Voltages 0.3 x VCC , 0.7 x VCC Output Reference Voltages 0.5 x VCC Output Load Current Source: IOL = 3 mA; CL = 100 pF RELIABILITY CHARACTERISTICS Symbol Parameter Reference Test Method Min Max Units NEND (5) Endurance MIL-STD-883, Test Method 1033 1,000,000 Cycles/Byte TDR (5) Data Retention MIL-STD-883, Test Method 1008 100 Years VZAP (5) ESD Susceptibility MIL-STD-883, Test Method 3015 2000 Volts ILTH (5)(7) Latch-Up JEDEC Standard 17 100 mA Notes: (1) Test Conditions according to “AC Test Conditions” table. (2) Power-up, Input Reference Voltage VCC = VTH, Reset Output Reference Voltage and Load according to “AC Test Conditions” Table (3) Power-Down, Input Reference Voltage VCC = VTH, Reset Output Reference Voltage and Load according to “AC Test Conditions” Table (4) VCC Glitch Reference Voltage = VTHmin; Based on characterization data (5) This parameter is characterized initially and after a design or process change that affects the parameter. Not 100% tested. (6) tPUR and tPUW are the delays required from the time VCC is stable until the specified memory operation can be initiated. (7) Latch-up protection is provided for stresses up to 100mA on input and output pins from -1 V to VCC + 1 V. |
同様の部品番号 - CAT1022 |
|
同様の説明 - CAT1022 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |