データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC14020BCL データシート(PDF) 1 Page - Motorola, Inc

部品番号 MC14020BCL
部品情報  14-Bit Binary Counter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14020BCL データシート(HTML) 1 Page - Motorola, Inc

  MC14020BCL Datasheet HTML 1Page - Motorola, Inc MC14020BCL Datasheet HTML 2Page - Motorola, Inc MC14020BCL Datasheet HTML 3Page - Motorola, Inc MC14020BCL Datasheet HTML 4Page - Motorola, Inc MC14020BCL Datasheet HTML 5Page - Motorola, Inc MC14020BCL Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MOTOROLA CMOS LOGIC DATA
87
MC14020B
14-Bit Binary Counter
The MC14020B 14–stage binary counter is constructed with MOS
P–channel and N–channel enhancement mode devices in a single
monolithic structure. This part is designed with an input wave shaping circuit
and 14 stages of ripple–carry binary counter. The device advances the count
on the negative–going edge of the clock pulse. Applications include time
delay circuits, counter controls, and frequency–dividing circuits.
• Fully Static Operation
• Diode Protection on All Inputs
• Supply Voltage Range = 3.0 Vdc to 18 Vdc
• Capable of Driving Two Low–power TTL Loads or One Low–power
Schottky TTL Load Over the Rated Temperature Range
• Buffered Outputs Available from stages 1 and 4 thru 14
• Common Reset Line
• Pin–for–Pin Replacement for CD4020B
MAXIMUM RATINGS* (Voltages Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage
– 0.5 to + 18.0
V
Vin, Vout Input or Output Voltage (DC or Transient)
– 0.5 to VDD + 0.5
V
lin, lout
Input or Output Current (DC or Transient),
per Pin
± 10
mA
PD
Power Dissipation, per Package†
500
mW
Tstg
Storage Temperature
– 65 to + 150
_C
TL
Lead Temperature (8–Second Soldering)
260
_C
* Maximum Ratings are those values beyond which damage to the device may occur.
†Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/
_C From 65_C To 125_C
Ceramic “L” Packages: – 12 mW/
_C From 100_C To 125_C
LOGIC DIAGRAM
CLOCK
RESET
11
10
Q1
Q4
Q5
Q12
Q13
Q14
9
7
5
1
2
3
C
C
R
Q
Q
C
C
R
Q
Q
C
C
R
Q
Q
C
C
R
Q
Q
C
C
R
Q
Q
C
C
Q
R
Q6 = PIN 4
Q7 = PIN 6
Q8 = PIN 13
Q9 = PIN 12
Q10 = PIN 14
Q11 = PIN 15
VDD = PIN 16
VSS = PIN 8
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1995
REV 3
1/94
MC14020B
L SUFFIX
CERAMIC
CASE 620
ORDERING INFORMATION
MC14XXXBCP
Plastic
MC14XXXBCL
Ceramic
MC14XXXBD
SOIC
TA = – 55° to 125°C for all packages.
P SUFFIX
PLASTIC
CASE 648
D SUFFIX
SOIC
CASE 751B
TRUTH TABLE
Clock
Reset
Output State
0
No Change
0
Advance to Next State
X
1
All Outputs are Low
X = Don’t Care


同様の部品番号 - MC14020BCL

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC14020BCP ONSEMI-MC14020BCP Datasheet
209Kb / 8P
   14-Bit Binary Counter
March, 2000 ??Rev. 3
MC14020BCP ONSEMI-MC14020BCP Datasheet
114Kb / 8P
   14?묪it Binary Counter
August, 2005 ??Rev. 6
MC14020BCPG ONSEMI-MC14020BCPG Datasheet
114Kb / 8P
   14?묪it Binary Counter
August, 2005 ??Rev. 6
More results

同様の説明 - MC14020BCL

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD14020B HITACHI-HD14020B Datasheet
80Kb / 7P
   14-bit Binary Counter
logo
ON Semiconductor
MC14020B ONSEMI-MC14020B_14 Datasheet
115Kb / 7P
   14-Bit Binary Counter
August, 2014 ??Rev. 9
MC14020B ONSEMI-MC14020B Datasheet
209Kb / 8P
   14-Bit Binary Counter
March, 2000 ??Rev. 3
MC14060B ONSEMI-MC14060B_15 Datasheet
145Kb / 8P
   14-Bit Binary Counter and Oscillator
August, 2014 ??Rev. 10
MC14060B ONSEMI-MC14060B Datasheet
238Kb / 8P
   14-Bit Binary Counter and Oscillator
March, 2000 ??Rev. 3
MC14060 ONSEMI-MC14060_04 Datasheet
125Kb / 10P
   14-Bit Binary Counter and Oscillator
July, 2004 ??Rev. 6
MC14060BDG ONSEMI-MC14060BDG Datasheet
159Kb / 9P
   14-Bit Binary Counter and Oscillator
June, 2011 ??Rev. 8
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
logo
Renesas Technology Corp
HD74HC4060 RENESAS-HD74HC4060 Datasheet
89Kb / 7P
   14-stage Binary Counter
logo
NXP Semiconductors
HEF4020BP652 PHILIPS-HEF4020BP652 Datasheet
109Kb / 14P
   14-stage binary counter
Rev. 8-18 November 2011
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com