データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC14027B データシート(PDF) 1 Page - Motorola, Inc

部品番号 MC14027B
部品情報  Dual J-K Flip-Flop
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14027B データシート(HTML) 1 Page - Motorola, Inc

  MC14027B Datasheet HTML 1Page - Motorola, Inc MC14027B Datasheet HTML 2Page - Motorola, Inc MC14027B Datasheet HTML 3Page - Motorola, Inc MC14027B Datasheet HTML 4Page - Motorola, Inc MC14027B Datasheet HTML 5Page - Motorola, Inc MC14027B Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MOTOROLA CMOS LOGIC DATA
107
MC14027B
Dual J-K Flip-Flop
The MC14027B dual J–K flip–flop has independent J, K, Clock (C), Set (S)
and Reset (R) inputs for each flip–flop. These devices may be used in
control, register, or toggle functions.
• Diode Protection on All Inputs
• Supply Voltage Range = 3.0 Vdc to 18 Vdc
• Logic Swing Independent of Fanout
• Logic Edge–Clocked Flip–Flop Design —
Logic state is retained indefinitely with clock level either high or low;
information is transferred to the output only on the positive–going edge
of the clock pulse
• Capable of Driving Two Low–power TTL Loads or One Low–power
Schottky TTL Load Over the Rated Temperature Range
• Pin–for–Pin Replacement for CD4027B
MAXIMUM RATINGS* (Voltages Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage
– 0.5 to + 18.0
V
Vin, Vout Input or Output Voltage (DC or Transient)
– 0.5 to VDD + 0.5
V
lin, lout
Input or Output Current (DC or Transient),
per Pin
± 10
mA
PD
Power Dissipation, per Package†
500
mW
Tstg
Storage Temperature
– 65 to + 150
_C
TL
Lead Temperature (8–Second Soldering)
260
_C
* Maximum Ratings are those values beyond which damage to the device may occur.
†Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/
_C From 65_C To 125_C
Ceramic “L” Packages: – 12 mW/
_C From 100_C To 125_C
TRUTH TABLE
Inputs
Outputs*
C†
J
K
S
R
Qn‡
Qn+1
Qn+1
1
X
0
0
0
1
0
X
0
0
0
1
1
0
0
X
0
0
0
0
1
X
1
0
0
1
0
1
1
1
0
0
Qo
Qo
Qo
X
X
0
0
X
Qn
Qn
X
X
X
1
0
X
1
0
X
X
X
0
1
X
0
1
X
X
X
1
1
X
1
1
X = Don’t Care
‡ = Present State
† = Level Change
* = Next State
This device contains protection circuitry to guard against damage
due to high static voltages or electric fields. However, precautions must
be taken to avoid applications of any voltage higher than maximum rated
voltages to this high-impedance circuit. For proper operation, Vin and
Vout should be constrained to the range VSS ≤ (Vin or Vout) ≤ VDD.
Unused inputs must always be tied to an appropriate logic voltage
level (e.g., either VSS or VDD). Unused outputs must be left open.
No
Change
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1995
REV 3
1/94
MC14025B (see Page 6-5)
MC14025UB (see Page 6-14)
MC14027B
L SUFFIX
CERAMIC
CASE 620
ORDERING INFORMATION
MC14XXXBCP
Plastic
MC14XXXBCL
Ceramic
MC14XXXBD
SOIC
TA = – 55° to 125°C for all packages.
P SUFFIX
PLASTIC
CASE 648
D SUFFIX
SOIC
CASE 751B
BLOCK DIAGRAM
12
11
13
10
9
4
5
3
6
7
14
15
2
1
S
S
R
R
K
C
J
K
C
J
Q
Q
Q
Q
VDD = PIN 16
VSS = PIN 8


同様の部品番号 - MC14027B

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC14027B ONSEMI-MC14027B Datasheet
183Kb / 8P
   Dual J-K Flip-Flop
March, 2000 ??Rev. 3
MC14027B ONSEMI-MC14027B Datasheet
103Kb / 8P
   Dual J?묷 Flip?묯lop
August, 2005 ??Rev. 6
MC14027B ONSEMI-MC14027B Datasheet
103Kb / 6P
   Dual J-K Flip-Flop
August, 2014 ??Rev. 8
MC14027BCP ONSEMI-MC14027BCP Datasheet
183Kb / 8P
   Dual J-K Flip-Flop
March, 2000 ??Rev. 3
MC14027BCP ONSEMI-MC14027BCP Datasheet
103Kb / 8P
   Dual J?묷 Flip?묯lop
August, 2005 ??Rev. 6
More results

同様の説明 - MC14027B

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC14027B ONSEMI-MC14027B Datasheet
183Kb / 8P
   Dual J-K Flip-Flop
March, 2000 ??Rev. 3
logo
Pyramid Semiconductor C...
ML688T PYRAMID-ML688T Datasheet
2Mb / 3P
   Dual J-K Flip-Flop
logo
Hitachi Semiconductor
HD14027B HITACHI-HD14027B Datasheet
79Kb / 7P
   Dual J-K Flip Flop
logo
List of Unclassifed Man...
MC524 ETC1-MC524 Datasheet
297Kb / 6P
   DUAL J-K FLIP-FLOP
logo
ON Semiconductor
MC14027B ONSEMI-MC14027B_14 Datasheet
103Kb / 6P
   Dual J-K Flip-Flop
August, 2014 ??Rev. 8
logo
Motorola, Inc
MC74HC73 MOTOROLA-MC74HC73 Datasheet
170Kb / 5P
   Dual J-K Flip-Flop with Reset
logo
STMicroelectronics
M54HC107 STMICROELECTRONICS-M54HC107 Datasheet
248Kb / 11P
   DUAL J-K FLIP FLOP WITH CLEAR
logo
ON Semiconductor
MC10135 ONSEMI-MC10135_02 Datasheet
112Kb / 8P
   Dual J-K Master-Slave Flip-Flop
January, 2002 ??Rev. 7
MC10H135 ONSEMI-MC10H135 Datasheet
97Kb / 3P
   Dual J-K Master-Slave Flip-Flop
REV 6
MC10135 ONSEMI-MC10135 Datasheet
110Kb / 5P
   Dual J-K Master-Slave Flip-Flop
1996 REV 5
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com