データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

5400BL15B200 データシート(PDF) 1 Page - Johanson Technology Inc.

部品番号 5400BL15B200
部品情報  5400 MHz Balun
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JOHANSON [Johanson Technology Inc.]
ホームページ  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

5400BL15B200 データシート(HTML) 1 Page - Johanson Technology Inc.

  5400BL15B200 Datasheet HTML 1Page - Johanson Technology Inc. 5400BL15B200 Datasheet HTML 2Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5400 MHz Balun
P/N 5400BL15B200
Detail Specification: 09/14/06
Page 1 of 2
General Specifications
Part Number
5400BL15B200
Phase Difference
180° ± 10
Frequency (MHz)
4900 ~ 5875
Amplitude Difference
2.0 dB max.
Unbalanced Impedence
50 Ω
Operating Temperature
-40 to +85°C
Balanced Impedence
200 Ω
Reel Quanity
4,000
Insertion Loss
1.0 dB max.
Power Capacity
3 watts max.
Return Loss
9.5 dB min.
Packaging
Bulk
Suffix = S
Eg. 5400BL15B200S
P/N
Style
T & R
Suffix = E
Eg. 5400BL15B200E
Suffix Termination
100% Tin
Suffix = None
Eg. 5400BL15B200(E or S)
Terminal Configuration
Style
Tin / Lead
Please consult Factory
No.
Function
1
Unbalanced Port
Mechanical Dimensions
2
GND
In
mm
3
Balanced Port
L
±±
4
Balanced Port
W
±±
5
GND
T
±±
6
NC
a
±±
b
±±
c
g
±±
p
±±
Mounting Considerations
Mount these devices with brown mark facing up.
* Line width should be designed to match 50
Ω characteristic impedance, depending on PCB material and thickness.
Units: mm
Johanson Technology, Inc. reserves the right to make design changes without notice.
All sales are subject to Johanson Technology, Inc. terms and conditions.
www.johansontechnology.com
931 Via Alondra • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
2003 Johanson Technology, Inc. All Rights Reserved
0.10
0.20
"High Frequency Ceramic Solutions"
0.004
0.079
2.00
0.10
0.10
0.10
1.25
0.90
0.008
0.012
0.004
0.30
0.004
0.049
0.004
0.035
0.004
0.026
0.002
0.65
0.05
0.014
0.004
0.35
0.10
0.10
0.012
0.30
+.004/-.008
+0.1/-0.2
L
W
c
Land
Solder Resist
Through-hole (Φ 0.3)
ap
gb
T
0.35
0.65
0.3
0.25
0.8
1.0
0.2
*
*
*


同様の部品番号 - 5400BL15B200

メーカー部品番号データシート部品情報
logo
Johanson Technology Inc...
5400BL15B050 JOHANSON-5400BL15B050 Datasheet
71Kb / 2P
   5400 MHz Balun
5400BL15B050E JOHANSON-5400BL15B050E Datasheet
80Kb / 2P
   Integrated Passive Component Packaging
5400BL15B100 JOHANSON-5400BL15B100 Datasheet
149Kb / 2P
   5.5 GHz Balun
More results

同様の説明 - 5400BL15B200

メーカー部品番号データシート部品情報
logo
Johanson Technology Inc...
5400BL15B050 JOHANSON-5400BL15B050 Datasheet
71Kb / 2P
   5400 MHz Balun
2450DP15G5400 JOHANSON-2450DP15G5400 Datasheet
121Kb / 2P
   2450 / 5400 MHz Diplexer
2450DP15H5400 JOHANSON-2450DP15H5400 Datasheet
210Kb / 2P
   2450 / 5400 MHz Diplexer
5400BP39A0100 JOHANSON-5400BP39A0100 Datasheet
118Kb / 2P
   5400 MHz Band Pass Filter
2450DP15D5400 JOHANSON-2450DP15D5400 Datasheet
84Kb / 2P
   2450 / 5400 MHz Diplexer ( LPF / BPF)
0465BL15B100 JOHANSON-0465BL15B100 Datasheet
137Kb / 2P
   465 MHz Balun
0866BL15C200 JOHANSON-0866BL15C200 Datasheet
139Kb / 1P
   850 MHz Balun
0917BL18B100 JOHANSON-0917BL18B100 Datasheet
87Kb / 2P
   900 MHz Balun
0900BL15C050 JOHANSON-0900BL15C050 Datasheet
94Kb / 2P
   900 MHz Balun
1550BL15A0075 JOHANSON-1550BL15A0075 Datasheet
310Kb / 2P
   1550 MHz Balun
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com