データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC14034B データシート(PDF) 7 Page - Motorola, Inc

部品番号 MC14034B
部品情報  8-Bit Universal Bus Register
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14034B データシート(HTML) 7 Page - Motorola, Inc

  MC14034B Datasheet HTML 1Page - Motorola, Inc MC14034B Datasheet HTML 2Page - Motorola, Inc MC14034B Datasheet HTML 3Page - Motorola, Inc MC14034B Datasheet HTML 4Page - Motorola, Inc MC14034B Datasheet HTML 5Page - Motorola, Inc MC14034B Datasheet HTML 6Page - Motorola, Inc MC14034B Datasheet HTML 7Page - Motorola, Inc MC14034B Datasheet HTML 8Page - Motorola, Inc MC14034B Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MOTOROLA CMOS LOGIC DATA
141
MC14034B
Figure 6. Shift Right/Shift Left with Parallel Inputs
A “High” (“Low”) on the Shift Left/Shift Right input allows serial data on the Shift Left Input (Shift Right Input) to enter the register
on the positive transition of the lock signal. A “high” on the “A” Enable Input disables the “A” parallel data lines on Reg. 1 and 2
and enables the “A” data lines on registers 3 and 4 and allows parallel data into registers 1 and 2. Other logic schemes may be
used in place of registers 3 and 4 for parallel loading.
When parallel inputs are not used, Reg. 3 and 4 and associated logic are not required.
*Shift left input must be disabled during parallel entry.
A ENABLE
SHIFT LEFT/
SHIFT RIGHT
SHIFT RIGHT
INPUT
CLOCK
A/S PARALLEL
ENTRY
REGISTER 1
MC14034B
SHIFT LEFT OUTPUT
AE
P/S
DS
A/B
A/S
CB1
B8
A1
A8
AE
P/S
DS
A/B
A/S
C
A1
A8
B1
B8
AE
P/S
SHIFT RIGHT
OUTPUT
REGISTER 2
MC14034B
SHIFT LEFT
INPUT*
A/S
COCK
AE
VDD
VDD
AE
P/S
DS
A/B
A/S
CB1
B8
REGISTER 3
MC14034B
REGISTER 4
MC14034B
A1
A8
AE
P/S
DS
A/B
A/S
C B1
B8
A1
A8


同様の部品番号 - MC14034B

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC1403 MOTOROLA-MC1403 Datasheet
127Kb / 8P
   Low Voltage Reference
logo
ON Semiconductor
MC1403 ONSEMI-MC1403 Datasheet
125Kb / 8P
   PRECISION LOW VOLTAGE REFERENCE
REV 1
logo
STMicroelectronics
MC1403 STMICROELECTRONICS-MC1403 Datasheet
37Kb / 4P
   2.5V PRECISION SERIAL VOLTAGE REFERENCE
October 1997
logo
Motorola, Inc
MC1403 MOTOROLA-MC1403 Datasheet
450Kb / 12P
   CMOS LSI (LOW-POWER COMPLEMENTARY MOS) 3 1/2 DIGIT A/D CONVERTER
logo
ON Semiconductor
MC1403 ONSEMI-MC1403 Datasheet
91Kb / 8P
   Low Voltage Reference
March, 2005 ??Rev. 4
More results

同様の説明 - MC14034B

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74F166 PHILIPS-74F166 Datasheet
94Kb / 12P
   8-bit bidirectional universal shift register
1991 Feb 14
74F198 PHILIPS-74F198 Datasheet
95Kb / 12P
   8-bit bidirectional universal shift register
1987 Oct 02
74HC299 PHILIPS-74HC299 Datasheet
85Kb / 11P
   8-bit universal shift register; 3-state
December 1990
logo
National Semiconductor ...
MM54HC299 NSC-MM54HC299 Datasheet
143Kb / 6P
   8-Bit TRI-STATEÉ Universal Shift Register
January 1988
logo
NXP Semiconductors
74HC299 NXP-74HC299 Datasheet
151Kb / 24P
   8-bit universal shift register; 3-state
Rev. 03-28 July 2008
logo
Nexperia B.V. All right...
74HC299-Q100 NEXPERIA-74HC299-Q100 Datasheet
254Kb / 15P
   8-bit universal shift register; 3-state
Rev. 1 - 2 March 2020
logo
NXP Semiconductors
74HC_HCT299 PHILIPS-74HC_HCT299_15 Datasheet
151Kb / 24P
   8-bit universal shift register; 3-state
Rev. 03-28 July 2008
logo
Nexperia B.V. All right...
74HC299 NEXPERIA-74HC299 Datasheet
269Kb / 15P
   8-bit universal shift register; 3-state
Rev. 6 - 11 May 2021
logo
NXP Semiconductors
74F299 PHILIPS-74F299 Datasheet
120Kb / 14P
   8-bit universal shift/storage register 3-State
1990 Mar 01
logo
Fairchild Semiconductor
DM74S299 FAIRCHILD-DM74S299 Datasheet
58Kb / 5P
   3-STATE 8-Bit Universal Shift/Storage Register
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com