データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC14035B データシート(PDF) 3 Page - Motorola, Inc

部品番号 MC14035B
部品情報  4-Bit Parallel-In/Parallel-Out Shift Register
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14035B データシート(HTML) 3 Page - Motorola, Inc

  MC14035B Datasheet HTML 1Page - Motorola, Inc MC14035B Datasheet HTML 2Page - Motorola, Inc MC14035B Datasheet HTML 3Page - Motorola, Inc MC14035B Datasheet HTML 4Page - Motorola, Inc MC14035B Datasheet HTML 5Page - Motorola, Inc MC14035B Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MOTOROLA CMOS LOGIC DATA
MC14035B
146
SWITCHING CHARACTERISTICS (CL = 50 pF, TA = 25_C, See Figure 1)
Characteristic
Symbol
VDD
Vdc
Min
Typ #
Max
Unit
Output Rise and Fall Time
TTLH, TTHL = (1.5 ns/pF) CL + 25 ns
TTLH, TTHL = (0.75 ns/pF) CL + 12.5 ns
TTLH, TTHL = (0.55 ns/pF) CL + 12.5 ns
tTLH,
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time, Clock or Reset to Q
TPLH, TPHL = (1.75 ns/pF) CL + 223 ns
TPLH, TPHL = (0.70 ns/pF) CL + 89 ns
TPLH, TPHL = (0.53 ns/pF) CL + 67 ns
tPLH,
tPHL
5.0
10
15
300
130
95
600
260
190
ns
Clock Pulse Width
tWH
5.0
10
15
335
165
125
135
45
40
ns
Reset Pulse Width
tWH
5.0
10
15
400
175
130
80
40
35
ns
Reset Removal Time
trem
5.0
10
15
80
30
25
40
15
10
ns
Clock Pulse Rise and Fall Time
tTLH, tTHL
5.0
10
15
No Limit
Clock Pulse Frequency
fcl
5.0
10
15
2.5
6.0
10
1.2
2.0
3.0
MHz
J–K to Clock Setup Time
tsu
5.0
10
15
500
200
150
120
50
30
ns
Clock to J–K Hold Time
th
5.0
10
15
40
30
25
– 40
– 5
0
ns
P/S to Clock Setup Time
tsu
5.0
10
15
500
200
150
25
10
7.5
ns
Clock to P/S Hold Time
th
5.0
10
15
30
20
20
– 70
– 20
– 10
ns
DP to Clock Setup Time
tsu
5.0
10
15
500
200
150
90
20
15
ns
Clock to DP Hold Time
th
5.0
10
15
90
40
40
– 25
0
5
ns
* The formulas given are for the typical characteristics only at 25
_C.
#Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
Figure 1. Timing Diagram
RESET
50%
trem
CLOCK
INPUT
J–K
INPUT
P/S
INPUT
DP0
INPUT
Q0
T/C INPUT LOW
50%
50%
50%
tWH
1/fcl
th
tsu
tsu
tsu
th
tTHL
tTLH
th
tsu
90%
10%
50%
tPHL
tPLH
tPHL
tPLH
50%


同様の部品番号 - MC14035B

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC1403 MOTOROLA-MC1403 Datasheet
127Kb / 8P
   Low Voltage Reference
logo
ON Semiconductor
MC1403 ONSEMI-MC1403 Datasheet
125Kb / 8P
   PRECISION LOW VOLTAGE REFERENCE
REV 1
logo
STMicroelectronics
MC1403 STMICROELECTRONICS-MC1403 Datasheet
37Kb / 4P
   2.5V PRECISION SERIAL VOLTAGE REFERENCE
October 1997
logo
Motorola, Inc
MC1403 MOTOROLA-MC1403 Datasheet
450Kb / 12P
   CMOS LSI (LOW-POWER COMPLEMENTARY MOS) 3 1/2 DIGIT A/D CONVERTER
logo
ON Semiconductor
MC1403 ONSEMI-MC1403 Datasheet
91Kb / 8P
   Low Voltage Reference
March, 2005 ??Rev. 4
More results

同様の説明 - MC14035B

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
CD4035BM NSC-CD4035BM Datasheet
139Kb / 6P
   4-Bit Parallel-In/Parallel-Out Shift Register
logo
Micro Electronics
MMC4035 MICRO-ELECTRONICS-MMC4035 Datasheet
173Kb / 6P
   4-STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
logo
STMicroelectronics
HCC4035B STMICROELECTRONICS-HCC4035B Datasheet
296Kb / 14P
   4-STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
HCF4035B STMICROELECTRONICS-HCF4035B_01 Datasheet
1Mb / 11P
   4 STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
logo
Intersil Corporation
CD4035BMS INTERSIL-CD4035BMS Datasheet
118Kb / 10P
   CMOS 4 -Stage Parallel In/Parallel Out Shift Register
logo
Texas Instruments
CD4035B TI-CD4035B Datasheet
269Kb / 6P
[Old version datasheet]   CMOS 4-STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
NXP Semiconductors
74HC4015 PHILIPS-74HC4015 Datasheet
50Kb / 8P
   Dual 4-bit serial-in/parallel-out shift register
December 1990
logo
Hitachi Semiconductor
HD74HC164 HITACHI-HD74HC164 Datasheet
51Kb / 9P
   8-bit Parallel-out Shift Register
logo
Renesas Technology Corp
HD74HC164 RENESAS-HD74HC164_15 Datasheet
145Kb / 10P
   8-bit Parallel-out Shift Register
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com