データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100H605FNR2G データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC100H605FNR2G
部品情報  Registered Hex ECL to TTL Translator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100H605FNR2G データシート(HTML) 1 Page - ON Semiconductor

  MC100H605FNR2G Datasheet HTML 1Page - ON Semiconductor MC100H605FNR2G Datasheet HTML 2Page - ON Semiconductor MC100H605FNR2G Datasheet HTML 3Page - ON Semiconductor MC100H605FNR2G Datasheet HTML 4Page - ON Semiconductor MC100H605FNR2G Datasheet HTML 5Page - ON Semiconductor MC100H605FNR2G Datasheet HTML 6Page - ON Semiconductor MC100H605FNR2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2009
September, 2009 − Rev. 8
1
Publication Order Number:
MC10H605/D
MC10H605, MC100H605
Registered Hex ECL to TTL
Translator
Description
The MC10/100H605 is a 6−bit, registered, dual supply ECL to TTL
translator. The device features differential ECL inputs for both data
and clock. The TTL outputs feature balanced 24 mA sink/source
capabilities for driving transmission lines.
With its differential ECL inputs and TTL outputs the H605 device is
ideally suited for the receive function of a HPPI bus type
board−to−board interface application. The on chip registers simplify
the task of synchronizing the data between the two boards.
A VBB reference voltage is supplied for use with single−ended data
or clock. For single−ended applications the VBB output should be
connected to the “bar” inputs (Dn or CLK) and bypassed to ground via
a 0.01
mF capacitor. To minimize the skew of the device differential
clocks should be used.
The ECL level Master Reset pin is asynchronous and common to all
flip−flops. A “HIGH” on the Master Reset forces the Q outputs
“LOW”.
The device is available in either ECL standard: the 10H device is
compatible with MECL 10H
™ logic levels while the 100H device is
compatible with 100K logic levels.
Features
Differential ECL Data and Clock Inputs
24 mA Sink, 24 mA Source TTL Outputs
Dual Power Supply
Multiple Power and Ground Pins to Minimize Noise
2.0 ns Part−to−Part Skew
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
MARKING DIAGRAM*
xxx
= 10 or 100
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
PLCC−28
FN SUFFIX
CASE 776
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
281
128
MCxxxH605G
AWLYYWW


同様の部品番号 - MC100H605FNR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100H600 ONSEMI-MC100H600 Datasheet
82Kb / 4P
   9-Bit TTL/ECL Translator
1996 REV 5
MC100H600 ONSEMI-MC100H600 Datasheet
110Kb / 6P
   9?묪it TTL to ECL Translator
November, 2006 ??Rev. 9
MC100H600FN ONSEMI-MC100H600FN Datasheet
82Kb / 4P
   9-Bit TTL/ECL Translator
1996 REV 5
MC100H600FN ONSEMI-MC100H600FN Datasheet
110Kb / 6P
   9?묪it TTL to ECL Translator
November, 2006 ??Rev. 9
MC100H600FNG ONSEMI-MC100H600FNG Datasheet
110Kb / 6P
   9?묪it TTL to ECL Translator
November, 2006 ??Rev. 9
More results

同様の説明 - MC100H605FNR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H604 ONSEMI-MC10H604 Datasheet
84Kb / 4P
   Registered Hex TTL/ECL Translator
1996 REV 1
logo
National Semiconductor ...
F100125 NSC-F100125 Datasheet
105Kb / 4P
   Hex ECL-to-TTL Translator
F100124 NSC-F100124 Datasheet
107Kb / 4P
   Hex TTL-to-ECL Translator
logo
ON Semiconductor
MC100H606FN ONSEMI-MC100H606FN Datasheet
120Kb / 7P
   Registered Hex TTL to PECL Translator
November, 2006 ??Rev. 6
MC10H607 ONSEMI-MC10H607 Datasheet
86Kb / 5P
   Registered Hex PECL/TTL Translator
1996 REV 2
MC10H606 ONSEMI-MC10H606 Datasheet
89Kb / 5P
   Registered Hex TTL/PECL Translator
1996 REV 1
logo
National Semiconductor ...
F100325 NSC-F100325 Datasheet
171Kb / 7P
   Low Power Hex ECL-to-TTL Translator
logo
Micrel Semiconductor
SY100S324 MICREL-SY100S324 Datasheet
103Kb / 5P
   LOW POWER HEX TTL-to-ECL TRANSLATOR
logo
National Semiconductor ...
100325 NSC-100325 Datasheet
125Kb / 8P
   Low Power Hex ECL-to-TTL Translator
logo
Fairchild Semiconductor
100324 FAIRCHILD-100324 Datasheet
82Kb / 8P
   Low Power Hex TTL-to-ECL Translator
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com