データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

WYO データシート(PDF) 1 Page - Vishay Siliconix

部品番号 WYO
部品情報  Ceramic AC Capacitors Class X1, 440 VAC/Class Y2, 250 VAC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WYO データシート(HTML) 1 Page - Vishay Siliconix

  WYO Datasheet HTML 1Page - Vishay Siliconix WYO Datasheet HTML 2Page - Vishay Siliconix WYO Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Ceramic AC Capacitors
Class X1, 440 VAC/Class Y2, 250 VAC
www.vishay.com
For technical questions contact: slcap@vishay.com
Document Number: 22202
44
Revision: 31-Jan-06
WYO
Vishay Draloric
DESIGN:
Disc capacitors with epoxy coating
RATED VOLTAGE UR:
(X1):
440 VAC, 50 Hz (IEC 60384-14.2)
(Y2):
250 VAC, 50 Hz (IEC 60384-14.2)
250 VAC, 60 Hz (UL1414, CSA C22.2)
DIELECTRIC STRENGTH BETWEEN LEADS:
Component test:
2500 VAC, 50 Hz, 2 s, for parts with pitch ≥ 7.5 mm
As repeated test admissible only once with
2000 VAC, 50 Hz, 2 s
Random sampling test (destructive test):
1500 VAC, 50 Hz, 60 s
DIELECTRIC STRENGTH OF BODY INSULATION:
2000 VAC, 50 Hz, 60 s (destructive test)
DISSIPATION FACTOR tan
δ:
≤ 25 • 10-3
INSULATION RESISTANCE Ris:
≥ 6 • 109 Ω
CATEGORY TEMPERATURE RANGE
ϑ
A:
(- 40 to + 125) °C
CLIMATIC CATEGORY ACC. TO EN60068-1:
40/125/21
COATING:
Epoxy, dipped, insulating, flame retarding acc. to
UL 94V-0
TAPING AND SPECIAL LEAD CONFIGURATIONS:
On request
MARKING (EXAMPLE):
WYO 1 nF to 2.5 nF
WYO 3.3 nF to 12 nF
All approval marks are also shown on the label.
440 ~ X1
WYO 2n2 M
250 ~ Y2
WYO 4n7 M
IEC 384-14/2
440 250 250 ~
X1 Y2
• Dimensions in mm
Impedance (Z) as a function of frequency
(f) at Ta = 20 °C (average). Measurement with lead length 6 mm.
Ø 0.6 ± 0.05
D Max.
3 Max.
F ± 1
L = 30 - 3
S Max.
V ± 0.5
0.1
1
10
10
-1
10
10
1
10
2
f
100
I = f (U
R) (typ.)
[MHz]
10
-2
10 nF
5 nF
3.3 nF
2.2 nF
1.0 nF
0
50
100
150
200
250
U
R
[V~]
500
400
300
200
100
0
RoHS
COMPLIANT


同様の部品番号 - WYO

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
WYO102CMKR VISHAY-WYO102CMKR Datasheet
166Kb / 5P
   EMI Suppression Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 250 VAC
01-Jan-2022
WYO103CMKR VISHAY-WYO103CMKR Datasheet
166Kb / 5P
   EMI Suppression Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 250 VAC
01-Jan-2022
WYO123CMKR VISHAY-WYO123CMKR Datasheet
166Kb / 5P
   EMI Suppression Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 250 VAC
01-Jan-2022
WYO152CMKR VISHAY-WYO152CMKR Datasheet
166Kb / 5P
   EMI Suppression Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 250 VAC
01-Jan-2022
WYO182CMKR VISHAY-WYO182CMKR Datasheet
166Kb / 5P
   EMI Suppression Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 250 VAC
01-Jan-2022
More results

同様の説明 - WYO

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
WYO472MCMCRBKR VISHAY-WYO472MCMCRBKR Datasheet
134Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 250 VAC
Revision: 10-Apr-13
WYO472MCMSDFKR VISHAY-WYO472MCMSDFKR Datasheet
134Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 250 VAC
Revision: 10-Apr-13
WYO472MCMCRAKR VISHAY-WYO472MCMCRAKR Datasheet
134Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 250 VAC
Revision: 10-Apr-13
WKO222MCPCRAKR VISHAY-WKO222MCPCRAKR Datasheet
138Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 05-Apr-13
WYO VISHAY-WYO_V01 Datasheet
166Kb / 5P
   EMI Suppression Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 250 VAC
01-Jan-2022
WKO VISHAY-WKO Datasheet
138Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 05-Apr-13
VKO VISHAY-VKO Datasheet
138Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
10-Sep-2021
VY2222M35Y5US63V7 VISHAY-VY2222M35Y5US63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2222M35Y5US63V0 VISHAY-VY2222M35Y5US63V0 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2222M35Y5UG63V7 VISHAY-VY2222M35Y5UG63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com