データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74VHCT86AD データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC74VHCT86AD
部品情報  Quad 2?묲nput XOR Gate / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT86AD データシート(HTML) 1 Page - ON Semiconductor

  MC74VHCT86AD Datasheet HTML 1Page - ON Semiconductor MC74VHCT86AD Datasheet HTML 2Page - ON Semiconductor MC74VHCT86AD Datasheet HTML 3Page - ON Semiconductor MC74VHCT86AD Datasheet HTML 4Page - ON Semiconductor MC74VHCT86AD Datasheet HTML 5Page - ON Semiconductor MC74VHCT86AD Datasheet HTML 6Page - ON Semiconductor MC74VHCT86AD Datasheet HTML 7Page - ON Semiconductor MC74VHCT86AD Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2006
March, 2006 − Rev. 1
1
Publication Order Number:
MC74VHCT86A/D
MC74VHCT86A
Product Preview
Quad 2−Input XOR Gate /
CMOS Logic Level Shifter
with LSTTL−Compatible Inputs
The MC74VHCT86A is an advanced high speed CMOS 2−input
Exclusive−OR gate fabricated with silicon gate CMOS technology. It
achieves high speed operation similar to equivalent Bipolar Schottky
TTL while maintaining CMOS low power dissipation.
The internal circuit is composed of three stages, including a buffer
output which provides high noise immunity and stable output.
The device input is compatible with TTL−type input thresholds and
the output has a full 5V CMOS level output swing. The input
protection circuitry on this device allows overvoltage tolerance on the
input, allowing the device to be used as a logic−level translator from
3.0V CMOS logic to 5.0V CMOS Logic or from 1.8V CMOS logic to
3.0V CMOS Logic while operating at the high−voltage power supply.
The MC74VHCT86A input structure provides protection when
voltages up to 7V are applied, regardless of the supply voltage. This
allows it to be used to interface 5V circuits to 3V circuits. The output
structures also provide protection when VCC = 0V. These input and
output structures help prevent device destruction caused by supply
voltage − input/output voltage mismatch, battery backup, hot
insertion, etc.
High Speed: tPD = 4.8ns (Typ) at VCC = 5V
Low Power Dissipation: ICC = 2μA (Max) at TA = 25°C
TTL−Compatible Inputs: VIL = 0.8V; VIH = 2.0V
Power Down Protection Provided on Inputs and Outputs
Balanced Propagation Delays
Designed for 2V to 5.5V Operating Range
Low Noise: VOLP = 0.8V (Max)
Pin and Function Compatible with Other Standard Logic Families
Latchup Performance Exceeds 300mA
ESD Performance: HBM > 2000V; Machine Model > 200V
w These devices are available in Pb−free package(s). Specifications herein
apply to both standard and Pb−free devices. Please see our website at
www.onsemi.com for specific Pb−free orderable part numbers, or
contact your local ON Semiconductor sales office or representative.
14−LEAD SOIC
D SUFFIX
CASE 751A
http://onsemi.com
14−LEAD TSSOP
DT SUFFIX
CASE 948G
14−LEAD SOIC EIAJ
M SUFFIX
CASE 965
L
L
H
H
L
H
L
H
Inputs
Output
AB
L
H
H
L
Y
FUNCTION TABLE
Device
Package
Shipping
ORDERING INFORMATION
MC74VHCT86AD
SOIC
55 Units/Rail
MC74VHCT86ADT
TSSOP
96 Units/Rail
MC74VHCT86AM
SOIC EIAJ
50 Units/Rail
PIN CONNECTION AND
MARKING DIAGRAM (Top View)
13
14
12
11
10
9
8
2
1
34567
VCC
B4
A4
Y4
B3
A3
Y3
A1
B1
Y1
A2
B2
Y2
GND
For detailed package marking information, see the Marking
Diagram section on page 4 of this data sheet.


同様の部品番号 - MC74VHCT86AD

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74VHCT86ADR2G ONSEMI-MC74VHCT86ADR2G Datasheet
87Kb / 6P
   Quad 2-Input XOR Gate / CMOS Logic Level Shifter
November, 2014 ??Rev. 3
MC74VHCT86ADTR2G ONSEMI-MC74VHCT86ADTR2G Datasheet
87Kb / 6P
   Quad 2-Input XOR Gate / CMOS Logic Level Shifter
November, 2014 ??Rev. 3
More results

同様の説明 - MC74VHCT86AD

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74VHC1GT86 ONSEMI-MC74VHC1GT86_07 Datasheet
80Kb / 6P
   2?묲nput Exclusive OR Gate / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 15
MC74VHC1GT02 ONSEMI-MC74VHC1GT02_07 Datasheet
73Kb / 6P
   Single 2?묲nput NOR Gate/CMOS Logic Level Shifter LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 11
MC74VHC1GT00 ONSEMI-MC74VHC1GT00_07 Datasheet
73Kb / 6P
   Single 2?묲nput NAND Gate/CMOS Logic Level Shifter LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 11
74HCT32 ONSEMI-74HCT32 Datasheet
128Kb / 8P
   Quad 2?묲nput OR Gate with LSTTL?묬ompatible Inputs
March, 2007 ??Rev. 0
MC74VHCT50A ONSEMI-MC74VHCT50A_V01 Datasheet
245Kb / 8P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
March, 2014 ??Rev. 9
MC74VHC1GT126 ONSEMI-MC74VHC1GT126_07 Datasheet
87Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 13
MC74VHCT50A ONSEMI-MC74VHCT50A_07 Datasheet
92Kb / 7P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
January, 2007??Rev. 6
MC74VHC1GT125 ONSEMI-MC74VHC1GT125_07 Datasheet
89Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 12
MC74VHC1GT14 ONSEMI-MC74VHC1GT14_07 Datasheet
79Kb / 6P
   Schmitt?뭈rigger Inverter / CMOS Logic Level Shifter LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 12
MC74VHCT86A ONSEMI-MC74VHCT86A_14 Datasheet
87Kb / 6P
   Quad 2-Input XOR Gate / CMOS Logic Level Shifter
November, 2014 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com