データシートサーチシステム |
|
FM200BBX データシート(PDF) 2 Page - Tyco Electronics |
|
FM200BBX データシート(HTML) 2 Page - Tyco Electronics |
2 / 2 page Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 2 KILOVAC FM200 Series (FLATMAN) (Continued) 200 Amp, 480Vac or 48Vdc Contactor with 1, 2 or Poles MAIN TERMINAL WIRE CONNECT VIA M8 BOLT W/LOCK/FLAT 13MM (0.5 IN) HEX HEAD 3.77 (95.8) 1.22 (31.0) C A B 3.77 (95.8) 3.42 (86.9) 2.74 (69.6) 2.98 (75.7) .256 DIA. (6.5) RIGHT ANGLE SCREW TERMINAL STRIP ACCEPTS #24 - #14 WIRE 4.2 (106.7) 2.29 (58.2) 1.93 (49.0) 2.29 (58.2) 1.86 (47.2) .40 (10.2) OPTIONAL TAB TERMINALS .250 x .032 (6.35 x .813) NUMBER OF POLES DIM. A B C 12 3 1.68 (42.7) 2.67 (67.7) 3.65 (92.7) 2.14 (54.3) 3.12 (79.3) 4.11 (104.4) 1.56 (39.6) 2.55 (64.6) 3.53 (89.7) WEIGHT 17.6 oz. (0.5 kg) 35.3 oz. (1.0 kg) 49.4 oz. (1.4 kg) Outline Dimensions Part Numbering System Typical Part Number FM200 A B XYX Series: FM200 = Multipole, 200 Amp, 480VAC/48VDC Contactor Control Voltage: A = 12VDC Coil, No Suppression B = 24VDC Converter, with Suppression C = 115VAC Converter, with Suppression D = 24VDC Electronic Chopper, with Suppression E = 240VAC Converter, with Suppression - Consult Factory for Availability and Specifications Optional Termination: A = Optional Quick Connect Tabs B = No Optional Terminals Pole Configuration (All models have a 1 Form A (SPST-NO) auxiliary switch): X = 1 Form X (SPST-NO-DM), Available with control voltage codes A, B, C and E XX = 2 Form X (2PST-NO-DM), Available with control voltage codes A, B, C and E XXX = 3 Form X (3PST-NO-DM), Available with control voltage codes A, B, C and E Y = 1 Form Y (SPST-NC-DB), Available only with control voltage code D YY = 2 Form Y (DPST-NC-DB), Available only with control voltage code D YYY = 3 Form Y (3PST-NC-DB), Available only with control voltage code D XY = 1 Form X (SPST-NO-DM) + 1 Form Y (SPST-NC-DB), Available with control voltage codes A, B, C and E XYX = 1 Form X (SPST-NO-DM) + 1 Form Y (SPST-NC-DB) + 1 Form X (SPST-NO-DM), Available with control voltage codes A, B, C and E YXY = 1 Form Y (SPST-NC-DB) + 1 Form X (SPST-NO-DM) + 1 Form Y (SPST-NC-DB), Available only with control voltage code D For factory-direct application assistance, dial 800-253-4560, ext. 2055, or 805-220-2055. 1654769 – 0M – KRG – PDF – 11-07 Printed in U.S.A. |
同様の部品番号 - FM200BBX |
|
同様の説明 - FM200BBX |