データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM200BAXX データシート(PDF) 2 Page - Tyco Electronics

部品番号 FM200BAXX
部品情報  KILOVAC FM200 (?쏤LATMAN?? Series 1-, 2- or 3-pole Contactor With Contacts Rated 200 Amps, 480Vac (50/60 Hz. ) or 48Vdc
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

FM200BAXX データシート(HTML) 2 Page - Tyco Electronics

  FM200BAXX Datasheet HTML 1Page - Tyco Electronics FM200BAXX Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
2
KILOVAC FM200 Series (FLATMAN) (Continued)
200 Amp, 480Vac or 48Vdc Contactor
with 1, 2 or Poles
MAIN TERMINAL
WIRE CONNECT
VIA M8 BOLT W/LOCK/FLAT
13MM (0.5 IN) HEX HEAD
3.77
(95.8)
1.22
(31.0)
C
A
B
3.77
(95.8)
3.42
(86.9)
2.74
(69.6)
2.98
(75.7)
.256 DIA.
(6.5)
RIGHT ANGLE SCREW
TERMINAL STRIP
ACCEPTS
#24 - #14 WIRE
4.2
(106.7)
2.29
(58.2)
1.93
(49.0)
2.29
(58.2)
1.86
(47.2)
.40
(10.2)
OPTIONAL TAB
TERMINALS
.250 x .032
(6.35 x .813)
NUMBER OF POLES
DIM.
A
B
C
12
3
1.68
(42.7)
2.67
(67.7)
3.65
(92.7)
2.14
(54.3)
3.12
(79.3)
4.11
(104.4)
1.56
(39.6)
2.55
(64.6)
3.53
(89.7)
WEIGHT
17.6 oz.
(0.5 kg)
35.3 oz.
(1.0 kg)
49.4 oz.
(1.4 kg)
Outline Dimensions
Part Numbering System
Typical Part Number
FM200
A
B
XYX
Series:
FM200 = Multipole, 200 Amp, 480VAC/48VDC Contactor
Control Voltage:
A = 12VDC Coil, No Suppression
B = 24VDC Converter, with Suppression
C = 115VAC Converter, with Suppression
D = 24VDC Electronic Chopper, with Suppression
E = 240VAC Converter, with Suppression - Consult Factory for Availability and Specifications
Optional Termination:
A = Optional Quick Connect Tabs
B = No Optional Terminals
Pole Configuration (All models have a 1 Form A (SPST-NO) auxiliary switch):
X = 1 Form X (SPST-NO-DM), Available with control voltage codes A, B, C and E
XX = 2 Form X (2PST-NO-DM), Available with control voltage codes A, B, C and E
XXX = 3 Form X (3PST-NO-DM), Available with control voltage codes A, B, C and E
Y = 1 Form Y (SPST-NC-DB), Available only with control voltage code D
YY = 2 Form Y (DPST-NC-DB), Available only with control voltage code D
YYY = 3 Form Y (3PST-NC-DB), Available only with control voltage code D
XY = 1 Form X (SPST-NO-DM) + 1 Form Y (SPST-NC-DB), Available with control voltage codes A, B, C and E
XYX = 1 Form X (SPST-NO-DM) + 1 Form Y (SPST-NC-DB) + 1 Form X (SPST-NO-DM), Available with control voltage codes A, B, C and E
YXY = 1 Form Y (SPST-NC-DB) + 1 Form X (SPST-NO-DM) + 1 Form Y (SPST-NC-DB), Available only with control voltage code D
For factory-direct application assistance, dial
800-253-4560, ext. 2055, or 805-220-2055.
1654769 – 0M – KRG – PDF – 11-07
Printed in U.S.A.


同様の部品番号 - FM200BAXX

メーカー部品番号データシート部品情報
logo
RFE international
FM200 RFE-FM200 Datasheet
87Kb / 1P
   FUSIBLE RESISTORS FM, FKN, & FSQ Series: Fusible
logo
TE Connectivity Ltd
FM200 TEC-FM200 Datasheet
197Kb / 2P
   n Optional quick connect tabs for sensing
logo
Extech Instruments Corp...
FM200 EXTECH-FM200 Datasheet
271Kb / 1P
   FM200 Handheld Formaldehyde (CH2O or HCHO) Meter
logo
RFE international
FM200 RFE-FM200 Datasheet
1Mb / 2P
   Fusible Flameproof Resistors
01-MAR-2023
logo
Rectron Semiconductor
FM2000 RECTRON-FM2000 Datasheet
176Kb / 6P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 2000 Volts CURRENT 1.0 Ampere
More results

同様の説明 - FM200BAXX

メーカー部品番号データシート部品情報
logo
Tyco Electronics
EV200 MACOM-EV200 Datasheet
255Kb / 2P
   KILOVAC EV200 Series Contactor With 1 Form X Contacts Rated 500 Amps, 12-900VDC
LEV200A4NAF MACOM-LEV200A4NAF Datasheet
300Kb / 3P
   KILOVAC LEV200 Series Contactor With 1 Form X Contacts Rated 500 Amps, 12-900Vdc
LEV200A4ANA MACOM-LEV200A4ANA Datasheet
297Kb / 2P
   KILOVAC LEV200 Series Contactor With 1 Form X Contacts Rated 500 Amps, 12-900Vdc
logo
TE Connectivity Ltd
EV200 TEC-EV200 Datasheet
297Kb / 2P
   KILOVAC EV200 Series Contactor With 1 Form X (SPST-NO)Contacts Rated 500 Amps, 12-900 Vdc
EV100 TEC-EV100 Datasheet
262Kb / 2P
   KILOVAC EV100 Series Contactor With 1 Form XContacts Rated 100 Amps Continuous, 600 Vdc
logo
List of Unclassifed Man...
PT570615 ETC2-PT570615 Datasheet
721Kb / 4P
   2 pole 12A, 3 pole 10A or 4 pole 6A, 2, 3 or 4 form C (CO) contacts
845HN ETC-845HN Datasheet
282Kb / 3P
   Sub-Miniature - 1 or 2 pole, 5-12 amps
logo
Schurter Inc.
6765 SCHURTER-6765 Datasheet
453Kb / 4P
   IEC Appliance Inlet C14 or C18 with Line Switch 1-or 2 pole and Fuseholder 1- or 2-pole
logo
Tyco Electronics
93-3100 MACOM-93-3100 Datasheet
100Kb / 2P
   Definite Purpose Contactor 3-pole, 50-60 FLA 3-pole, 50-60 FLA
logo
Laird Tech Smart Techno...
WL-1500 LSTD-WL-1500 Datasheet
1Mb / 9P
   Input power must be rated for 230 VAC at 50 or 60 Hz
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com