データシートサーチシステム |
|
FM200EAXY データシート(PDF) 1 Page - Tyco Electronics |
|
FM200EAXY データシート(HTML) 1 Page - Tyco Electronics |
1 / 2 page 1 Catalog 1654769 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 11-07 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Product Facts I Multi-pole configurations I Normally open, normally closed and mixed contact arrangements I Optional quick connect tabs for sensing I Small, lightweight & cost- effective – designed to be the smallest, lowest cost contactor in the industry with its current rating I Standard models available with 12VDC, 24VDC and 115 VAC coils. Consult factory for 240VAC coil models. I 1 Form A auxiliary contacts © 2003 and 2007 by Tyco Electronics Corporation. All Rights Reserved. FLATMAN, KILOVAC and TE Logo and Tyco Electronics are trademarks. KILOVAC FM200 (“FLATMAN”) Series 1-, 2- or 3-pole Contactor With Contacts Rated 200 Amps, 480Vac (50/60 Hz. ) or 48Vdc Coil Operating Voltage (valid over temperature range) Coil Designator Units A B C D Nominal Voltage V 12 (DC) 24 (DC) 115 (AC) 24 (DC) Voltage Range V 9.6-13.2 19.2-26.4 92-126.5 19.2-26.4 Hold Voltage V ≥0.5Vnom ≥0.5Vnom ≥0.5Vnom ≥0.5Vnom Dropout Voltage V ≤0.1Vnom ≤0.1Vnom ≤0.1Vnom ≤0.2Vnom Coil Resistance Data for Pole Configurations (@25°C) Coil Designator Units A B* C* D* Resistance ±10% Ohms X = 36 X = 36 X = 36 Y = 20.8 XX = 18 XX = 18 XX = 18 YY = 10.4 XXX = 12 XXX = 12 XXX = 12 YYY = 6.9 XY = 13.2 XY = 13.2 XY = 13.2 YXY = 8.1 XYX = 9.6 XYX = 9.6 XYX = 9.6 *Coil resistance not measurable at terminals due to converter/economizer circuit. Coil Current/Power Data for Pole Configurations (@25°C, Vcoil=1.1Vnom) Coil Designator A B** Current/Power X = 0.37 ADC / 4.84W X = 0.33ADC / 3.9W XX = 0.73ADC / 9.68W XX = 0.65ADC / 7.6W XXX = 1.1ADC / 14.5W XXX = 0.97ADC / 11.3W XY = 1.0ADC / 13.2W XY = 0.98ADC / 12.7W XYX = 1.38ADC / 18.2W XYX = 1.31ADC / 16.5W Coil Designator C D*** Pick-Up I / Duration Current/Power X = 0.067 Arms / 6.8VA Y = 0.13ADC / 3.4W 1.28ADC / 75ms XX = 0.115Arms / 11.6VA YY = 0.23ADC / 6.1W 2.4ADC / 75ms XXX = 0.146Arms / 14.8VA YYY = 0.34ADC / 9.0W 3.0ADC / 75ms XY = 0.074Arms / 7.5VA YXY = 0.28ADC / 7.4W 3.0ADC / 75ms XYX = 0.161Arms / 16.3VA **Average coil current. ***Economized. Operate/Release Time (25°C, 0.8Vnom ≤ V < Vnom) Typ. Coil Designator Units A B**** C**** D**** Operate Time ms 25-50 30-50 50-150 20-30 Release Time ms 10-20 70-80 75-100 75-100 Bounce Time ms 2-5 2-5 2-5 2-5 ****Includes internal coil suppression. Available Pole Configurations and Applicable Coil Codes No. of NC Poles (across) 0 1 2 3 No. of NO Poles (down) 0 Y YY YYY Coil D Coil D Coil D 1 X XY YXY Coil A/B/C/E Coil A/B/C/E Coil D 2 XX XYX Coil A/B/C/E Coil A/B/C/E 3 XXX Coil A/B/C/E X = Form X (NO-DM) Y = Form Y (NC-DB) Product Specifications Parameter Units Value for FM200 Series Contact Arrangement 1, 2 or 3 poles Contact Form (per pole) Form X or Y (NO-DM or NC-DB) Rated Operating Voltage V 480Vrms (L-L) or 48VDC Max. Contact Voltage (transient) V 750Vrms or 60VDC Continuous (Carry) Current Arms or ADC 200/pole (Form X) 150/pole (Form Y) Power Switching Form X (0.7-1.0 PF) Cycles 2,000 @ 300Arms 10,000@ 200Arms 20,000 @ 100Arms 5,000 @ 200A/48VDC 2 million @ 50A/28VDC Power Switching Form Y (0.7-1.0 PF) Cycles 2,000 @ 225Arms 10,000@ 150Arms 20,000 @ 75Arms 5,000 @ 150A/48VDC 2 million @ 35A/28VDC Mechanical Life Cycles >2 million Contact Voltage Drop mV 75 for Form X or Form Y Auxiliary Contact Arrangement 1 Form A (SPST-NO) Auxiliary Contact Rating Arms or ADC 1 @ 30VDC, 3 @ 125VAC Dielectric Withstanding Voltage Vrms 2,200 @ sea level Insulation Resistance @ 500VDC Megohms 100 Shock, 11ms 1/2 sine, peak G 10 Vibration, sine, 10-2000Hz. G 5 Operating Temperature °C -20 to +60 Storage Temperature °C -40 to +85 Ambient Humidity %RH 0 to 95 Weight oz. / kg 17.6 - 49.4 / 0.5 -1.4 See Outline Dimensions for model-specific weight information. For factory-direct application assistance, dial 800-253-4560, ext. 2055, or 805-220-2055. File E208033 |
同様の部品番号 - FM200EAXY |
|
同様の説明 - FM200EAXY |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |