データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

N04L63W1A データシート(PDF) 5 Page - ON Semiconductor

部品番号 N04L63W1A
部品情報  4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N04L63W1A データシート(HTML) 5 Page - ON Semiconductor

  N04L63W1A Datasheet HTML 1Page - ON Semiconductor N04L63W1A Datasheet HTML 2Page - ON Semiconductor N04L63W1A Datasheet HTML 3Page - ON Semiconductor N04L63W1A Datasheet HTML 4Page - ON Semiconductor N04L63W1A Datasheet HTML 5Page - ON Semiconductor N04L63W1A Datasheet HTML 6Page - ON Semiconductor N04L63W1A Datasheet HTML 7Page - ON Semiconductor N04L63W1A Datasheet HTML 8Page - ON Semiconductor N04L63W1A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Rev. 13 | Page 5 of 10 | www.onsemi.com
N04L63W1A
Timing Test Conditions
Item
Input Pulse Level
0.1VCC to 0.9 VCC
Input Rise and Fall Time
5ns
Input and Output Timing Reference Levels
0.5 VCC
Output Load
CL = 30pF
Operating Temperature
-40 to +85 oC
Timing
Item
Symbol
-70
-55
Units
2.3 - 2.65 V
2.7 - 3.6 V
2.7 - 3.6 V
Min.
Max.
Min.
Max.
Min.
Max.
Read Cycle Time
tRC
85
70
55
ns
Address Access Time
tAA
85
70
55
ns
Chip Enable to Valid Output
tCO
85
70
55
ns
Output Enable to Valid Output
tOE
30
25
25
ns
Byte Select to Valid Output
tLB, tUB
85
70
55
ns
Chip Enable to Low-Z output
tLZ
10
10
10
ns
Output Enable to Low-Z Output
tOLZ
555
ns
Byte Select to Low-Z Output
tBZ
10
10
10
ns
Chip Disable to High-Z Output
tHZ
020
020
020
ns
Output Disable to High-Z Output
tOHZ
020
020
020
ns
Byte Select Disable to High-Z Output
tBHZ
020
020
020
ns
Output Hold from Address Change
tOH
10
10
10
ns
Write Cycle Time
tWC
85
70
55
ns
Chip Enable to End of Write
tCW
50
50
45
ns
Address Valid to End of Write
tAW
50
50
45
ns
Byte Select to End of Write
tBW
50
50
45
ns
Write Pulse Width
tWP
40
40
40
ns
Address Setup Time
tAS
000
ns
Write Recovery Time
tWR
000
ns
Write to High-Z Output
tWHZ
20
20
20
ns
Data to Write Time Overlap
tDW
40
40
40
ns
Data Hold from Write Time
tDH
000
ns
End Write to Low-Z Output
tOW
555
ns


同様の部品番号 - N04L63W1A

メーカー部品番号データシート部品情報
logo
ON Semiconductor
N04L63W2A ONSEMI-N04L63W2A Datasheet
197Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
July 2008 - Rev. 10
N04L63W2AB27I ONSEMI-N04L63W2AB27I Datasheet
197Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
July 2008 - Rev. 10
N04L63W2AB27IT ONSEMI-N04L63W2AB27IT Datasheet
197Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
July 2008 - Rev. 10
N04L63W2AB7I ONSEMI-N04L63W2AB7I Datasheet
197Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
July 2008 - Rev. 10
N04L63W2AB7IT ONSEMI-N04L63W2AB7IT Datasheet
197Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
July 2008 - Rev. 10
More results

同様の説明 - N04L63W1A

メーカー部品番号データシート部品情報
logo
NanoAmp Solutions, Inc.
N04L163WC2A NANOAMP-N04L163WC2A Datasheet
265Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
logo
ON Semiconductor
N04L63W2A ONSEMI-N04L63W2A Datasheet
197Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
July 2008 - Rev. 10
logo
AMI SEMICONDUCTOR
N04L1630C2B AMI-N04L1630C2B Datasheet
194Kb / 12P
   4Mb Ultra-Low Power Asynchronous CMOS SRAMs 256K 횞 16 bit POWER SAVER TECHNOLOGY TM
logo
ON Semiconductor
N02L83W2A ONSEMI-N02L83W2A Datasheet
174Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 8 bit
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N04L1618C2A NANOAMP-N04L1618C2A Datasheet
246Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256Kx16 bit
N04L163WC1A NANOAMP-N04L163WC1A Datasheet
273Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
logo
List of Unclassifed Man...
N04L163WC1C ETC-N04L163WC1C Datasheet
271Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
logo
GSI Technology
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74117AX GSI-GS74117AX Datasheet
348Kb / 12P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12I GSI-GS74116AGP-12I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com